| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 5712D5001 Datasheet
# Example questions:
➢ Which plug types are available for the 5a, 18-watt power supply option?
➢ How does the mtbf differ between the 2a device and other current ratings?
➢ What is the maximum inrush current this power supply can handle?
# 12V AC-DC Switching Power Supply
## Specifications
AC Input
· Voltage Range: 90 - 264 VAC
· Input Frequency: 47 - 63 Hz
· Inrush Current: 30A Max
DC Output
· Voltage Range: 11.4V - 3.6V
· Current Range: 0.1A - 2A
Reliability
· Insulation Resistance: 50MΩ Min (Input to Output, DC 500V)
· MTBF: 50000 Hours (20000 Hours for 2A device ONLY)
Plug Types
· 2.1mm x 5.5mm Jack
· 2.5mm x 5.5mm Jack
· 1.35mm x 3.5mm Plug
· 2.1mm x 5.5mm Plug
· 2.5mm x 5.5mm Plug
## Ordering Information
| NTE Type No. | DC Output (Amps) | Wattage | Plug Type |
|---|---|---|---|
| 57-12D-500-1 | 0.5A | 6 | 2.1mm x 5.5mm Jack |
| 57-12D-500-2 | 0.5A | 6 | 2.5mm x 5.5mm Jack |
| 57-12D-500-3 | 0.5A | 6 | 1.35mm ID x 3.5mm OD Plug |
| 57-12D-500-4 | 0.5A | 6 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-500-5 | 0.5A | 6 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-1000-1 | 1A | 12 | 2.1mm x 5.5mm Jack |
| 57-12D-1000-2 | 1A | 12 | 2.5mm x 5.5mm Jack |
| 57-12D-1000-3 | 1A | 12 | 1.35mm ID x 3.5mm OD Plug |
| 57-12D-1000-4 | 1A | 12 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-1000-5 | 1A | 12 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-1500-1 | 1.5A | 18 | 2.1mm x 5.5mm Jack |
| 57-12D-1500-2 | 1.5A | 18 | 2.5mm x 5.5mm Jack |
| 57-12D-1500-4 | 1.5A | 18 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-1500-5 | 1.5A | 18 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-2000-4 | 2A | 24 | 2.1mm ID x 5.5mm OD Plug |
# 12V AC-DC Switching Power Supply
## Specifications
AC Input
· Voltage Range: 90 - 264 VAC
· Input Frequency: 47 - 63 Hz
· Inrush Current: 30A Max
DC Output
· Voltage Range: 11.4V - 3.6V
· Current Range: 0.1A - 2A
Reliability
· Insulation Resistance: 50MΩ Min (Input to Output, DC 500V)
· MTBF: 50000 Hours (20000 Hours for 2A device ONLY)
Plug Types
· 2.1mm x 5.5mm Jack
· 2.5mm x 5.5mm Jack
· 1.35mm x 3.5mm Plug
· 2.1mm x 5.5mm Plug
· 2.5mm x 5.5mm Plug
## Ordering Information
| NTE Type No. | DC Output (Amps) | Wattage | Plug Type |
|---|---|---|---|
| 57-12D-500-1 | 0.5A | 6 | 2.1mm x 5.5mm Jack |
| 57-12D-500-2 | 0.5A | 6 | 2.5mm x 5.5mm Jack |
| 57-12D-500-3 | 0.5A | 6 | 1.35mm ID x 3.5mm OD Plug |
| 57-12D-500-4 | 0.5A | 6 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-500-5 | 0.5A | 6 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-1000-1 | 1A | 12 | 2.1mm x 5.5mm Jack |
| 57-12D-1000-2 | 1A | 12 | 2.5mm x 5.5mm Jack |
| 57-12D-1000-3 | 1A | 12 | 1.35mm ID x 3.5mm OD Plug |
| 57-12D-1000-4 | 1A | 12 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-1000-5 | 1A | 12 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-1500-1 | 1.5A | 18 | 2.1mm x 5.5mm Jack |
| 57-12D-1500-2 | 1.5A | 18 | 2.5mm x 5.5mm Jack |
| 57-12D-1500-4 | 1.5A | 18 | 2.1mm ID x 5.5mm OD Plug |
| 57-12D-1500-5 | 1.5A | 18 | 2.5mm ID x 5.5mm OD Plug |
| 57-12D-2000-4 | 2A | 24 | 2.1mm ID x 5.5mm OD Plug |
| Part No. | 5712D5001 |
| Manufacturer | NTE |
| Size | 979 Kbytes |
| Pages | 1 page |
| Description | 12V AC?묭C Switching Power Supply |