Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBCRJS44F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DBCRJS44F Datasheet

  • # Example questions: ➢ What material is the contact made of?
    ➢ What is the current rating of these networking sockets?
    ➢ What is the maximum operating temperature for these networking sockets?

  • Part No.DBCRJS44F
    ManufacturerDUBILIER
    Size705 Kbytes
    Pages2 pages
    DescriptionNETWORKING SOCKETS TOP ENTRY PCB JACK
    Datasheet Summary with AI

    ## SUMMARY:

    Product: Networking Sockets Top Entry PCB Jack

    Key Features:

    ️· Options: Available in 4-8 ways.
    ️· Contact Loading: Selective loading of contacts.
    ️· Mounting: Designed for board solderability.
    ️· Cost-Effective: Competitively priced.

    Specifications:

    ️· Current Rating: 3A
    ️· Contact Resistance: 30mΩ max at DC 100mA
    ️· Dielectric Withstanding Voltage: AC 500V for 1 minute
    ️· Insulation Resistance: 1000mΩ min at DC 500V
    ️· Plating: Selective gold plating over Nickel Tin plate on solder foils.
    ️· Housing Material: UL94V0 Standard
    ️· Color: Black

    ️· Contact Material: 0.35mm Phosphor Bronze
    ️· Operating Temperature: -55°C to +105°C

    Dimensions (Example - varies based on number of ways):

    | No of Positions | A (mm) | B (mm) | C (mm) | D (mm) |
    |---|---|---|---|---|
    | 4 | 13.97 | 11.43 | 7.62 | 3.81 |
    | 6 | 15.75 | 13.46 | 10.16 | 6.35 |
    | 8 | 17.65 | 15.36 | 11.43 | 8.89 |

    ## SUMMARY:

    Product: Networking Sockets Top Entry PCB Jack

    Key Features:

    ️· Options: Available in 4-8 ways.
    ️· Contact Loading: Selective loading of contacts.
    ️· Mounting: Designed for board solderability.
    ️· Cost-Effective: Competitively priced.

    Specifications:

    ️· Current Rating: 3A
    ️· Contact Resistance: 30mΩ max at DC 100mA
    ️· Dielectric Withstanding Voltage: AC 500V for 1 minute
    ️· Insulation Resistance: 1000mΩ min at DC 500V
    ️· Plating: Selective gold plating over Nickel Tin plate on solder foils.
    ️· Housing Material: UL94V0 Standard
    ️· Color: Black
    ️· Contact Material: 0.35mm Phosphor Bronze
    ️· Operating Temperature: -55°C to +105°C

    Dimensions (Example - varies based on number of ways):

    No of Positions A (mm) B (mm) C (mm) D (mm)
    4 13.97 11.43 7.62 3.81
    6 15.75 13.46 10.16 6.35
    8 17.65 15.36 11.43 8.89

    Part No.DBCRJS44F
    ManufacturerDUBILIER
    Size705 Kbytes
    Pages2 pages
    DescriptionNETWORKING SOCKETS TOP ENTRY PCB JACK