| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about REF01CS Datasheet
# Example questions:
➢ What is the difference in long-term stability (∆vo) specified for ref01, ref02, and ref03 after 1000 hours of operation?
➢ What is the dropout voltage for the ref03?
➢ What is the maximum junction temperature (tj) specified for these devices?
1. Device Overview:
️· The document details three precision voltage references: REF01, REF02, and REF03. Each has slightly different specifications and operating ranges.
2. Specific Model Specifications (Key Metrics):
| Feature | REF01 (General) | REF02 (General) | REF03 (General) |
|---|---|---|---|
| Output Voltage | 2.500V | 2.500V | 2.500V |
| Operating Temp Range | -55°C to +125°C (varies by suffix) | Same as REF01 (varies by suffix) | -40°C to +85°C |
| Output Adjustment Range | ±6% - ±11% (varies by suffix) | ±6% - ±11% (varies by suffix) | ±6% - ±11% |
| Line Regulation | 20 ppm/V - 50 ppm/V | 20 ppm/V - 50 ppm/V | 20 ppm/V - 50 ppm/V |
| Load Regulation | 60 ppm/mA - 100 ppm/mA | 60 ppm/mA - 100 ppm/mA | 60 ppm/mA - 100 ppm/mA |
| Voltage Noise (eN p-p) | 15µV - 6µV | 15µV - 6µV | 6 µV |
| Short Circuit Duration | Indefinite | Indefinite | Indefinite |
| Input Voltage | 36V | 36V | 36V |
| Quiescent Current (IIN) | 1.0 mA - 1.4 mA | 1.0 mA - 1.4 mA | 1.0 mA - 1.4 mA |
1. Device Overview:
️· The document details three precision voltage references: REF01, REF02, and REF03. Each has slightly different specifications and operating ranges.
2. Specific Model Specifications (Key Metrics):
| Feature | REF01 (General) | REF02 (General) | REF03 (General) |
|---|---|---|---|
| Output Voltage | 2.500V | 2.500V | 2.500V |
| Operating Temp Range | -55°C to +125°C (varies by suffix) | Same as REF01 (varies by suffix) | -40°C to +85°C |
| Output Adjustment Range | ±6% - ±11% (varies by suffix) | ±6% - ±11% (varies by suffix) | ±6% - ±11% |
| Line Regulation | 20 ppm/V - 50 ppm/V | 20 ppm/V - 50 ppm/V | 20 ppm/V - 50 ppm/V |
| Load Regulation | 60 ppm/mA - 100 ppm/mA | 60 ppm/mA - 100 ppm/mA | 60 ppm/mA - 100 ppm/mA |
| Voltage Noise (eN p-p) | 15µV - 6µV | 15µV - 6µV | 6 µV |
| Short Circuit Duration | Indefinite | Indefinite | Indefinite |
| Input Voltage | 36V | 36V | 36V |
| Quiescent Current (IIN) | 1.0 mA - 1.4 mA | 1.0 mA - 1.4 mA | 1.0 mA - 1.4 mA |
| Part No. | REF01CS |
| Manufacturer | AD |
| Size | 507 Kbytes |
| Pages | 20 pages |
| Description | Precision 2.5 V, 5.0 V, and 10.0 V Voltage References |