Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATS611LSB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS611LSB Datasheet

  • # Example questions: ➢ The document details qualification tests for the sensor. what is the acceptable failure rate for these tests (excluding destructive esd tests)?
    ➢ What temperature can the sensor face withstand, and what is mentioned regarding industry-accepted soldering techniques?
    ➢ What is a key feature of the ats622lsb sensor that requires a specific evaluation technique to measure its performance accurately?

  • Part No.ATS611LSB
    ManufacturerALLEGRO
    Size153 Kbytes
    Pages12 pages
    DescriptionTRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
    Datasheet Summary with AI

    1. Product Overview: Allegro ATS622LSB Gear-Tooth Sensor

    ️· What it is: A Hall-effect sensor specifically designed for detecting gear teeth (or similar repetitive structures). It's a magnetic sensor, meaning it detects the magnetic fields created by the rotating gear.
    ️· Purpose: Provides precise timing and positioning information based on gear rotation. Used in applications where accurate measurement of gear speed or position is required.
    ️· Key Distinction: The ATS622LSB is advertised for its ability to *self-calibrate* at power-on, mitigating performance variation due to installation inaccuracies.

    2. Key Features/Benefits

    ️· Self-Calibration: Automatically adjusts to installation variations, maintaining accuracy. Requires power cycling after air gap changes.
    ️· High Timing Accuracy: Achieved by carefully designed sensor elements and calibration. Best results with targets > 100mm diameter.
    ️· Precise Duty Cycle: Maintains consistent pulse width (duty cycle) over varying air gaps and temperatures, aided by internal compensation.
    ️· Fine-Pitch Gear Compatibility: Sensor rotation can improve detection of closely spaced teeth.
    ️· Robustness: Designed to withstand varying environmental conditions.

    3. Technical Details

    ️· Sensor Type: Hall-effect
    ️· Operating Principle: Detects magnetic fields from rotating gear teeth.
    ️· Calibration Requirement: Needs power cycling (re-calibration) after significant air gap changes.
    ️· Update Algorithm: Internally compensates for small air gap changes, but a full power cycle is needed for larger adjustments.
    ️· Timing Accuracy: Optimized for targets > 100mm in diameter.
    ️· Signal Timing Accuracy: Best results with tooth-to-valley transitions for larger-diameter gears.
    ️· ESD Tolerance: Tested to industry standards for electrostatic discharge (ESD).
    ️· Lead Finish: 90/10 tin/lead solder plate.
    ️· Operating Temperature Range: (Not explicitly stated, but implied from qualification testing).
    ️· Lead Pull Strength: 8 N.

    4. Application Information

    ️· Typical Applications: Gear speed and position measurement in various industrial and automotive applications.
    ️· Evaluation Technique: Special evaluation procedure needed to assess performance due to self-calibration. Requires repowering at each air gap during testing.
    ️· Signal Duty Cycle Maintenance: The device is expected to maintain duty cycle over air gap, but requires repowering to re-calibrate.
    ️· Fine Pitch Gears: Sensor rotation can enhance performance with closely spaced teeth.
    ️· Recommended Target Diameter: > 100mm for optimal accuracy.
    ️· Mounting Considerations: Parallel mounting on PC board is possible.
    ️· Sensor location The design objective is that the sensor is located in the packages center.
    ️· Lead Cross Section: A diagram illustrating the dimensions of the lead.

    5. Mechanical Information

    ️· Sensor Face Material: Thermoset epoxy (max temp 170°C, short excursions to 225°C allowed).
    ️· Housing Material: Thermoplastic PBT (DTUL 204-225°C).
    ️· Lead Material: Copper.
    ️· Soldering: Standard industry soldering techniques, avoiding exceeding component temperature limits.
    ️· Dimensional Diagrams: Provided for sensor face, housing, and lead cross-section.

    Key Terminology

    ️· Hall-Effect Sensor: A type of sensor that produces a voltage proportional to a magnetic field.
    ️· Gear Tooth: The projection on a gear that meshes with another gear to transmit power.
    ️· Self-Calibration: The ability of a device to automatically adjust its performance to compensate for installation variations.
    ️· Duty Cycle: The ratio of the on-time to the total cycle time of a signal.
    ️· DTUL (Deflection Temperature Under Load): A measure of the temperature at which a material deflects a specified amount under a specified load.
    ️· ESD (Electrostatic Discharge): A sudden transfer of electrical charge.
    ️· Repowering: Cycling power on and off the sensor.



    Areas of Confusion/Missing Information

    ️· Operating Temperature Range: The document doesn’t explicitly state the full operating temperature range for the sensor. It's implied from qualification tests, but the specific bounds are absent.
    ️· Electrical Characteristics: Basic electrical parameters like supply voltage, current consumption, and output voltage levels are not listed.
    ️· Detailed Calibration Procedure: While the need for calibration is emphasized, the exact steps of the calibration procedure are not fully explained.



    I have attempted to cover everything from the given text. Let me know if you need me to clarify or expand on any aspect!

    1. Product Overview: Allegro ATS622LSB Gear-Tooth Sensor

    ️· What it is: A Hall-effect sensor specifically designed for detecting gear teeth (or similar repetitive structures). It's a magnetic sensor, meaning it detects the magnetic fields created by the rotating gear.
    ️· Purpose: Provides precise timing and positioning information based on gear rotation. Used in applications where accurate measurement of gear speed or position is required.
    ️· Key Distinction: The ATS622LSB is advertised for its ability to *self-calibrate* at power-on, mitigating performance variation due to installation inaccuracies.

    2. Key Features/Benefits

    ️· Self-Calibration: Automatically adjusts to installation variations, maintaining accuracy. Requires power cycling after air gap changes.
    ️· High Timing Accuracy: Achieved by carefully designed sensor elements and calibration. Best results with targets > 100mm diameter.
    ️· Precise Duty Cycle: Maintains consistent pulse width (duty cycle) over varying air gaps and temperatures, aided by internal compensation.
    ️· Fine-Pitch Gear Compatibility: Sensor rotation can improve detection of closely spaced teeth.
    ️· Robustness: Designed to withstand varying environmental conditions.

    3. Technical Details

    ️· Sensor Type: Hall-effect
    ️· Operating Principle: Detects magnetic fields from rotating gear teeth.
    ️· Calibration Requirement: Needs power cycling (re-calibration) after significant air gap changes.
    ️· Update Algorithm: Internally compensates for small air gap changes, but a full power cycle is needed for larger adjustments.
    ️· Timing Accuracy: Optimized for targets > 100mm in diameter.
    ️· Signal Timing Accuracy: Best results with tooth-to-valley transitions for larger-diameter gears.
    ️· ESD Tolerance: Tested to industry standards for electrostatic discharge (ESD).
    ️· Lead Finish: 90/10 tin/lead solder plate.
    ️· Operating Temperature Range: (Not explicitly stated, but implied from qualification testing).
    ️· Lead Pull Strength: 8 N.

    4. Application Information

    ️· Typical Applications: Gear speed and position measurement in various industrial and automotive applications.
    ️· Evaluation Technique: Special evaluation procedure needed to assess performance due to self-calibration. Requires repowering at each air gap during testing.
    ️· Signal Duty Cycle Maintenance: The device is expected to maintain duty cycle over air gap, but requires repowering to re-calibrate.
    ️· Fine Pitch Gears: Sensor rotation can enhance performance with closely spaced teeth.
    ️· Recommended Target Diameter: > 100mm for optimal accuracy.
    ️· Mounting Considerations: Parallel mounting on PC board is possible.
    ️· Sensor location The design objective is that the sensor is located in the packages center.
    ️· Lead Cross Section: A diagram illustrating the dimensions of the lead.

    5. Mechanical Information

    ️· Sensor Face Material: Thermoset epoxy (max temp 170°C, short excursions to 225°C allowed).
    ️· Housing Material: Thermoplastic PBT (DTUL 204-225°C).
    ️· Lead Material: Copper.
    ️· Soldering: Standard industry soldering techniques, avoiding exceeding component temperature limits.
    ️· Dimensional Diagrams: Provided for sensor face, housing, and lead cross-section.

    Key Terminology

    ️· Hall-Effect Sensor: A type of sensor that produces a voltage proportional to a magnetic field.
    ️· Gear Tooth: The projection on a gear that meshes with another gear to transmit power.
    ️· Self-Calibration: The ability of a device to automatically adjust its performance to compensate for installation variations.
    ️· Duty Cycle: The ratio of the on-time to the total cycle time of a signal.
    ️· DTUL (Deflection Temperature Under Load): A measure of the temperature at which a material deflects a specified amount under a specified load.
    ️· ESD (Electrostatic Discharge): A sudden transfer of electrical charge.
    ️· Repowering: Cycling power on and off the sensor.



    Areas of Confusion/Missing Information

    ️· Operating Temperature Range: The document doesn’t explicitly state the full operating temperature range for the sensor. It's implied from qualification tests, but the specific bounds are absent.
    ️· Electrical Characteristics: Basic electrical parameters like supply voltage, current consumption, and output voltage levels are not listed.
    ️· Detailed Calibration Procedure: While the need for calibration is emphasized, the exact steps of the calibration procedure are not fully explained.



    I have attempted to cover everything from the given text. Let me know if you need me to clarify or expand on any aspect!

    Part No.ATS611LSB
    ManufacturerALLEGRO
    Size153 Kbytes
    Pages12 pages
    DescriptionTRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR