Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATS611LSB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS611LSB Datasheet

  • # Example questions: ➢ What happens if any failures are observed during the stringent qualification tests?
    ➢ What is the recommended technique for accurately measuring the performance of the ats660lsb, particularly regarding duty cycle capabilities?
    ➢ What is the primary function of the self-calibrating feature of the ats660lsb?

  • Part No.ATS611LSB
    ManufacturerALLEGRO
    Size214 Kbytes
    Pages16 pages
    DescriptionTRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
    Datasheet Summary with AI

    1. What is the ATS660LSB?

    ️· Type: A self-calibrating Hall-effect sensor designed specifically for detecting gear teeth or other repetitive target structures.
    ️· Key Feature: "Self-calibrating" means it automatically compensates for installation inaccuracies, making it more reliable in various applications.
    ️· Applications: Automotive transmission, speed sensing, position sensing, gear-tooth detection.

    2. Key Technical Specs & Capabilities (Implied - not always directly stated)

    ️· Target Structures: Designed for repetitive features (gear teeth, slots, etc.).
    ️· Operating Range: Works best with target diameters greater than 100mm for optimal accuracy.
    ️· Duty Cycle Stability: Maintains accurate duty cycles (the proportion of time the output is high) even with air gap variations. Irregular teeth will cause variations.
    ️· Timing Accuracy: Improved with larger diameter targets. Tooth-to-valley transitions tend to be better than valley-to-tooth for accuracy.
    ️· Temperature Operation: AEC-Q100 qualified. See table for temperatures in qualification testing.
    ️· Fine-Pitch Gears: Rotation of the sensor face can improve detection of small-pitch targets.

    3. Self-Calibration – How it Works & Why it’s Important

    ️· Automatic Compensation: The sensor adjusts for installation errors automatically.

    1. What is the ATS660LSB?

    ️· Type: A self-calibrating Hall-effect sensor designed specifically for detecting gear teeth or other repetitive target structures.
    ️· Key Feature: "Self-calibrating" means it automatically compensates for installation inaccuracies, making it more reliable in various applications.
    ️· Applications: Automotive transmission, speed sensing, position sensing, gear-tooth detection.

    2. Key Technical Specs & Capabilities (Implied - not always directly stated)

    ️· Target Structures: Designed for repetitive features (gear teeth, slots, etc.).
    ️· Operating Range: Works best with target diameters greater than 100mm for optimal accuracy.
    ️· Duty Cycle Stability: Maintains accurate duty cycles (the proportion of time the output is high) even with air gap variations. Irregular teeth will cause variations.
    ️· Timing Accuracy: Improved with larger diameter targets. Tooth-to-valley transitions tend to be better than valley-to-tooth for accuracy.
    ️· Temperature Operation: AEC-Q100 qualified. See table for temperatures in qualification testing.
    ️· Fine-Pitch Gears: Rotation of the sensor face can improve detection of small-pitch targets.

    3. Self-Calibration – How it Works & Why it’s Important

    ️· Automatic Compensation: The sensor adjusts for installation errors automatically.

    Part No.ATS611LSB
    ManufacturerALLEGRO
    Size214 Kbytes
    Pages16 pages
    DescriptionTRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR