| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BXHF1068 Datasheet
# Example questions:
➢ What is the maximum allowable supply current for the model bxhf1068?
➢ Within what temperature range can the model bxhf1068 safely operate?
➢ What type of rf connectors are used with this amplifier?
# Microwave Amplifier - Model BXHF1068
## General Description
️· Covers frequency range of 19 GHz to 27 GHz.
️· Three-stage design with input voltage regulator, reverse bias protection, and laser-sealed housing.
️· Available in a screened MIL-STD-883 version as model SXHF1068.
️· All specifications based on measurements in a 50-ohm system with +/- 2% DC supply voltage tolerance.
## Features
️· Output Power @ 1dB Compression: +28 dBm
️· Reverse Bias Protection
️· Input Voltage Regulator
️· Laser Sealed Housing
️· Input RF Surge Protection
## Specifications
Typical Performance (at 25°C)
️· Gain: 45 dB (Min/Max: 43 dB)
️· Output Power @ 1 dB Compression: +28 dBm (Min/Max: +27 dBm)
️· Input VSWR: 1.5:1 (Max: 2.0:1)
️· Output VSWR: 1.5:1 (Max: 2.0:1)
️· 3rd Order Output Intercept Point: +36 dBm
️· 2nd Order Output Intercept Point: +46 dBm
️· Noise Figure: 4.5 dB (Min/Max: 6.0 dB)
️· Supply Voltage: +12 to +15 volts
️· Supply Current: 800 mA (Max: 850 mA)
## Environmental & Physical Characteristics
️· Housing Size: 1.970" L x 0.890" W x 0.290" H
️· RF Connectors: Gold Plated Pins or SMA Female
️· Operating Case Temperature: -20°C to +70°C
️· Storage Temperature: -65°C to +125°C
️· Operating Temperature (Case): -40°C to +85°C
️· Maximum Input Drive (CW): +20 dBm
️· Maximum DC Voltage: +17 VDC
# Microwave Amplifier - Model BXHF1068
## General Description
️· Covers frequency range of 19 GHz to 27 GHz.
️· Three-stage design with input voltage regulator, reverse bias protection, and laser-sealed housing.
️· Available in a screened MIL-STD-883 version as model SXHF1068.
️· All specifications based on measurements in a 50-ohm system with +/- 2% DC supply voltage tolerance.
## Features
️· Output Power @ 1dB Compression: +28 dBm
️· Reverse Bias Protection
️· Input Voltage Regulator
️· Laser Sealed Housing
️· Input RF Surge Protection
## Specifications
Typical Performance (at 25°C)
️· Gain: 45 dB (Min/Max: 43 dB)
️· Output Power @ 1 dB Compression: +28 dBm (Min/Max: +27 dBm)
️· Input VSWR: 1.5:1 (Max: 2.0:1)
️· Output VSWR: 1.5:1 (Max: 2.0:1)
️· 3rd Order Output Intercept Point: +36 dBm
️· 2nd Order Output Intercept Point: +46 dBm
️· Noise Figure: 4.5 dB (Min/Max: 6.0 dB)
️· Supply Voltage: +12 to +15 volts
️· Supply Current: 800 mA (Max: 850 mA)
## Environmental & Physical Characteristics
️· Housing Size: 1.970" L x 0.890" W x 0.290" H
️· RF Connectors: Gold Plated Pins or SMA Female
️· Operating Case Temperature: -20°C to +70°C
️· Storage Temperature: -65°C to +125°C
️· Operating Temperature (Case): -40°C to +85°C
️· Maximum Input Drive (CW): +20 dBm
️· Maximum DC Voltage: +17 VDC
| Part No. | BXHF1068 |
| Manufacturer | APITECH |
| Size | 113 Kbytes |
| Pages | 2 pages |
| Description | Microwave Amplifi er |