Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WCS-6020 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WCS-6020 Datasheet

  • # Example questions: ➢ What are the environmental operating conditions (temperature and humidity) specified for the wcs-6020, and what operating systems are compatible with its viewing software?
    ➢ What wireless standards does the wcs-6020 support, and what is the maximum data transfer rate it can achieve over a wireless connection?
    ➢ Describe the wcs-6020's video and audio capabilities, including supported compression formats and features like motion detection zones.

  • Part No.WCS-6020
    ManufacturerLVL1
    Size491 Kbytes
    Pages6 pages
    Description2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
    Datasheet Summary with AI

    # LevelOne WCS-6020: 2-Megapixel Day/Night Wireless P/T Network Camera

    Overview:

    The LevelOne WCS-6020 is a cost-effective surveillance camera designed for home and office use. It offers flexible installation options (wired or wireless), easy setup via WPS, and a motorized pan and tilt feature for wide-area coverage.

    Key Features:

    ️· Resolution: 2-Megapixel (1920x1080)
    ️· Connectivity: Wireless (IEEE 802.11b/g/n) or Wired (RJ45)
    ️· Pan/Tilt: Motorized, ±355° pan, ±135° tilt
    ️· Night Vision: Built-in IR LEDs for up to 10m range
    ️· Audio: Built-in microphone and speaker for 2-way communication
    ️· Storage: SD/SDHC card slot & USB port for local storage
    ️· Motion Detection: 16 zones with adjustable sensitivity
    ️· Software: Free 64-channel management software (supports iCamSecure App)
    ️· Security: WPS for easy wireless setup, HTTPS encryption
    ️· Power: 12W, DC12V

    Technical Specifications:


    ️· Image Sensor: 1/2.7" Progressive Scan CMOS
    ️· Lens: Fixed focal length, f=4.0 mm, F2.0
    ️· Video Compression: H.264/MPEG-4/MJPEG
    ️· Frame Rate: Up to 30 fps at 1920x1080
    ️· Minimum Illumination: Color: 1.5 lux, B/W: 1.0 lux
    ️· Operating Temperature: 0°C ~ 40°C
    ️· Dimensions: 105 x 110 x 105 mm
    ️· Weight: 356 g

    # LevelOne WCS-6020: 2-Megapixel Day/Night Wireless P/T Network Camera

    Overview:

    The LevelOne WCS-6020 is a cost-effective surveillance camera designed for home and office use. It offers flexible installation options (wired or wireless), easy setup via WPS, and a motorized pan and tilt feature for wide-area coverage.

    Key Features:

    ️· Resolution: 2-Megapixel (1920x1080)
    ️· Connectivity: Wireless (IEEE 802.11b/g/n) or Wired (RJ45)
    ️· Pan/Tilt: Motorized, ±355° pan, ±135° tilt
    ️· Night Vision: Built-in IR LEDs for up to 10m range
    ️· Audio: Built-in microphone and speaker for 2-way communication
    ️· Storage: SD/SDHC card slot & USB port for local storage
    ️· Motion Detection: 16 zones with adjustable sensitivity
    ️· Software: Free 64-channel management software (supports iCamSecure App)
    ️· Security: WPS for easy wireless setup, HTTPS encryption
    ️· Power: 12W, DC12V

    Technical Specifications:

    ️· Image Sensor: 1/2.7" Progressive Scan CMOS
    ️· Lens: Fixed focal length, f=4.0 mm, F2.0
    ️· Video Compression: H.264/MPEG-4/MJPEG
    ️· Frame Rate: Up to 30 fps at 1920x1080
    ️· Minimum Illumination: Color: 1.5 lux, B/W: 1.0 lux
    ️· Operating Temperature: 0°C ~ 40°C
    ️· Dimensions: 105 x 110 x 105 mm
    ️· Weight: 356 g

    Part No.WCS-6020
    ManufacturerLVL1
    Size491 Kbytes
    Pages6 pages
    Description2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs