Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA157 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BA157 Datasheet

  • # Example questions: ➢ What is the recommended operating and storage temperature range for these rectifiers?
    ➢ What is the maximum reverse voltage that the ba158 rectifier can withstand?
    ➢ What test conditions are used to determine the reverse recovery time?

  • Part No.BA157
    ManufacturerBYTES
    Size152 Kbytes
    Pages2 pages
    Description1.0 AMP FAST RECOVERY RECTIFIERS
    Datasheet Summary with AI

    # BA157/BA158/BA159 - Fast Recovery Rectifiers

    ## General Features

    ️· 1.0 Ampere, 400-1000 Volt
    ️· Fast Recovery
    ️· Low forward voltage drop
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· UL 94V-0 flame retardant epoxy
    ️· DO-41 Package

    ## Electrical Characteristics (Typical Values)

    | Parameter | BA157 | BA158 | BA159 | Units |
    | ----------------------------- | ----- | ----- | ----- | ----- |
    | Maximum Recurrent Peak Reverse Voltage | 400 | 600 | 1000 | V |
    | Maximum RMS Voltage | 280 | 420 | 700 | V |
    | Maximum DC Blocking Voltage | 400 | 600 | 1000 | V |

    | Maximum Average Forward Rectified Current | 1.0 | 1.0 | 1.0 | A |
    | Lead Length (at Ta=75°C) | 0.375" | 0.375" | 0.375" | in |
    | Peak Forward Surge Current | 100 | 100 | 100 | A |
    | Operating and Storage Temperature Range | -65 to +150 | -65 to +150 | -65 to +150 | °C |

    ## Mechanical Details

    ️· Package: DO-41
    ️· Dimensions (inches): 1.0 x 1.0 x 0.375"
    ️· Lead Length: 0.375"

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
    ️· Measured at 1MHz and applied reverse voltage of 4.0V D.C.

    # BA157/BA158/BA159 - Fast Recovery Rectifiers

    ## General Features

    ️· 1.0 Ampere, 400-1000 Volt
    ️· Fast Recovery
    ️· Low forward voltage drop
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· UL 94V-0 flame retardant epoxy
    ️· DO-41 Package

    ## Electrical Characteristics (Typical Values)

    Parameter BA157 BA158 BA159 Units
    Maximum Recurrent Peak Reverse Voltage 400 600 1000 V
    Maximum RMS Voltage 280 420 700 V
    Maximum DC Blocking Voltage 400 600 1000 V
    Maximum Average Forward Rectified Current 1.0 1.0 1.0 A
    Lead Length (at Ta=75°C) 0.375" 0.375" 0.375" in
    Peak Forward Surge Current 100 100 100 A
    Operating and Storage Temperature Range -65 to +150 -65 to +150 -65 to +150 °C

    ## Mechanical Details

    ️· Package: DO-41
    ️· Dimensions (inches): 1.0 x 1.0 x 0.375"
    ️· Lead Length: 0.375"

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
    ️· Measured at 1MHz and applied reverse voltage of 4.0V D.C.

    Part No.BA157
    ManufacturerBYTES
    Size152 Kbytes
    Pages2 pages
    Description1.0 AMP FAST RECOVERY RECTIFIERS