Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCX591 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FCX591 Datasheet

  • # Example questions: ➢ How does the power dissipation change with temperature, given the specified value at 25°c?
    ➢ What is the maximum continuous collector current this transistor can handle?
    ➢ Which complementary type is listed for this transistor?

  • Part No.FCX591
    ManufacturerETC
    Size40 Kbytes
    Pages1 page
    DescriptionSOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
    Datasheet Summary with AI

    # FCX591 PNP Transistor

    ## Absolute Maximum Ratings

    ️· VCBO: -80 V (Collector-Base Voltage)
    ️· VCEO: -60 V (Collector-Emitter Voltage)
    ️· VEBO: -5 V (Emitter-Base Voltage)
    ️· ICM: -2 A (Peak Pulse Current)
    ️· IC: -1 A (Continuous Collector Current)
    ️· IB: -200 mA (Base Current)
    ️· Ptot: 1 W (Power Dissipation)
    ️· Tj:Tstg: -65 to +150 °C (Operating and Storage Temperature Range)

    ## Electrical Characteristics (Tamb = 25°C)

    ️· V(BR)CBO: -80 V (Breakdown Voltage, Collector-Base)
    ️· V(BR)CEO: -60 V (Breakdown Voltage, Collector-Emitter)
    ️· V(BR)EBO: -5 V (Breakdown Voltage, Emitter-Base)
    ️· ICBO: ≤ -100 nA (Collector Cut-Off Current)
    ️· ICES: ≤ -100 nA (Collector-Emitter Cut-Off Current)

    ️· IEBO: ≤ -100 nA (Emitter Cut-Off Current)
    ️· VCE(sat): 0.3 - 0.6 V (Saturation Voltage)
    - I C=-500mA, IB=-50mA
    - I C=-1A, IB=-100mA
    ️· VBE(sat): ≤ -1.2 V (Base-Emitter Saturation Voltage)
    ️· VBE(on): ≤ -1.0 V (Base-Emitter Turn-on Voltage)
    ️· hFE: 100 - 300 (Static Forward Current Transfer Ratio)
    - I C=-1mA, VCE=-5V
    - I C=-500mA, VCE=-5V
    - I C=-1A, VCE=-5V
    ️· fT: 150 MHz (Transition Frequency)
    ️· Cobo: 10 pF (Output Capacitance)

    ## Notes

    ️· Pulsed conditions are used for * measurements. Pulse width=300µs. Duty cycle ≤ 2%.
    ️· Typical Characteristics graphs are available in the FMMT591 datasheet.
    ️· Complementary type: FCX491

    # FCX591 PNP Transistor

    ## Absolute Maximum Ratings

    ️· VCBO: -80 V (Collector-Base Voltage)
    ️· VCEO: -60 V (Collector-Emitter Voltage)
    ️· VEBO: -5 V (Emitter-Base Voltage)
    ️· ICM: -2 A (Peak Pulse Current)
    ️· IC: -1 A (Continuous Collector Current)
    ️· IB: -200 mA (Base Current)
    ️· Ptot: 1 W (Power Dissipation)
    ️· Tj:Tstg: -65 to +150 °C (Operating and Storage Temperature Range)

    ## Electrical Characteristics (Tamb = 25°C)

    ️· V(BR)CBO: -80 V (Breakdown Voltage, Collector-Base)
    ️· V(BR)CEO: -60 V (Breakdown Voltage, Collector-Emitter)
    ️· V(BR)EBO: -5 V (Breakdown Voltage, Emitter-Base)
    ️· ICBO: ≤ -100 nA (Collector Cut-Off Current)
    ️· ICES: ≤ -100 nA (Collector-Emitter Cut-Off Current)
    ️· IEBO: ≤ -100 nA (Emitter Cut-Off Current)
    ️· VCE(sat): 0.3 - 0.6 V (Saturation Voltage)
    - I C=-500mA, IB=-50mA
    - I C=-1A, IB=-100mA
    ️· VBE(sat): ≤ -1.2 V (Base-Emitter Saturation Voltage)
    ️· VBE(on): ≤ -1.0 V (Base-Emitter Turn-on Voltage)
    ️· hFE: 100 - 300 (Static Forward Current Transfer Ratio)
    - I C=-1mA, VCE=-5V
    - I C=-500mA, VCE=-5V
    - I C=-1A, VCE=-5V
    ️· fT: 150 MHz (Transition Frequency)
    ️· Cobo: 10 pF (Output Capacitance)

    ## Notes

    ️· Pulsed conditions are used for * measurements. Pulse width=300µs. Duty cycle ≤ 2%.
    ️· Typical Characteristics graphs are available in the FMMT591 datasheet.
    ️· Complementary type: FCX491

    Part No.FCX591
    ManufacturerETC
    Size40 Kbytes
    Pages1 page
    DescriptionSOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR