| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KBP005 Datasheet
# Example questions:
➢ What is the specified operating temperature range for all models of this bridge rectifier?
➢ How does the current rating change when used with a capacitive load?
➢ What is the maximum recurrent peak reverse voltage for the kbp01 rectifier?
# CE KBP005 THRU KBP10
## Product Description
️· Type: Single Phase Glass Bridge Rectifier
️· Voltage: 50 - 1000V
️· Current: 2.0A
## Features
️· Ideal for printed circuit boards
️· Surge overload rating: 60A peak
️· High case dielectric strength
️· Polarity symbol marked on body
## Mechanical Data
️· Terminals: Plated leads solderable per MIL-STD 202E, method 208C
️· Case: UL-94 Class V-0 Flame Retardant Epoxy
️· Mounting Position: Any
## Electrical Characteristics
|Parameter|KBP005|KBP01|KBP02|KBP04|KBP06|KBP08|KBP10|Units|
|---|---|---|---|---|---|---|---|---|
|Maximum Recurrent Peak Reverse Voltage (Vrrm)|50|100|200|400|600|800|1000|V|
|Maximum RMS Voltage (Vrms)|35|70|140|280|420|560|700|V|
|Maximum DC Blocking Voltage (Vdc)|50|100|200|400|600|800|1000|V|
|Maximum Average Forward Rectified Current (If(av))|2.0|2.0|2.0|2.0|2.0|2.0|2.0|A|
|Peak Forward Surge Current (Ifsm)|50|50|50|50|50|50|50|A|
|Maximum Instantaneous Forward Voltage (Vf)|1.1|1.1|1.1|1.1|1.1|1.1|1.1|V|
|Maximum DC Reverse Current (Ir) @ 25°C |1.0|1.0|1.0|1.0|1.0|1.0|1.0|mA|
|Maximum DC Reverse Current (Ir) @ 100°C |10.0|10.0|10.0|10.0|10.0|10.0|10.0|mA|
## Operating Conditions
️· Junction Temperature Range (Tj): -55°C to +125°C (all models)
️· Storage and Operation Junction Temperature (Tstg): -55°C to +150°C (all models)
## Notes
️· For capacitive loads, derate current by 20%.
️· Rated at 60Hz.
️· Refer to Figures 1-4 for characteristic curves (surge current, forward current derating, instantaneous forward characteristics, reverse characteristics).
# CE KBP005 THRU KBP10
## Product Description
️· Type: Single Phase Glass Bridge Rectifier
️· Voltage: 50 - 1000V
️· Current: 2.0A
## Features
️· Ideal for printed circuit boards
️· Surge overload rating: 60A peak
️· High case dielectric strength
️· Polarity symbol marked on body
## Mechanical Data
️· Terminals: Plated leads solderable per MIL-STD 202E, method 208C
️· Case: UL-94 Class V-0 Flame Retardant Epoxy
️· Mounting Position: Any
## Electrical Characteristics
| Parameter | KBP005 | KBP01 | KBP02 | KBP04 | KBP06 | KBP08 | KBP10 | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage (Vrrm) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum RMS Voltage (Vrms) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
| Maximum DC Blocking Voltage (Vdc) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum Average Forward Rectified Current (If(av)) | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | A |
| Peak Forward Surge Current (Ifsm) | 50 | 50 | 50 | 50 | 50 | 50 | 50 | A |
| Maximum Instantaneous Forward Voltage (Vf) | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | V |
| Maximum DC Reverse Current (Ir) @ 25°C | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | mA |
| Maximum DC Reverse Current (Ir) @ 100°C | 10.0 | 10.0 | 10.0 | 10.0 | 10.0 | 10.0 | 10.0 | mA |
| Part No. | KBP005 |
| Manufacturer | CHENYI |
| Size | 134 Kbytes |
| Pages | 2 pages |
| Description | SINGLE PHASE GLASS BRIDGE RECTIFIER |