Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BR805 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BR805 Datasheet

  • # Example questions: ➢ How does the maximum average forward rectified output current change across the different rectifier models (br805 through br810)?
    ➢ What is the peak forward surge current for the br805 rectifier?
    ➢ What is the operating temperature range within which this silicon bridge rectifier can function?

  • Part No.BR805
    ManufacturerDCCOM
    Size383 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
    Datasheet Summary with AI

    # BR805 - BR810 Bridge Rectifiers

    ## General Specifications

    ️· Voltage Range: 50 - 600 Volts
    ️· Current: 8.0 Amperes
    ️· Surge Overload Rating: 125 Amperes (peak)
    ️· Part Numbers: BR805, BR806, BR807, BR808, BR809, BR810

    ## Electrical Characteristics

    | Parameter | BR805 | BR806 | BR807 | BR808 | BR809 | BR810 | Units |
    |---|---|---|---|---|---|---|---|
    | Maximum Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 800 | Volts |
    | Maximum RMS Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 560 | Volts |
    | Maximum DC Blocking Voltage (VDC) | 50 | 100 | 200 | 400 | 600 | 800 | Volts |
    | Maximum Average Forward Rectified Current (IO) (Tc = 50°C) | 8.0 | 8.0 | 8.0 | 8.0 | 8.0 | 8.0 | Amps |
    | Peak Forward Surge Current (IFSM) | 125 | 125 | 125 | 125 | 125 | 125 | Amps |
    | Maximum Forward Voltage Drop (VF) | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
    | Max DC Reverse Current at 25°C (IR) | 10 | 10 | 10 | 10 | 10 | 10 | uAmps |

    | Max DC Reverse Current at 100°C | 500 | 500 | 500 | 500 | 500 | 500 | uAmps |
    | I2t Rating for Fusing | 166 | 166 | 166 | 166 | 166 | 166 | A²Sec |
    | Typical Junction Capacitance (CJ) | 200 | 200 | 200 | 200 | 200 | 200 | pF |
    | Typical Thermal Resistance (RθJA) | 21 | 21 | 21 | 21 | 21 | 21 | 0C/W |

    ## Mechanical Characteristics

    ️· Case: Molded Plastic
    ️· Epoxy: UL 94V-0 flame retardant
    ️· Lead: MIL-STD-202, Method 208 guaranteed
    ️· Mounting Position: Any
    ️· Weight: 6.9 grams

    ## Environmental Conditions

    ️· Operating Junction Temperature Range (TJ): -55°C to +125°C
    ️· Storage Temperature Range (TSTG): -55°C to +150°C

    # BR805 - BR810 Bridge Rectifiers

    ## General Specifications

    ️· Voltage Range: 50 - 600 Volts
    ️· Current: 8.0 Amperes
    ️· Surge Overload Rating: 125 Amperes (peak)
    ️· Part Numbers: BR805, BR806, BR807, BR808, BR809, BR810

    ## Electrical Characteristics

    Parameter BR805 BR806 BR807 BR808 BR809 BR810 Units
    Maximum Recurrent Peak Reverse Voltage (VRRM) 50 100 200 400 600 800 Volts
    Maximum RMS Voltage (VRMS) 35 70 140 280 420 560 Volts
    Maximum DC Blocking Voltage (VDC) 50 100 200 400 600 800 Volts
    Maximum Average Forward Rectified Current (IO) (Tc = 50°C) 8.0 8.0 8.0 8.0 8.0 8.0 Amps
    Peak Forward Surge Current (IFSM) 125 125 125 125 125 125 Amps
    Maximum Forward Voltage Drop (VF) 1.1 1.1 1.1 1.1 1.1 1.1 Volts
    Max DC Reverse Current at 25°C (IR) 10 10 10 10 10 10 uAmps
    Max DC Reverse Current at 100°C 500 500 500 500 500 500 uAmps
    I2t Rating for Fusing 166 166 166 166 166 166 A²Sec
    Typical Junction Capacitance (CJ) 200 200 200 200 200 200 pF
    Typical Thermal Resistance (RθJA) 21 21 21 21 21 21 0C/W

    ## Mechanical Characteristics

    ️· Case: Molded Plastic
    ️· Epoxy: UL 94V-0 flame retardant
    ️· Lead: MIL-STD-202, Method 208 guaranteed
    ️· Mounting Position: Any
    ️· Weight: 6.9 grams

    ## Environmental Conditions

    ️· Operating Junction Temperature Range (TJ): -55°C to +125°C
    ️· Storage Temperature Range (TSTG): -55°C to +150°C

    Part No.BR805
    ManufacturerDCCOM
    Size383 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER