Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS16W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAS16W Datasheet

  • # Example questions: ➢ What year would a device with the code 'n' have been manufactured?
    ➢ What packaging type is used for both the mmbd4148w and bas16w devices?
    ➢ What is the maximum forward voltage (vf) shown in the typical forward characteristics graph?

  • Part No.BAS16W
    ManufacturerDIODES
    Size58 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT FAST SWITCHING DIODE
    Datasheet Summary with AI

    1. Device Overview:

    ️· What are they? These are silicon switching diodes. They are small signal diodes, commonly used in circuits requiring fast switching or signal rectification.
    ️· Manufacturers: Diodes Incorporated
    ️· Document: DS30094, Rev. 12 - 2

    2. Key Features & Benefits:

    ️· Fast Switching: Designed for rapid switching applications.
    ️· Small Size: Package is SOT-323, enabling compact designs.
    ️· Versatile: Suitable for a range of applications.
    ️· "Green" Device: Manufactured with environmentally friendly molding compounds (RoHS compliant).

    3. Electrical Characteristics (Important Values):

    ️· Repetitive Peak Reverse Voltage (VRRM): Typically around 60V (check specific variant)
    ️· Peak Forward Current (IFM): 200 mA
    ️· Forward Voltage (VF) at IF=100mA: Around 0.5V (typical)
    ️· Reverse Recovery Time (trr): Very fast, around 4ns, a critical parameter for switching applications.
    ️· Capacitance: Around 2.5 pF

    4. Applications:

    ️· Signal rectification
    ️· Switching circuits
    ️· Protection circuits
    ️· General purpose applications

    5. Package & Marking:

    ️· Package: SOT-323
    ️· Marking: Includes a product type code (KA2, KT1) and a date code that specifies the year and month of manufacture.
    - See the Date Code Key section for decoding.

    6. Package Dimensions (SOT-323):

    ️· Detailed dimensional specifications are provided in millimeters. Key dimensions include:
    - A: 0.25 - 0.40 mm
    - B: 1.15 - 1.35 mm
    - C: 2.00 - 2.20 mm
    - And others as listed in the datasheet.

    7. Important Notes/Information:

    ️· Power Derating: A power derating curve is provided, showing how the maximum power dissipation decreases with increasing ambient temperature.
    ️· Life Support Systems: These diodes are *not* authorized for use in life-critical applications without explicit written approval.
    ️· "Green" Policy: Diodes Incorporated has a "Green" policy for environmental compliance.
    ️· RoHS Compliance: The devices are compliant with the Restriction of Hazardous Substances (RoHS) directive.

    8. Figures & Graphs:

    The datasheet contains several figures:

    ️· Fig. 1: Power Derating Curve
    ️· Fig. 1 & 2: Typical Forward Characteristics
    ️· Fig. 1: Reverse Characteristics
    ️· Fig. 1: Total Capacitance vs. Reverse Voltage

    Where to Find More Information:

    ️· Diodes Incorporated Website: [https://www.diodes.com/](https://www.diodes.com/)
    ️· Datasheet Link (if available): Refer to the datasheet document number (DS30094) on the Diodes Incorporated website.

    1. Device Overview:

    ️· What are they? These are silicon switching diodes. They are small signal diodes, commonly used in circuits requiring fast switching or signal rectification.
    ️· Manufacturers: Diodes Incorporated
    ️· Document: DS30094, Rev. 12 - 2

    2. Key Features & Benefits:

    ️· Fast Switching: Designed for rapid switching applications.
    ️· Small Size: Package is SOT-323, enabling compact designs.
    ️· Versatile: Suitable for a range of applications.
    ️· "Green" Device: Manufactured with environmentally friendly molding compounds (RoHS compliant).

    3. Electrical Characteristics (Important Values):

    ️· Repetitive Peak Reverse Voltage (VRRM): Typically around 60V (check specific variant)
    ️· Peak Forward Current (IFM): 200 mA
    ️· Forward Voltage (VF) at IF=100mA: Around 0.5V (typical)
    ️· Reverse Recovery Time (trr): Very fast, around 4ns, a critical parameter for switching applications.
    ️· Capacitance: Around 2.5 pF

    4. Applications:

    ️· Signal rectification
    ️· Switching circuits
    ️· Protection circuits
    ️· General purpose applications

    5. Package & Marking:

    ️· Package: SOT-323
    ️· Marking: Includes a product type code (KA2, KT1) and a date code that specifies the year and month of manufacture.
    - See the Date Code Key section for decoding.

    6. Package Dimensions (SOT-323):

    ️· Detailed dimensional specifications are provided in millimeters. Key dimensions include:
    - A: 0.25 - 0.40 mm
    - B: 1.15 - 1.35 mm
    - C: 2.00 - 2.20 mm
    - And others as listed in the datasheet.

    7. Important Notes/Information:

    ️· Power Derating: A power derating curve is provided, showing how the maximum power dissipation decreases with increasing ambient temperature.
    ️· Life Support Systems: These diodes are *not* authorized for use in life-critical applications without explicit written approval.
    ️· "Green" Policy: Diodes Incorporated has a "Green" policy for environmental compliance.
    ️· RoHS Compliance: The devices are compliant with the Restriction of Hazardous Substances (RoHS) directive.

    8. Figures & Graphs:

    The datasheet contains several figures:

    ️· Fig. 1: Power Derating Curve
    ️· Fig. 1 & 2: Typical Forward Characteristics
    ️· Fig. 1: Reverse Characteristics
    ️· Fig. 1: Total Capacitance vs. Reverse Voltage

    Where to Find More Information:

    ️· Diodes Incorporated Website: [https://www.diodes.com/](https://www.diodes.com/)
    ️· Datasheet Link (if available): Refer to the datasheet document number (DS30094) on the Diodes Incorporated website.

    Part No.BAS16W
    ManufacturerDIODES
    Size58 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT FAST SWITCHING DIODE