| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SF21 Datasheet
# Example questions:
➢ How does the average forward current change when using these diodes with a capacitive load?
➢ What is the maximum reverse voltage that the sf25 diode can withstand?
➢ What is the typical junction capacitance for all diode models listed in the datasheet?
# SF21 - SF29 SUPER FAST RECTIFIER DIODES
PRV : 50 - 1000 Volts Io : 2.0 Amperes
FEATURES :
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Super fast recovery time
MECHANICAL DATA :
· Case : D2 Molded plastic
· Epoxy : UL94V-O rate flame retardant
· Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed
· Polarity : Color band denotes cathode end
· Mounting position : Any
· Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ° C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
| RATING | SYMBOL | SF21 | SF22 | SF23 | SF24 | SF25 | SF26 | SF27 | SF28 | SF29 | UNITS |
|---|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage | VRMS | 35 | 70 | 105 | 140 | 210 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Current (0.375"(9.5mm) Lead Length, Ta = 55°C) | IF(AV) | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | Amps |
| Peak Forward Surge Current (8.3ms Single half sine wave) | IFSM | 75 | 75 | 75 | 75 | 75 | 75 | 75 | 75 | 75 | Amps |
| Maximum Peak Forward Voltage (IF = 2.0 A) | VF | 0.95 | 0.95 | 0.95 | 0.95 | 1.7 | 1.7 | 1.7 | 2.2 | 2.2 | Volts |
| Maximum DC Reverse Current (at Rated DC Blocking Voltage) | IR | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 20 | 20 | µA |
| Maximum Reverse Recovery Time | Trr | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | ns |
| Typical Junction Capacitance | CJ | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | pf |
| Junction Temperature Range | TJ | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Storage Temperature Range | TSTG | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
# SF21 - SF29 SUPER FAST RECTIFIER DIODES
PRV : 50 - 1000 Volts Io : 2.0 Amperes
FEATURES :
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Super fast recovery time
MECHANICAL DATA :
· Case : D2 Molded plastic
· Epoxy : UL94V-O rate flame retardant
· Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed
· Polarity : Color band denotes cathode end
· Mounting position : Any
· Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ° C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
| RATING | SYMBOL | SF21 | SF22 | SF23 | SF24 | SF25 | SF26 | SF27 | SF28 | SF29 | UNITS |
|---|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage | VRMS | 35 | 70 | 105 | 140 | 210 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Current (0.375"(9.5mm) Lead Length, Ta = 55°C) | IF(AV) | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | Amps |
| Peak Forward Surge Current (8.3ms Single half sine wave) | IFSM | 75 | 75 | 75 | 75 | 75 | 75 | 75 | 75 | 75 | Amps |
| Maximum Peak Forward Voltage (IF = 2.0 A) | VF | 0.95 | 0.95 | 0.95 | 0.95 | 1.7 | 1.7 | 1.7 | 2.2 | 2.2 | Volts |
| Maximum DC Reverse Current (at Rated DC Blocking Voltage) | IR | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 20 | 20 | µA |
| Maximum Reverse Recovery Time | Trr | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | ns |
| Typical Junction Capacitance | CJ | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | pf |
| Junction Temperature Range | TJ | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Storage Temperature Range | TSTG | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Part No. | SF21 |
| Manufacturer | EIC |
| Size | 48 Kbytes |
| Pages | 2 pages |
| Description | SUPER FAST RECTIFIER DIODES |