| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SS1A Datasheet
# Example questions:
➢ What is the maximum reverse voltage that the ss1m rectifier can withstand?
➢ What is the typical junction capacitance value for all rectifier models listed in the maximum ratings table?
➢ How does the average forward current change for the ss1a model when the ambient temperature increases from 25°c to 55°c?
# SS1A - SS1M SURFACE MOUNT SUPER FAST RECTIFIERS
## FEATURES
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Super fast recovery time
## MECHANICAL DATA
· Case: SMA Molded plastic
· Epoxy: UL94V-O rate flame retardant
· Lead: Lead Formed for Surface Mount
· Polarity: Color band denotes cathode end
· Mounting position: Any
· Weight: 0.064 gram
## ELECTRICAL CHARACTERISTICS
| Symbol | SS1A | SS1B | SS1C | SS1D | SS1E | SS1G | SS1J | SS1K | SS1M | Unit |
|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage (VRMS) | 35 | 70 | 105 | 140 | 210 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC) | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Current (IF(AV)) @ 55°C | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | Amp |
| Peak Forward Surge Current (IFSM) @ 8.3ms | 30 | 30 | 30 | 30 | 30 | 30 | 30 | 30 | 30 | Amps |
| Max Peak Forward Voltage @ IF = 1.0A (VF) | 0.95 | 0.95 | 0.95 | 0.95 | 1.4 | 1.4 | 1.7 | 1.7 | 1.7 | Volts |
| Max DC Reverse Current @ 25°C (IR) | 5 | 5 | 5 | 5 | 5 | 5 | 5 | 5 | 5 | µA |
| Max DC Reverse Current @ 100°C (IR(H)) | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | µA |
| Reverse Recovery Time (Trr) | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | ns |
| Junction Capacitance (CJ) | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | pf |
| Junction Temperature Range (TJ) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Storage Temperature Range (TSTG) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
## NOTES
· Reverse Recovery Test Conditions: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
· Junction Capacitance measured at 1.0 MHz, applied reverse voltage of 4.0V DC.
# SS1A - SS1M SURFACE MOUNT SUPER FAST RECTIFIERS
## FEATURES
· High current capability
· High surge current capability
· High reliability
· Low reverse current
· Low forward voltage drop
· Super fast recovery time
## MECHANICAL DATA
· Case: SMA Molded plastic
· Epoxy: UL94V-O rate flame retardant
· Lead: Lead Formed for Surface Mount
· Polarity: Color band denotes cathode end
· Mounting position: Any
· Weight: 0.064 gram
## ELECTRICAL CHARACTERISTICS
| Symbol | SS1A | SS1B | SS1C | SS1D | SS1E | SS1G | SS1J | SS1K | SS1M | Unit |
|---|---|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Voltage (VRMS) | 35 | 70 | 105 | 140 | 210 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC) | 50 | 100 | 150 | 200 | 300 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Current (IF(AV)) @ 55°C | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | Amp |
| Peak Forward Surge Current (IFSM) @ 8.3ms | 30 | 30 | 30 | 30 | 30 | 30 | 30 | 30 | 30 | Amps |
| Max Peak Forward Voltage @ IF = 1.0A (VF) | 0.95 | 0.95 | 0.95 | 0.95 | 1.4 | 1.4 | 1.7 | 1.7 | 1.7 | Volts |
| Max DC Reverse Current @ 25°C (IR) | 5 | 5 | 5 | 5 | 5 | 5 | 5 | 5 | 5 | µA |
| Max DC Reverse Current @ 100°C (IR(H)) | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | µA |
| Reverse Recovery Time (Trr) | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | 35 | ns |
| Junction Capacitance (CJ) | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | 50 | pf |
| Junction Temperature Range (TJ) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Storage Temperature Range (TSTG) | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Part No. | SS1A |
| Manufacturer | EIC |
| Size | 32 Kbytes |
| Pages | 2 pages |
| Description | SURFACE MOUNT SUPER FAST RECTIFIERS |