Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MASW4060G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MASW4060G Datasheet

  • # Example questions: ➢ What are the recommended temperature limits during eutectic die attachment to avoid damaging the masw4060?
    ➢ What precautions should be taken when handling the masw4060 to prevent electrostatic discharge (esd) damage?
    ➢ What metallization is used on the back of the masw4060 die?

  • Part No.MASW4060G
    ManufacturerMA-COM
    Size97 Kbytes
    Pages3 pages
    DescriptionGaAs SP4T Switch
    Datasheet Summary with AI

    1. Overview

    ️· Product: MASW4060 GaAs SP4T (Single-Pole, Four-Throw) Switch
    ️· Application: Designed for switching RF signals in various applications.
    ️· Back-Metallization: Pd/Ni/Au (100/1,000/10,000Å) - allows for eutectic die attachment or epoxy mounting.
    ️· Datasheet Status: Advanced/Preliminary (Meaning it's not a finalized product spec, and specs might change)

    2. Electrical Characteristics (Key Specs)

    ️· Frequency Range: Operates within a range suitable for RF applications (specific range implied by typical performance graphs).
    ️· Control Voltages: Requires 0V to -0.2V for one control port (V1) and -5V for the other (V2).
    ️· Insertion Loss: (See typical performance graph - around 0.5dB at 2 GHz)
    ️· Isolation: (See typical performance graph - approximately 60 dB at 2 GHz)
    ️· VSWR: (See typical performance graph - approximately 1.2 at 2 GHz)
    ️· Input Power (IP2 & IP3):
    - IP2: +45 dBm (at 0.5 GHz) / +60 dBm (0.5-4.0 GHz)
    - IP3: +35 dBm (at 0.5 GHz) / +46 dBm (0.5-4.0 GHz)
    ️· Control Current: 25-200 µA (dependent on control port)
    ️· Switching Time (Rise/Fall): Approximately 2 ns
    ️· TON/TOFF: Approximately 4 ns

    3. Mounting & Handling

    ️· Die Attachment: Can be eutectic-bonded (using AuSn) or epoxied.
    ️· Eutectic Bonding: Recommended work surface temperature of 225°C, tool temperature of 265°C, nitrogen/hydrogen atmosphere (90/10). Avoid temperatures exceeding 320°C for more than 20 seconds.
    ️· Epoxy Mounting: Apply a thin epoxy fillet around the chip’s perimeter. Cure according to manufacturer’s instructions.
    ️· Handling Precautions – Critical!
    - ESD Sensitivity: Requires ESD protection - ground all equipment and personnel.
    - Cleanliness: Handle in a clean environment; do not clean after installation.
    - Bias: Crucially, apply bias to either V1 or V2 *only when the other is grounded*. Do not allow either control port to "float".
    - General Handling: Use sharp-tipped tweezers, avoid touching the chip surface.

    4. Truth Table (Switch Configuration)

    The truth table defines the RF port connections based on the control voltages applied to V1 and V2:

    A1 B1 A2 B2 A3 B3 A4 B4 ANT-RF1 ANT-RF2 ANT-RF3 ANT-RF4
    1 0 0 1 0 1 0 1 On Off Off Off
    0 1 1 0 0 1 0 1 Off On Off Off
    0 1 0 1 1 0 0 1 Off Off On Off
    0 1 0 1 0 1 1 0 Off Off Off On

    ️· `1` = 0V to -0.2V
    ️· `0` = -5V

    Key Takeaway: The "Do Not Float" Instruction is absolutely critical to prevent damage. Always ground the unpowered control line.

    1. Overview

    ️· Product: MASW4060 GaAs SP4T (Single-Pole, Four-Throw) Switch
    ️· Application: Designed for switching RF signals in various applications.
    ️· Back-Metallization: Pd/Ni/Au (100/1,000/10,000Å) - allows for eutectic die attachment or epoxy mounting.
    ️· Datasheet Status: Advanced/Preliminary (Meaning it's not a finalized product spec, and specs might change)

    2. Electrical Characteristics (Key Specs)

    ️· Frequency Range: Operates within a range suitable for RF applications (specific range implied by typical performance graphs).
    ️· Control Voltages: Requires 0V to -0.2V for one control port (V1) and -5V for the other (V2).
    ️· Insertion Loss: (See typical performance graph - around 0.5dB at 2 GHz)
    ️· Isolation: (See typical performance graph - approximately 60 dB at 2 GHz)
    ️· VSWR: (See typical performance graph - approximately 1.2 at 2 GHz)
    ️· Input Power (IP2 & IP3):
    - IP2: +45 dBm (at 0.5 GHz) / +60 dBm (0.5-4.0 GHz)
    - IP3: +35 dBm (at 0.5 GHz) / +46 dBm (0.5-4.0 GHz)
    ️· Control Current: 25-200 µA (dependent on control port)
    ️· Switching Time (Rise/Fall): Approximately 2 ns
    ️· TON/TOFF: Approximately 4 ns

    3. Mounting & Handling

    ️· Die Attachment: Can be eutectic-bonded (using AuSn) or epoxied.
    ️· Eutectic Bonding: Recommended work surface temperature of 225°C, tool temperature of 265°C, nitrogen/hydrogen atmosphere (90/10). Avoid temperatures exceeding 320°C for more than 20 seconds.
    ️· Epoxy Mounting: Apply a thin epoxy fillet around the chip’s perimeter. Cure according to manufacturer’s instructions.
    ️· Handling Precautions – Critical!
    - ESD Sensitivity: Requires ESD protection - ground all equipment and personnel.
    - Cleanliness: Handle in a clean environment; do not clean after installation.
    - Bias: Crucially, apply bias to either V1 or V2 *only when the other is grounded*. Do not allow either control port to "float".
    - General Handling: Use sharp-tipped tweezers, avoid touching the chip surface.

    4. Truth Table (Switch Configuration)

    The truth table defines the RF port connections based on the control voltages applied to V1 and V2:

    A1 B1 A2 B2 A3 B3 A4 B4 ANT-RF1 ANT-RF2 ANT-RF3 ANT-RF4
    1 0 0 1 0 1 0 1 On Off Off Off
    0 1 1 0 0 1 0 1 Off On Off Off
    0 1 0 1 1 0 0 1 Off Off On Off
    0 1 0 1 0 1 1 0 Off Off Off On

    ️· `1` = 0V to -0.2V
    ️· `0` = -5V

    Key Takeaway: The "Do Not Float" Instruction is absolutely critical to prevent damage. Always ground the unpowered control line.

    Part No.MASW4060G
    ManufacturerMA-COM
    Size97 Kbytes
    Pages3 pages
    DescriptionGaAs SP4T Switch