Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF57 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SF57 Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current for the sf52 diode, according to the provided specifications?
    ➢ What test conditions are used to determine the maximum reverse recovery time?
    ➢ What is the operating and storage temperature range for these diodes?

  • Part No.SF57
    ManufacturerFORMOSA
    Size36 Kbytes
    Pages2 pages
    Description5.0 AMP SUPER FAST RECTIFIERS
    Datasheet Summary with AI

    1. Device Overview

    ️· Type: Rectifier Diode (likely part of a family like 1N series)
    ️· Application: General-purpose rectifier
    ️· Key Features:
    - Suitable for a variety of applications.
    - Good for resistive or inductive loads.
    - Can be used with capacitive loads but requires current derating by 20%.
    ️· Lead Length: 0.375" (9.5 mm) at Ta = 55°C

    2. Electrical Characteristics

    ️· Test Conditions: Single Phase, Half Wave, 60 Hz, Resistive or Inductive Load, 25°C ambient temperature unless otherwise specified.
    ️· Table of Electrical Parameters (Based on the data provided, with corrected formatting):

    Parameter SF51 SF52 SF53 SF54 SF55 SF56 SF57 Units
    Maximum Recurrent Peak Reverse Voltage 50 100 150 200 300 400 600 V
    Maximum RMS Voltage 50 100 150 200 300 400 600 V
    Maximum DC Blocking Voltage 35 70 105 140 210 280 420 V
    Max. Average Forward Rectified Current 0.95 1.25 1.50 *Value Missing* *Value Missing* *Value Missing* *Value Missing* A
    Peak Forward Surge Current (8.3 ms) *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* A
    Max. Instantaneous Forward Voltage at 5A *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* V
    Max. DC Reverse Current @ Rated Blocking *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* mA
    Max. Reverse Recovery Time *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* ns
    Typical Junction Capacitance *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* pF

    3. Mechanical Dimensions

    ️· Package: DO-27
    ️· Dimensions (inches):
    - 1.0 (Maximum)
    - 0.375 (Lead Length)
    - 0.285
    - 0.052
    - 0.048
    - 0.220
    - 0.197
    Important Notes and Limitations

    ️· Incomplete Data: A significant number of electrical parameter values are missing in the provided information. This makes a full characterization impossible.
    ️· Text Quality: The original text quality was low, causing some interpretation challenges and potentially introducing errors.
    ️· Device Identification: The “SF51” through “SF57” designations are not standard device naming conventions. This suggests they may be internal part numbers or variations within a product line.
    ️· Derating: For capacitive loads, current must be derated by 20%.
    ️· Temperature Considerations: The value of the lead length is specified at 55°C. This value is for reference only.

    1. Device Overview

    ️· Type: Rectifier Diode (likely part of a family like 1N series)
    ️· Application: General-purpose rectifier
    ️· Key Features:
    - Suitable for a variety of applications.
    - Good for resistive or inductive loads.
    - Can be used with capacitive loads but requires current derating by 20%.
    ️· Lead Length: 0.375" (9.5 mm) at Ta = 55°C

    2. Electrical Characteristics

    ️· Test Conditions: Single Phase, Half Wave, 60 Hz, Resistive or Inductive Load, 25°C ambient temperature unless otherwise specified.
    ️· Table of Electrical Parameters (Based on the data provided, with corrected formatting):

    Parameter SF51 SF52 SF53 SF54 SF55 SF56 SF57 Units
    Maximum Recurrent Peak Reverse Voltage 50 100 150 200 300 400 600 V
    Maximum RMS Voltage 50 100 150 200 300 400 600 V
    Maximum DC Blocking Voltage 35 70 105 140 210 280 420 V
    Max. Average Forward Rectified Current 0.95 1.25 1.50 *Value Missing* *Value Missing* *Value Missing* *Value Missing* A
    Peak Forward Surge Current (8.3 ms) *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* A
    Max. Instantaneous Forward Voltage at 5A *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* V
    Max. DC Reverse Current @ Rated Blocking *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* mA
    Max. Reverse Recovery Time *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* ns
    Typical Junction Capacitance *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* *Value Missing* pF

    3. Mechanical Dimensions

    ️· Package: DO-27
    ️· Dimensions (inches):
    - 1.0 (Maximum)
    - 0.375 (Lead Length)
    - 0.285
    - 0.052
    - 0.048
    - 0.220
    - 0.197
    Important Notes and Limitations

    ️· Incomplete Data: A significant number of electrical parameter values are missing in the provided information. This makes a full characterization impossible.
    ️· Text Quality: The original text quality was low, causing some interpretation challenges and potentially introducing errors.
    ️· Device Identification: The “SF51” through “SF57” designations are not standard device naming conventions. This suggests they may be internal part numbers or variations within a product line.
    ️· Derating: For capacitive loads, current must be derated by 20%.
    ️· Temperature Considerations: The value of the lead length is specified at 55°C. This value is for reference only.

    Part No.SF57
    ManufacturerFORMOSA
    Size36 Kbytes
    Pages2 pages
    Description5.0 AMP SUPER FAST RECTIFIERS