Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF121 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IRF121 Datasheet

  • # Example questions: ➢ What test equipment was used to measure the switching times?
    ➢ What is the difference in the typical rds(on) value between the irf120 and the irf122 mosfets?
    ➢ What is the maximum drain-to-source voltage (vdss) for the irf520 and irf523 mosfets?

  • Part No.IRF121
    ManufacturerNJSEMI
    Size798 Kbytes
    Pages3 pages
    DescriptionN-Channel Power MOSFETs, 11 A, 60-100 V
    Datasheet Summary with AI

    1. General Information:

    ️· Manufacturer: NJ Semi-Conductors
    ️· Device Types: This datasheet covers a range of MOSFETs, including:
    - IRF120, IRF121, IRF122, IRF123
    - IRF520, IRF521, IRF522, IRF523
    - MTP10N08, MTP10N10
    ️· Package Styles: TO-204AA and TO-220AB

    2. Key Electrical Characteristics (Comparing a few examples):

    Parameter IRF120 / IRF520 IRF121 / IRF521 MTP10N08 MTP10N10
    VDSS (Drain-Source Voltage) 100V 60V 80V 100V
    RDS(on) (Drain-Source Resistance) 0.30 ohms 0.30 ohms N/A 0.33 ohms
    ID at 25°C (Continuous Drain Current) 8.0 amps 8.0 amps 10 amps 10 amps
    ID at 100°C (Continuous Drain Current) 5.0 amps 5.0 amps N/A N/A
    | Notes: RDS(on) values are based on VGS = 10V.
    *Other RDS(on) values may apply for different gate voltage values.

    3. Maximum Ratings:

    ️· VDSS (Drain-Source Voltage): Ranges from 60V to 100V depending on the specific device.
    ️· Operating Junction Temperature: -55°C to +150°C
    ️· Maximum Lead Temperature: 275°C for soldering.
    ️· Current Ratings: Vary depending on device type and temperature (see table above).

    4. Dynamic Characteristics (Switching Times):

    ️· These MOSFETs have typical switching times of around 40-100 ns, but this can vary. The datasheet refers to Figures 1 and 2 for more detailed switching waveforms (which are not included in this excerpt).

    5. Source-Drain Diode Characteristics:

    ️· VSD (Forward Voltage): Around 0.8 - 1.0V.
    ️· Reverse Recovery Time: Around 2.3 - 2.5 ns.

    6. Important Notes:

    ️· RDS(on): This is a critical parameter (drain-source resistance when the device is "on"). Lower RDS(on) means less power is lost as heat. The values listed are based on a gate voltage (VGS) of 10V.
    ️· Temperature Dependence: The continuous drain current (ID) decreases as the device temperature increases. The table lists current values for both 25°C and 100°C.
    ️· Datasheet References: The datasheet references other sections (like Figures 1 and 2) for more detailed information.
    ️· Quality Semiconductors: A disclaimer is provided concerning the accuracy of the provided information.

    1. General Information:

    ️· Manufacturer: NJ Semi-Conductors
    ️· Device Types: This datasheet covers a range of MOSFETs, including:
    - IRF120, IRF121, IRF122, IRF123
    - IRF520, IRF521, IRF522, IRF523
    - MTP10N08, MTP10N10
    ️· Package Styles: TO-204AA and TO-220AB

    2. Key Electrical Characteristics (Comparing a few examples):

    Parameter IRF120 / IRF520 IRF121 / IRF521 MTP10N08 MTP10N10
    VDSS (Drain-Source Voltage) 100V 60V 80V 100V
    RDS(on) (Drain-Source Resistance) 0.30 ohms 0.30 ohms N/A 0.33 ohms
    ID at 25°C (Continuous Drain Current) 8.0 amps 8.0 amps 10 amps 10 amps
    ID at 100°C (Continuous Drain Current) 5.0 amps 5.0 amps N/A N/A
    | Notes: RDS(on) values are based on VGS = 10V.
    *Other RDS(on) values may apply for different gate voltage values.

    3. Maximum Ratings:

    ️· VDSS (Drain-Source Voltage): Ranges from 60V to 100V depending on the specific device.
    ️· Operating Junction Temperature: -55°C to +150°C
    ️· Maximum Lead Temperature: 275°C for soldering.
    ️· Current Ratings: Vary depending on device type and temperature (see table above).

    4. Dynamic Characteristics (Switching Times):

    ️· These MOSFETs have typical switching times of around 40-100 ns, but this can vary. The datasheet refers to Figures 1 and 2 for more detailed switching waveforms (which are not included in this excerpt).

    5. Source-Drain Diode Characteristics:

    ️· VSD (Forward Voltage): Around 0.8 - 1.0V.
    ️· Reverse Recovery Time: Around 2.3 - 2.5 ns.

    6. Important Notes:

    ️· RDS(on): This is a critical parameter (drain-source resistance when the device is "on"). Lower RDS(on) means less power is lost as heat. The values listed are based on a gate voltage (VGS) of 10V.
    ️· Temperature Dependence: The continuous drain current (ID) decreases as the device temperature increases. The table lists current values for both 25°C and 100°C.
    ️· Datasheet References: The datasheet references other sections (like Figures 1 and 2) for more detailed information.
    ️· Quality Semiconductors: A disclaimer is provided concerning the accuracy of the provided information.

    Part No.IRF121
    ManufacturerNJSEMI
    Size798 Kbytes
    Pages3 pages
    DescriptionN-Channel Power MOSFETs, 11 A, 60-100 V