Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C137E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about C137E Datasheet

  • # Example questions: ➢ What is the maximum peak one-cycle surge (non-repetitive) on-state current (itsm) for the c137e?
    ➢ What is the minimum dc gate trigger current (igt) for the c137p?
    ➢ What is the maximum allowable thermal resistance (rθjc) for the device?

  • Part No.C137E
    ManufacturerNJSEMI
    Size182 Kbytes
    Pages3 pages
    DescriptionSilicon Controlled Rectifier
    Datasheet Summary with AI

    1. General Description & Series Overview

    ️· Product: The document describes the C137 series of thyristors.
    ️· Type: They are silicon-controlled rectifiers (SCRs).
    ️· Function: They are power control devices used for switching and rectification.
    ️· Intended Use: Suitable for applications like motor control, lighting control, power supplies, and solid-state switches.

    2. Key Electrical Characteristics (Typical Values - See Table at End)

    ️· Voltage Blocking: Rated blocking voltage (VDRM / VRRM) varies from 500 to 1200 Volts depending on the specific C137 variant.
    ️· Gate Triggering:
    - Gate trigger current (IGT) is around 0.25 - 0.4 mA.
    - Gate trigger voltage (VGT) is approximately 190 V.
    ️· Peak One Cycle Surge Current (ITSM): Up to 360 Amperes.
    ️· Maximum Stud Torque: 30 lb-in (35 Kg-cm).
    ️· Thermal Resistance (R0jc): Ranges from 2.0 to 1.7°C/watt.
    ️· Turn-Off Time: Not 100% factory tested (special selections available).

    3. Environmental/Operating Conditions

    ️· Junction Temperature (Tj): -65°C to +125°C.
    ️· Storage Temperature (Tstg): -65°C to +150°C.
    ️· dv/dt Rating: The document cautions about exceeding the rated dv/dt, as it can cause device switching.

    4. Package & Mechanical Details

    ️· Package Type: TO-48 (Complies with JEDEC TO-48 standard).
    ️· Pinout:
    - Anode connection is via the case.
    - Cathode is via one terminal.
    - Gate is via the remaining terminal.
    ️· Thread Details: The case has threads for mounting.
    ️· Optional Features: Chamfers or undercuts may be present on the package.

    5. Specific C137 Variants (Example – From Table)

    Feature C137E C137M C137S C137N C137T C137P C137PB
    VDRM/VRRM
    IGT 0.25
    VGT 190
    ITSM

    *The Table is incomplete so some values are missing.*

    Important Notes/Cautions:

    ️· dv/dt: Exceeding the rated dv/dt can cause unintended switching.
    ️· Turn-Off Time: The turn-off time is not a standard factory test.
    ️· dv/dt Rating: Higher values can cause device switching.

    1. General Description & Series Overview

    ️· Product: The document describes the C137 series of thyristors.
    ️· Type: They are silicon-controlled rectifiers (SCRs).
    ️· Function: They are power control devices used for switching and rectification.
    ️· Intended Use: Suitable for applications like motor control, lighting control, power supplies, and solid-state switches.

    2. Key Electrical Characteristics (Typical Values - See Table at End)

    ️· Voltage Blocking: Rated blocking voltage (VDRM / VRRM) varies from 500 to 1200 Volts depending on the specific C137 variant.
    ️· Gate Triggering:
    - Gate trigger current (IGT) is around 0.25 - 0.4 mA.
    - Gate trigger voltage (VGT) is approximately 190 V.
    ️· Peak One Cycle Surge Current (ITSM): Up to 360 Amperes.
    ️· Maximum Stud Torque: 30 lb-in (35 Kg-cm).
    ️· Thermal Resistance (R0jc): Ranges from 2.0 to 1.7°C/watt.
    ️· Turn-Off Time: Not 100% factory tested (special selections available).

    3. Environmental/Operating Conditions

    ️· Junction Temperature (Tj): -65°C to +125°C.
    ️· Storage Temperature (Tstg): -65°C to +150°C.
    ️· dv/dt Rating: The document cautions about exceeding the rated dv/dt, as it can cause device switching.

    4. Package & Mechanical Details

    ️· Package Type: TO-48 (Complies with JEDEC TO-48 standard).
    ️· Pinout:
    - Anode connection is via the case.
    - Cathode is via one terminal.
    - Gate is via the remaining terminal.
    ️· Thread Details: The case has threads for mounting.
    ️· Optional Features: Chamfers or undercuts may be present on the package.

    5. Specific C137 Variants (Example – From Table)

    Feature C137E C137M C137S C137N C137T C137P C137PB
    VDRM/VRRM
    IGT 0.25
    VGT 190
    ITSM

    *The Table is incomplete so some values are missing.*

    Important Notes/Cautions:

    ️· dv/dt: Exceeding the rated dv/dt can cause unintended switching.
    ️· Turn-Off Time: The turn-off time is not a standard factory test.
    ️· dv/dt Rating: Higher values can cause device switching.

    Part No.C137E
    ManufacturerNJSEMI
    Size182 Kbytes
    Pages3 pages
    DescriptionSilicon Controlled Rectifier