Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF140 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IRF140 Datasheet

  • # Example questions: ➢ What is the maximum drain-to-source voltage (vdss) for the irf540 mosfet?
    ➢ What is the typical gate threshold voltage (vgs(th)) range for the irf140 and irf540 mosfets?
    ➢ What is the maximum pulsed drain current (idm) for both the irf140 and irf540, and under what conditions is this current rating valid?

  • Part No.IRF140
    ManufacturerNJSEMI
    Size103 Kbytes
    Pages3 pages
    DescriptionN-Channel Power MOSFETs, 27 A, 60-100 V
    Datasheet Summary with AI

    ## IRF140-143/IRF540-543 N-Channel Power MOSFETs Summary

    Description: Enhancement mode power MOSFETs for high-power applications.

    Key Features:
    ️· Vgs rated at ±20V
    ️· Silicon gate for fast switching
    ️· Rugged, low drive requirements, ease of paralleling

    Part Numbers & Case Styles:
    ️· IRF140, IRF141, IRF142, IRF143 (TO-204AE)
    ️· IRF540, IRF541, IRF542, IRF543 (TO-220AB)

    Electrical Characteristics (Typical Values):

    ️· Vds: 100V or 60V (depending on part)
    ️· Rds(on): 0.085 - 0.11 Ohms (depending on part)
    ️· Vgs(th): 2.0 - 4.0 V
    ️· Id at Tcsas'c: 24-27A
    ️· Id at Tc = 200'C 15-17A


    Important Notes:
    ️· Junction temperature range: -55°C to +150°C
    ️· Switching time measurements performed using LEM TR-58 test equipment.

    ## IRF140-143/IRF540-543 N-Channel Power MOSFETs Summary

    Description: Enhancement mode power MOSFETs for high-power applications.

    Key Features:
    ️· Vgs rated at ±20V
    ️· Silicon gate for fast switching
    ️· Rugged, low drive requirements, ease of paralleling

    Part Numbers & Case Styles:
    ️· IRF140, IRF141, IRF142, IRF143 (TO-204AE)
    ️· IRF540, IRF541, IRF542, IRF543 (TO-220AB)

    Electrical Characteristics (Typical Values):

    ️· Vds: 100V or 60V (depending on part)
    ️· Rds(on): 0.085 - 0.11 Ohms (depending on part)
    ️· Vgs(th): 2.0 - 4.0 V
    ️· Id at Tcsas'c: 24-27A
    ️· Id at Tc = 200'C 15-17A

    Important Notes:
    ️· Junction temperature range: -55°C to +150°C
    ️· Switching time measurements performed using LEM TR-58 test equipment.

    Part No.IRF140
    ManufacturerNJSEMI
    Size103 Kbytes
    Pages3 pages
    DescriptionN-Channel Power MOSFETs, 27 A, 60-100 V