Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

182 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 182 Datasheet

  • # Example questions: ➢ What materials are used for the housing and contacts of these devices?
    ➢ What is the maximum current interruption rating for this product?
    ➢ What is the maximum voltage this device is rated for?

  • Part No.182
    ManufacturerDBLECTRO
    Size195 Kbytes
    Pages1 page
    Description2 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND SIMPLE INSTALLATION AT OEM AND IN FIELD
    Datasheet Summary with AI

    # Models 182 & 383 Luminare Disconnects

    ## Features & Benefits

    ️· Tool-free and simple installation with push-in terminations.
    ️· Low-profile 18 AWG design suitable for small spaces.
    ️· Touch-safe design meets UL/CSA requirements.
    ️· Wiping contact design allows safe disconnect under load.
    ️· Low insertion force minimizes repetitive trauma risk.

    ## Electrical Specifications

    ️· Voltage: 120V, 277V, 347V, 480V, 600V
    ️· Current Interruption: 10 Cycles
    ️· Rated Device Current: 3 Amps (120V), 1.3 Amps (277V), 1.0 Amp (347V), 0.75 Amp (480V), 0.60 Amp (600V)
    ️· Max Voltage: 600V

    ## Mechanical Specifications

    ️· Insertion Force: 3 lb (13 N) Max
    ️· KO Size: ½” (0.875”)
    ️· Compliant: UL 2459, CSA C22.2 #182.3, RoHS, NEC 2008 410.130(G), CEC 30-308(4)
    ️· Flame Rating: UL 94V-0
    ️· Patent Status: US & Foreign Patents Pending

    ## Physical Characteristics

    ️· Housing: Nylon 94V-0
    ️· Contacts: Copper Alloy
    ️· Plating: Tin
    ️· Operating Temperature: 105°C (221°F)
    ️· Strip Length: ⅜” (9.5mm)
    ️· Color: Orange
    ️· Polarized: Yes

    ## Wiring Information

    ️· Solid Wire: 18 AWG
    ️· Stranded Wire: N/A
    ️· Tin Bonded: 18 AWG (≤16 Strand)

    ## Models & Ordering Information

    ️· Model 182: 2-Circuit
    ️· Model 183: 3-Circuit
    ️· Model 182L: 2-Circuit with 6” Power Side Leads
    ️· Catalog Numbers:
    - 30-682 (Model 182)
    - 30-683 (Model 183)
    - 30-682L (Model 182L)
    ️· Package Types: 2,500-piece cartons (Model 182 & 183) and 1,000-piece cartons (Model 182L)
    ️· Weight: Varies by model (approx. 19.3 lbs, 30.3 lbs, and 18.5 lbs)

    ## Contact Information

    ️· Engineered Solutions (Ideal Industries, Inc.): Becker Place, Sycamore, IL, USA 60178. Phone: 1-800-324-9571, Fax: 1-888-222-6140, Email: oem@idealindustries.com

    #### Revision Date: April 21, 1023

    # Models 182 & 383 Luminare Disconnects

    ## Features & Benefits

    ️· Tool-free and simple installation with push-in terminations.
    ️· Low-profile 18 AWG design suitable for small spaces.
    ️· Touch-safe design meets UL/CSA requirements.
    ️· Wiping contact design allows safe disconnect under load.
    ️· Low insertion force minimizes repetitive trauma risk.

    ## Electrical Specifications

    ️· Voltage: 120V, 277V, 347V, 480V, 600V
    ️· Current Interruption: 10 Cycles
    ️· Rated Device Current: 3 Amps (120V), 1.3 Amps (277V), 1.0 Amp (347V), 0.75 Amp (480V), 0.60 Amp (600V)
    ️· Max Voltage: 600V

    ## Mechanical Specifications

    ️· Insertion Force: 3 lb (13 N) Max
    ️· KO Size: ½” (0.875”)
    ️· Compliant: UL 2459, CSA C22.2 #182.3, RoHS, NEC 2008 410.130(G), CEC 30-308(4)
    ️· Flame Rating: UL 94V-0
    ️· Patent Status: US & Foreign Patents Pending

    ## Physical Characteristics

    ️· Housing: Nylon 94V-0
    ️· Contacts: Copper Alloy
    ️· Plating: Tin
    ️· Operating Temperature: 105°C (221°F)
    ️· Strip Length: ⅜” (9.5mm)
    ️· Color: Orange
    ️· Polarized: Yes

    ## Wiring Information

    ️· Solid Wire: 18 AWG
    ️· Stranded Wire: N/A
    ️· Tin Bonded: 18 AWG (≤16 Strand)

    ## Models & Ordering Information

    ️· Model 182: 2-Circuit
    ️· Model 183: 3-Circuit
    ️· Model 182L: 2-Circuit with 6” Power Side Leads
    ️· Catalog Numbers:
    - 30-682 (Model 182)
    - 30-683 (Model 183)
    - 30-682L (Model 182L)
    ️· Package Types: 2,500-piece cartons (Model 182 & 183) and 1,000-piece cartons (Model 182L)
    ️· Weight: Varies by model (approx. 19.3 lbs, 30.3 lbs, and 18.5 lbs)

    ## Contact Information

    ️· Engineered Solutions (Ideal Industries, Inc.): Becker Place, Sycamore, IL, USA 60178. Phone: 1-800-324-9571, Fax: 1-888-222-6140, Email: oem@idealindustries.com

    #### Revision Date: April 21, 1023

    Part No.182
    ManufacturerDBLECTRO
    Size195 Kbytes
    Pages1 page
    Description2 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND SIMPLE INSTALLATION AT OEM AND IN FIELD