Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L79L05ABZ-AP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L79L05ABZ-AP Datasheet

  • # Example questions: ➢ Compare the typical quiescent current of the l79l05ac and the l79l09ac at 25°c. what is the difference?
    ➢ For the l79l09ab/ac, what is the maximum load regulation (in mv) when the load current ranges from 1ma to 100ma at a junction temperature of 25°c?
    ➢ For the l79l08ab/ac, what is the input voltage range when the output current is 40ma and the dropout voltage is 7v?

  • Part No.L79L05ABZ-AP
    ManufacturerSTMICROELECTRONICS
    Size717 Kbytes
    Pages27 pages
    DescriptionOutput current up to 100 mA
    Datasheet Summary with AI

    Okay, here's a summary of the electrical characteristics data provided, extracted and organized for easy comparison. I'll present it in a table format, covering the key parameters for each of the L79Lxx series regulators detailed in the document.

    Key Parameters Summary (from L79LxxAB/AC Datasheet)

    | Regulator Model | Output Voltage (V) | Line Regulation (mV) | Load Regulation (mV) | Quiescent Current (mA) | Output Noise (µV) | SVR (dB) | Dropout Voltage (V) |
    |---|---|---|---|---|---|---|---|
    | L79L05AB/AC | -5 | 150 | 60 | 6 | 40 | 41-49 | 1.7 |
    | L79L06AB/AC | -6 | 150 | 60 | 6 | 50 | 39-46 | 1.7 |
    | L79L08AB/AC | -8 | 175 | 80 | 6 | 60 | 37-45 | 1.7 |
    | L79L09AB/AC | -9 | 225 | 80 | 6 | 70 | 37-44 | 1.7 |
    | L79L12AB/AC | -12 | N/A | N/A | 6 | 70 | 37-44 | 1.7 |

    Important Notes & Observations:

    ️· Dropout Voltage: All models consistently have a dropout voltage of 1.7V.
    ️· Quiescent Current: All models have the same quiescent current of 6mA.
    ️· Line Regulation: Line regulation varies, generally increasing as the output voltage increases.
    ️· Load Regulation: Load regulation is consistent at 80mV for most models, but varies slightly between those models.
    ️· Noise and SVR: Noise levels and Supply Voltage Rejection (SVR) show some variation, but generally follow a trend.
    ️· AB/AC: The AB and AC versions appear to have the same electrical characteristics.




    Disclaimer: This is a summarization based on the provided text. For precise and complete information, always refer to the full datasheet.

    Key Parameters Summary (from L79LxxAB/AC Datasheet)

    Regulator Model Output Voltage (V) Line Regulation (mV) Load Regulation (mV) Quiescent Current (mA) Output Noise (µV) SVR (dB) Dropout Voltage (V)
    L79L05AB/AC -5 150 60 6 40 41-49 1.7
    L79L06AB/AC -6 150 60 6 50 39-46 1.7
    L79L08AB/AC -8 175 80 6 60 37-45 1.7
    L79L09AB/AC -9 225 80 6 70 37-44 1.7
    L79L12AB/AC -12 N/A N/A 6 70 37-44 1.7

    Important Notes & Observations:

    ️· Dropout Voltage: All models consistently have a dropout voltage of 1.7V.
    ️· Quiescent Current: All models have the same quiescent current of 6mA.
    ️· Line Regulation: Line regulation varies, generally increasing as the output voltage increases.
    ️· Load Regulation: Load regulation is consistent at 80mV for most models, but varies slightly between those models.
    ️· Noise and SVR: Noise levels and Supply Voltage Rejection (SVR) show some variation, but generally follow a trend.
    ️· AB/AC: The AB and AC versions appear to have the same electrical characteristics.



    Disclaimer: This is a summarization based on the provided text. For precise and complete information, always refer to the full datasheet.

    Part No.L79L05ABZ-AP
    ManufacturerSTMICROELECTRONICS
    Size717 Kbytes
    Pages27 pages
    DescriptionOutput current up to 100 mA