Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HA12228F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HA12228F Datasheet

  • # Example questions: ➢ What input pins are identified as being most sensitive to this noise, requiring particular attention during pcb layout and shielding?
    ➢ What is the maximum allowable power dissipation (pd) for the ha12228f ic, and under what temperature condition does this rating apply?
    ➢ What is the primary function of the 'music sensor' block within the ha12228f/ha12229f ic?

  • Part No.HA12228F
    ManufacturerHITACHI
    Size304 Kbytes
    Pages51 pages
    DescriptionAudio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
    Datasheet Summary with AI

    1. Device Overview & Purpose

    ️· What it is: The HA12228F and HA12229F are Dolby NR (Noise Reduction) and music sensor ICs. This means they're designed to reduce background noise in audio signals and also incorporate a music sensor to detect and respond to music playback.
    ️· Key Functions:
    - Dolby NR: Reduces hiss and noise in audio recordings. This involves more complex circuitry not detailed here but relies on a pre-emphasis/de-emphasis process.
    - Music Sensor: Detects the presence or absence of music. This is likely used to adjust playback behavior or control other functions.
    ️· HA12228F vs. HA12229F: The datasheet describes differences between the two, mainly focusing on noise characteristics and external component requirements. The HA12228F is more complex to set up for optimal NR performance.

    2. Key Features & Technical Details (HA12228F is the focus due to more detailed information)

    ️· Absolute Maximum Ratings: These are the limits *not* to exceed. Exceeding these will likely damage the chip.
    - Supply Voltage: 16V
    - Power Dissipation: 400mW (important to consider heat sinking!)
    - Operating Temperature: -40°C to +85°C
    - Storage Temperature: -55°C to +125°C
    ️· Electrical Characteristics: (Detailed data to follow in a complete datasheet. The information provided gives an overview)
    ️· Music Sensor Details:
    - Functionality: The music sensor detects the presence or absence of music. This likely triggers other actions in a larger system (e.g., adjusting volume, activating a display).
    - Sensitivity: Measured in voltage (mVrms). The datasheet provides reference levels:
    ■ Standard level of TAI pin (Dolby level correspondence): 30 mVrms
    ■ Standard sensing level of music sensor: 130 mVrms
    - Time Constant: This describes how quickly the music sensor responds to changes.
    ■ Attack (sensing no signal to signal): Controlled by capacitor C6 (0.01µF to 1µF).
    ■ Recovery (sensing signal to no signal): Controlled by C6 and resistor R11 (100kΩ to 1MΩ).
    - MSOUT (Music Sensor Output): This is the output pin that signals the music sensor's status.
    ️· Dolby NR External Components: The HA12228F requires careful selection of external components for optimal Dolby NR performance. Figure 6 outlines the tolerances.
    ️· Cellular Phone Noise Countermeasure: These chips have been designed to mitigate noise from cellular phone signals, but careful arrangement of components and shielding are still important.
    ️· Noise Characteristics (Figures 1-3): These graphs show how the device behaves under different conditions (input signal frequency, signal level).

    3. Understanding the Figures

    ️· Figure 8 (EQOUT Noise Output vs. Transmission Frequency Characteristic): Shows how much noise (EQOUT) is produced at different frequencies, with a fixed supply voltage and input signal. Important for optimizing circuit design.
    ️· Figure 9 (EQOUT Noise Output vs. Transmission Signal Input Level Characteristic): Shows how the output noise changes when the input signal level varies.

    4. Areas of Potential Confusion

    ️· External Components: Setting up the Dolby NR for the HA12228F likely requires a good understanding of the circuit and careful selection of components based on the datasheet's recommendations.
    ️· Terminology: Dolby NR involves terms like "pre-emphasis" and "de-emphasis" which are not explained in this excerpt. You're likely dealing with a specific circuit design that incorporates these functions.
    ️· Figure Interpretation: The noise characteristic graphs (Figures 8 and 9) require a detailed understanding of the circuit and signal conditions to interpret correctly.

    1. Device Overview & Purpose

    ️· What it is: The HA12228F and HA12229F are Dolby NR (Noise Reduction) and music sensor ICs. This means they're designed to reduce background noise in audio signals and also incorporate a music sensor to detect and respond to music playback.
    ️· Key Functions:
    - Dolby NR: Reduces hiss and noise in audio recordings. This involves more complex circuitry not detailed here but relies on a pre-emphasis/de-emphasis process.
    - Music Sensor: Detects the presence or absence of music. This is likely used to adjust playback behavior or control other functions.
    ️· HA12228F vs. HA12229F: The datasheet describes differences between the two, mainly focusing on noise characteristics and external component requirements. The HA12228F is more complex to set up for optimal NR performance.

    2. Key Features & Technical Details (HA12228F is the focus due to more detailed information)

    ️· Absolute Maximum Ratings: These are the limits *not* to exceed. Exceeding these will likely damage the chip.
    - Supply Voltage: 16V
    - Power Dissipation: 400mW (important to consider heat sinking!)
    - Operating Temperature: -40°C to +85°C
    - Storage Temperature: -55°C to +125°C
    ️· Electrical Characteristics: (Detailed data to follow in a complete datasheet. The information provided gives an overview)
    ️· Music Sensor Details:
    - Functionality: The music sensor detects the presence or absence of music. This likely triggers other actions in a larger system (e.g., adjusting volume, activating a display).
    - Sensitivity: Measured in voltage (mVrms). The datasheet provides reference levels:
    ■ Standard level of TAI pin (Dolby level correspondence): 30 mVrms
    ■ Standard sensing level of music sensor: 130 mVrms
    - Time Constant: This describes how quickly the music sensor responds to changes.
    ■ Attack (sensing no signal to signal): Controlled by capacitor C6 (0.01µF to 1µF).
    ■ Recovery (sensing signal to no signal): Controlled by C6 and resistor R11 (100kΩ to 1MΩ).
    - MSOUT (Music Sensor Output): This is the output pin that signals the music sensor's status.
    ️· Dolby NR External Components: The HA12228F requires careful selection of external components for optimal Dolby NR performance. Figure 6 outlines the tolerances.
    ️· Cellular Phone Noise Countermeasure: These chips have been designed to mitigate noise from cellular phone signals, but careful arrangement of components and shielding are still important.
    ️· Noise Characteristics (Figures 1-3): These graphs show how the device behaves under different conditions (input signal frequency, signal level).

    3. Understanding the Figures

    ️· Figure 8 (EQOUT Noise Output vs. Transmission Frequency Characteristic): Shows how much noise (EQOUT) is produced at different frequencies, with a fixed supply voltage and input signal. Important for optimizing circuit design.
    ️· Figure 9 (EQOUT Noise Output vs. Transmission Signal Input Level Characteristic): Shows how the output noise changes when the input signal level varies.

    4. Areas of Potential Confusion

    ️· External Components: Setting up the Dolby NR for the HA12228F likely requires a good understanding of the circuit and careful selection of components based on the datasheet's recommendations.
    ️· Terminology: Dolby NR involves terms like "pre-emphasis" and "de-emphasis" which are not explained in this excerpt. You're likely dealing with a specific circuit design that incorporates these functions.
    ️· Figure Interpretation: The noise characteristic graphs (Figures 8 and 9) require a detailed understanding of the circuit and signal conditions to interpret correctly.

    Part No.HA12228F
    ManufacturerHITACHI
    Size304 Kbytes
    Pages51 pages
    DescriptionAudio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)