| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2W06M Datasheet
# Example questions:
➢ What is the maximum repetitive peak reverse voltage that the 2w08m model can withstand?
➢ What percentage should the current be derated by when using this bridge rectifier with a capacitive load?
➢ How does the operating temperature range differ between the 2w06m and 2w10m models?
# Single Phase Silicon Bridge Rectifier
## Features
· Ideal for printed circuit board
· Low forward voltage drop
· Low leakage current
· Types with VRRM from 600 V to 1000 V
· Not ESD Sensitive
## Mechanical Data
· Case: Molded plastic body
· Polarity: Color band denotes cathode end
· Weight: 1.1 grams
· Mounting position: Any
## Maximum Ratings (Tc = 25°C)
· Repetitive Peak Reverse Voltage (VRRM): 600 V (2W06M), 800 V (2W08M), 1000 V (2W10M)
· RMS Reverse Voltage (VRMS): 420 V (2W06M), 560 V (2W08M), 700 V (2W10M)
· DC Blocking Voltage (VDC): 600 V (2W06M), 800 V (2W08M), 1000 V (2W10M)
· Operating Junction Temperature (Tj): -65°C to 125°C (2W06M & 2W08M), -65°C to 150°C (2W10M)
· Storage Temperature (Tstg): -65°C to 150°C
## Electrical Characteristics (Tc = 25°C)
· Maximum Average Forward Rectified Current (IO): 2 A
· Peak Forward Surge Current (IFSM): 60 A
· Maximum Instantaneous Forward Voltage Drop (VF): 1.1 V
· Maximum DC Reverse Current at Rated DC Blocking Voltage (IR): See datasheet for values
· Conditions: IF = 2A, Ta = 25°C; For capacitive loads, derate current by 20%
## Other
· High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375" lead length, .5 lbs tension
· Terminals: Plated, solderable per MIL-STD-202 Method 208
· Product marked with part number and terminal configuration
· See datasheet for package dimensions and terminal configuration.
# Single Phase Silicon Bridge Rectifier
## Features
· Ideal for printed circuit board
· Low forward voltage drop
· Low leakage current
· Types with VRRM from 600 V to 1000 V
· Not ESD Sensitive
## Mechanical Data
· Case: Molded plastic body
· Polarity: Color band denotes cathode end
· Weight: 1.1 grams
· Mounting position: Any
## Maximum Ratings (Tc = 25°C)
· Repetitive Peak Reverse Voltage (VRRM): 600 V (2W06M), 800 V (2W08M), 1000 V (2W10M)
· RMS Reverse Voltage (VRMS): 420 V (2W06M), 560 V (2W08M), 700 V (2W10M)
· DC Blocking Voltage (VDC): 600 V (2W06M), 800 V (2W08M), 1000 V (2W10M)
· Operating Junction Temperature (Tj): -65°C to 125°C (2W06M & 2W08M), -65°C to 150°C (2W10M)
· Storage Temperature (Tstg): -65°C to 150°C
## Electrical Characteristics (Tc = 25°C)
· Maximum Average Forward Rectified Current (IO): 2 A
· Peak Forward Surge Current (IFSM): 60 A
· Maximum Instantaneous Forward Voltage Drop (VF): 1.1 V
· Maximum DC Reverse Current at Rated DC Blocking Voltage (IR): See datasheet for values
· Conditions: IF = 2A, Ta = 25°C; For capacitive loads, derate current by 20%
## Other
· High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375" lead length, .5 lbs tension
· Terminals: Plated, solderable per MIL-STD-202 Method 208
· Product marked with part number and terminal configuration
· See datasheet for package dimensions and terminal configuration.
| Part No. | 2W06M |
| Manufacturer | GENESIC |
| Size | 302 Kbytes |
| Pages | 3 pages |
| Description | Single Phase Silicon Bridge Rectifier |