Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICS614M-01 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ICS614M-01 Datasheet

  • # Example questions: ➢ What are the recommended decoupling capacitor values and placement for the ics614m-01?
    ➢ What types of applications are *not* recommended for the ics614m-01 without additional processing?
    ➢ What crystal characteristics (mode, accuracy) are specified for optimal performance with the ics614m-01?

  • Part No.ICS614M-01
    ManufacturerICST
    Size65 Kbytes
    Pages4 pages
    Description16 pin Intel Graphics Clock Source
    Datasheet Summary with AI

    1. Overview & Purpose:

    ️· The ICS614-01 is a clock generator/driver integrated circuit designed for graphics applications (specifically the i752 platform). It generates multiple clock signals from a 27.000 MHz crystal.
    ️· It's designed for commercial applications and isn't recommended for life support or critical medical devices without additional processing/validation by ICS.
    ️· ICS reserves the right to change specifications without notice.

    2. Key Features & Specifications:

    ️· Input: 27.000 MHz crystal (fundamental mode, parallel resonant)
    ️· Outputs: Generates multiple clock signals (13.5MHz, various frequencies depending on select pins)
    ️· Voltage:
    - Supply Voltage (VDD): 4.5V - 5.5V
    - Input High Voltage (X1 pin only): 2.5-5V
    - Input Low Voltage (X1 pin only): 1.5-2.5V
    ️· Accuracy: Crystal accuracy should be 30 ppm or better.
    ️· Jitter:
    - Short-term jitter: ±150 ps
    - One-sigma jitter: 50 ps
    ️· Duty Cycle: 40%-60% at VDD/2.
    ️· Operating Temperature: 0°C to 70°C
    ️· Select Pins: Pins ASEL0 and ASEL1 are used to select different clock frequencies.

    3. External Components & Crystal Requirements:

    ️· Decoupling Capacitors: 0.01 µF capacitors are required between VDD and GND, one between pins 4 and 5, and one between pins 13 and 12, placed as close to the chip as possible.
    ️· Series Termination Resistors: 33 Ω series termination resistors are recommended for each clock output.
    ️· Crystal Load Capacitance (CL) Calculation: `Crystal caps (pF) = (CL - 6) * 2`. This is used to determine the correct capacitor values to be connected to the crystal pins (X1 and X2). ICS can measure capacitance and provide specific recommendations.

    4. Pin Descriptions & Functions:

    ️· X1 & X2: Crystal Connections
    ️· VDD: Positive Power Supply
    ️· GND: Ground
    ️· ASEL0 & ASEL1: Input Select pins for ACLK Frequency selection.
    ️· Various Output Pins: 13.5M, etc. The specific output frequencies depend on the states of the select pins.
    ️· Package: 16-Pin SOIC (Narrow)
    ️· Key Pins: see above

    5. Ordering Information:

    ️· ICS614M-01: Tube package, 0°C to 70°C temperature range.
    ️· ICS614M-01T: Tape and Reel package, 0°C to 70°C temperature range.

    6. Important Notes:

    ️· The datasheet is preliminary and subject to change.
    ️· ICS is not responsible for infringement of patents or other rights resulting from the use of this device.
    ️· Specific details about the output frequencies available via the different select pin combinations are included in the datasheets tables.

    1. Overview & Purpose:

    ️· The ICS614-01 is a clock generator/driver integrated circuit designed for graphics applications (specifically the i752 platform). It generates multiple clock signals from a 27.000 MHz crystal.
    ️· It's designed for commercial applications and isn't recommended for life support or critical medical devices without additional processing/validation by ICS.
    ️· ICS reserves the right to change specifications without notice.

    2. Key Features & Specifications:

    ️· Input: 27.000 MHz crystal (fundamental mode, parallel resonant)
    ️· Outputs: Generates multiple clock signals (13.5MHz, various frequencies depending on select pins)
    ️· Voltage:
    - Supply Voltage (VDD): 4.5V - 5.5V
    - Input High Voltage (X1 pin only): 2.5-5V
    - Input Low Voltage (X1 pin only): 1.5-2.5V
    ️· Accuracy: Crystal accuracy should be 30 ppm or better.
    ️· Jitter:
    - Short-term jitter: ±150 ps
    - One-sigma jitter: 50 ps
    ️· Duty Cycle: 40%-60% at VDD/2.
    ️· Operating Temperature: 0°C to 70°C
    ️· Select Pins: Pins ASEL0 and ASEL1 are used to select different clock frequencies.

    3. External Components & Crystal Requirements:

    ️· Decoupling Capacitors: 0.01 µF capacitors are required between VDD and GND, one between pins 4 and 5, and one between pins 13 and 12, placed as close to the chip as possible.
    ️· Series Termination Resistors: 33 Ω series termination resistors are recommended for each clock output.
    ️· Crystal Load Capacitance (CL) Calculation: `Crystal caps (pF) = (CL - 6) * 2`. This is used to determine the correct capacitor values to be connected to the crystal pins (X1 and X2). ICS can measure capacitance and provide specific recommendations.

    4. Pin Descriptions & Functions:

    ️· X1 & X2: Crystal Connections
    ️· VDD: Positive Power Supply
    ️· GND: Ground
    ️· ASEL0 & ASEL1: Input Select pins for ACLK Frequency selection.
    ️· Various Output Pins: 13.5M, etc. The specific output frequencies depend on the states of the select pins.
    ️· Package: 16-Pin SOIC (Narrow)
    ️· Key Pins: see above

    5. Ordering Information:

    ️· ICS614M-01: Tube package, 0°C to 70°C temperature range.
    ️· ICS614M-01T: Tape and Reel package, 0°C to 70°C temperature range.

    6. Important Notes:

    ️· The datasheet is preliminary and subject to change.
    ️· ICS is not responsible for infringement of patents or other rights resulting from the use of this device.
    ️· Specific details about the output frequencies available via the different select pin combinations are included in the datasheets tables.

    Part No.ICS614M-01
    ManufacturerICST
    Size65 Kbytes
    Pages4 pages
    Description16 pin Intel Graphics Clock Source