Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

380940 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 380940_15 Datasheet

  • # Example questions: ➢ How does the auto zero function specifically aid in dc current measurements?
    ➢ What is the maximum ac current this clamp-on meter can safely measure?
    ➢ What are the physical dimensions of the clamp-on meter in inches?

  • Part No.380940_15
    ManufacturerEXTECH
    Size239 Kbytes
    Pages1 page
    Description400A AC/DC Watt Clamp-on
    Datasheet Summary with AI

    # 400A AC/DC Watt Clamp-on

    ## Overview
    · Measures Watts, Current, and Voltage
    · AC/DC True Power measurements up to 240kW

    ## Features
    · True RMS AC Voltage and Current
    · Jaw opening: 0.9" (23mm)
    · LCD Display: 4000 count
    · Analog Bargraph: 40-segment
    · Functions: Data Hold, Max/Min recall, Auto Zero (DC current), Low battery indication
    · Frequency Range: Up to 10kHz
    · Auto power off
    · Includes: Test leads, 2 AA batteries, and carrying case

    ## Ordering Information
    · 380940: 400A AC/DC Watt Clamp-on
    · 380940-NIST: 380940 with Calibration Traceable to NIST

    ## Specifications
    AC Power
    · Range: 40kW - 240kW
    · Resolution: 10W - 100W
    · Accuracy: ±(1.5% + 3d) @ 50/60Hz
    · Input Signal Range: 0-250V/0-400A, PF 0-1 (40kW) & 0-600V/0-400A, PF 0-1 (240kW)

    DC Power
    · Range: 40kW - 240kW
    · Accuracy: ±(1.5% + 3d)

    AC Current
    · Range: 400A
    · Resolution: 0.1A
    · Accuracy: ±(1.5% + 3d) @ 50/60Hz
    · Overload Protection: 600A AC
    · Frequency Range: 40Hz-1kHz

    DC Current
    · Range: 400A
    · Resolution: 0.1A
    · Accuracy: ±(1.5% + 3d)
    · Overload Protection: 600A DC

    AC Voltage
    · Range: 600V
    · Resolution: 1V
    · Accuracy: ±(1.5% + 2d) @ 50/60Hz
    · Overload Protection: 800V AC

    DC Voltage
    · Range: 400V
    · Resolution: 0.1V
    · Accuracy: ±(1.0% + 2d)
    · Overload Protection: 800V DC

    Frequency
    · Range: 0.01-10kHz
    · Resolution: 0.01Hz
    · Accuracy: ±(0.8% + 2d)
    · Overload Protection: 600V AC

    ## Physical Characteristics
    · Dimensions: 7.2 x 2.5 x 1.4" (183 x 64 x 36mm)
    · Weight: 6.7oz (190g including batteries)

    # 400A AC/DC Watt Clamp-on

    ## Overview
    · Measures Watts, Current, and Voltage
    · AC/DC True Power measurements up to 240kW

    ## Features
    · True RMS AC Voltage and Current
    · Jaw opening: 0.9" (23mm)
    · LCD Display: 4000 count
    · Analog Bargraph: 40-segment
    · Functions: Data Hold, Max/Min recall, Auto Zero (DC current), Low battery indication
    · Frequency Range: Up to 10kHz
    · Auto power off
    · Includes: Test leads, 2 AA batteries, and carrying case

    ## Ordering Information
    · 380940: 400A AC/DC Watt Clamp-on
    · 380940-NIST: 380940 with Calibration Traceable to NIST

    ## Specifications
    AC Power
    · Range: 40kW - 240kW
    · Resolution: 10W - 100W
    · Accuracy: ±(1.5% + 3d) @ 50/60Hz
    · Input Signal Range: 0-250V/0-400A, PF 0-1 (40kW) & 0-600V/0-400A, PF 0-1 (240kW)

    DC Power
    · Range: 40kW - 240kW
    · Accuracy: ±(1.5% + 3d)

    AC Current
    · Range: 400A
    · Resolution: 0.1A
    · Accuracy: ±(1.5% + 3d) @ 50/60Hz
    · Overload Protection: 600A AC
    · Frequency Range: 40Hz-1kHz

    DC Current
    · Range: 400A
    · Resolution: 0.1A
    · Accuracy: ±(1.5% + 3d)
    · Overload Protection: 600A DC

    AC Voltage
    · Range: 600V
    · Resolution: 1V
    · Accuracy: ±(1.5% + 2d) @ 50/60Hz
    · Overload Protection: 800V AC

    DC Voltage
    · Range: 400V
    · Resolution: 0.1V
    · Accuracy: ±(1.0% + 2d)
    · Overload Protection: 800V DC

    Frequency
    · Range: 0.01-10kHz
    · Resolution: 0.01Hz
    · Accuracy: ±(0.8% + 2d)
    · Overload Protection: 600V AC

    ## Physical Characteristics
    · Dimensions: 7.2 x 2.5 x 1.4" (183 x 64 x 36mm)
    · Weight: 6.7oz (190g including batteries)

    Part No.380940_15
    ManufacturerEXTECH
    Size239 Kbytes
    Pages1 page
    Description400A AC/DC Watt Clamp-on