| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about L6258EX Datasheet
# Example questions:
➢ What is the primary function of the l6258ex, and what type of motors is it designed to drive?
➢ Explain the role of the charge pump circuit in the l6258ex, including the function of cboot and cp capacitors.
➢ How is the current level in the motor winding determined, and what factors influence it?
## Summary of the L6258EX Datasheet Snippet
This excerpt from the L6258EX datasheet details the functional description of a stepper/DC motor driver IC. Here's a breakdown of the key information:
Core Function: The L6258EX is designed to drive bipolar stepper motors or two DC motors using a switch-mode current control system.
Current Control: The IC controls current through the motor windings by adjusting the duty cycle and phase of signals driving a bridge configuration of power DMOS transistors. Positive and negative currents are achieved by manipulating these signals.
Key Features & Components:
️· Reference Voltage (VREF): Sets the maximum current level in conjunction with the sense resistor. `I_max = 0.5 * VREF / RS * FI`.
️· Input Logic (I0-I3): A 4-bit digital input that selects 16 different current levels (from 0% to 100% of Imax). A table lists the corresponding current percentages for each input combination.
️· Phase Input (PH): Controls the direction of the current flow, determining motor direction.
️· Triangular Generator: Generates the waveforms used to create the duty cycle variation of the output signals, controlling switching frequency. Frequency is adjustable via an external capacitor.
️· Charge Pump: Boosts the voltage to drive the high-side power DMOS transistors, requiring external capacitors (Cboot and CP). Recommended values are provided.
Working Principle: The IC uses PWM (Pulse Width Modulation) to control the current. Adjusting the duty cycle of the PWM signal allows for precise current control and allows both positive and negative currents to be driven through the motor windings.
In essence, this document excerpt provides a high-level understanding of how the L6258EX works, focusing on the core principles of current control and the key components that enable it.
## Summary of the L6258EX Datasheet Snippet
This excerpt from the L6258EX datasheet details the functional description of a stepper/DC motor driver IC. Here's a breakdown of the key information:
Core Function: The L6258EX is designed to drive bipolar stepper motors or two DC motors using a switch-mode current control system.
Current Control: The IC controls current through the motor windings by adjusting the duty cycle and phase of signals driving a bridge configuration of power DMOS transistors. Positive and negative currents are achieved by manipulating these signals.
Key Features & Components:
️· Reference Voltage (VREF): Sets the maximum current level in conjunction with the sense resistor. `I_max = 0.5 * VREF / RS * FI`.
️· Input Logic (I0-I3): A 4-bit digital input that selects 16 different current levels (from 0% to 100% of Imax). A table lists the corresponding current percentages for each input combination.
️· Phase Input (PH): Controls the direction of the current flow, determining motor direction.
️· Triangular Generator: Generates the waveforms used to create the duty cycle variation of the output signals, controlling switching frequency. Frequency is adjustable via an external capacitor.
️· Charge Pump: Boosts the voltage to drive the high-side power DMOS transistors, requiring external capacitors (Cboot and CP). Recommended values are provided.
Working Principle: The IC uses PWM (Pulse Width Modulation) to control the current. Adjusting the duty cycle of the PWM signal allows for precise current control and allows both positive and negative currents to be driven through the motor windings.
In essence, this document excerpt provides a high-level understanding of how the L6258EX works, focusing on the core principles of current control and the key components that enable it.
| Part No. | L6258EX |
| Manufacturer | STMICROELECTRONICS |
| Size | 305 Kbytes |
| Pages | 32 pages |
| Description | PWM controlled high current DMOS universal motor driver |