Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SW-489 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW-489 Datasheet

  • # Example questions: ➢ What is the primary application of the sw-489, as indicated in the description?
    ➢ What is the maximum operating temperature for the sw-489?
    ➢ What is the typical insertion loss at 2 ghz, as specified in the 'electrical specifications' table?

  • Part No.SW-489
    ManufacturerMACOM
    Size255 Kbytes
    Pages5 pages
    DescriptionGaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
    Datasheet Summary with AI

    Here's a summary of the provided datasheet for the M/A-COM SW-489 GaAs SP3T switch:

    Overview:

    ️· The SW-489 is a single-pole, three-throw (SP3T) high-power switch designed for applications like GSM/DCS handset systems.
    ️· It's fabricated using 0.5-micron GaAs pHEMT technology.
    ️· The switch is housed in a compact 12-lead FQFP package (3x3mm).

    Key Features:

    ️· Low Voltage Operation: Operates at a low control voltage (2.5V).
    ️· Low Harmonics: Offers good harmonic performance (>65 dBc at +34 dBm and 1 GHz).
    ️· Low Insertion Loss: 0.5 dB at 1 GHz.
    ️· High Isolation: 18.5 dB at 2 GHz.
    ️· Small Size: Compact FQFP package.

    Specifications:

    ️· Frequency Range: Up to 2.5 GHz.
    ️· Control Voltages: V1, V2, V3 control the switch's throw configuration (see truth table in datasheet).

    ️· Insertion Loss: 0.5 dB at 1 GHz
    ️· Isolation: 18.5 dB at 2 GHz
    ️· P1dB: 38 dBm
    ️· Harmonic Performance: >65 dBc

    Ordering Information:

    ️· SW-489: FQFP-N 12-lead Plastic Package
    ️· SW-489TR: 1000-piece reel
    ️· SW-489SMB: Sample Test Board

    Important Considerations:

    ️· ESD Sensitivity: The device is sensitive to electrostatic discharge and requires proper handling precautions.
    ️· Truth Table: The datasheet provides a truth table detailing the control voltage combinations and resulting switch positions.
    ️· Cross Modulation: Has relatively low cross modulation levels

    Overview:

    ️· The SW-489 is a single-pole, three-throw (SP3T) high-power switch designed for applications like GSM/DCS handset systems.
    ️· It's fabricated using 0.5-micron GaAs pHEMT technology.
    ️· The switch is housed in a compact 12-lead FQFP package (3x3mm).

    Key Features:

    ️· Low Voltage Operation: Operates at a low control voltage (2.5V).
    ️· Low Harmonics: Offers good harmonic performance (>65 dBc at +34 dBm and 1 GHz).
    ️· Low Insertion Loss: 0.5 dB at 1 GHz.
    ️· High Isolation: 18.5 dB at 2 GHz.
    ️· Small Size: Compact FQFP package.

    Specifications:

    ️· Frequency Range: Up to 2.5 GHz.
    ️· Control Voltages: V1, V2, V3 control the switch's throw configuration (see truth table in datasheet).
    ️· Insertion Loss: 0.5 dB at 1 GHz
    ️· Isolation: 18.5 dB at 2 GHz
    ️· P1dB: 38 dBm
    ️· Harmonic Performance: >65 dBc

    Ordering Information:

    ️· SW-489: FQFP-N 12-lead Plastic Package
    ️· SW-489TR: 1000-piece reel
    ️· SW-489SMB: Sample Test Board

    Important Considerations:

    ️· ESD Sensitivity: The device is sensitive to electrostatic discharge and requires proper handling precautions.
    ️· Truth Table: The datasheet provides a truth table detailing the control voltage combinations and resulting switch positions.
    ️· Cross Modulation: Has relatively low cross modulation levels

    Part No.SW-489
    ManufacturerMACOM
    Size255 Kbytes
    Pages5 pages
    DescriptionGaAs SP3T 2.5V High Power Switch DC - 2.5 GHz