Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBB08 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DBB08 Datasheet

  • # Example questions: ➢ What is the peak reverse voltage that the dbb08g is rated for?
    ➢ How does the thermal resistance of the dbb08g differ when mounted on alumina board versus a pcb?
    ➢ What is the maximum average rectified current the dbb08g can handle when mounted on a pcb?

  • Part No.DBB08
    ManufacturerONSEMI
    Size211 Kbytes
    Pages3 pages
    Description0.8A Single-Phase Bridge Rectifi er
    Datasheet Summary with AI

    # DBB08

    ## 0.8A Single-Phase Bridge Rectifier

    Features

    · Plastic molded structure for compact designs
    · Glass passivation for high reliability

    Specifications

    #### Absolute Maximum Ratings

    Parameter Symbol Conditions Value Unit
    Peak Reverse Voltage VRM 600 V
    Average Rectified Current (IO) Alumina board 0.8 A
    Average Rectified Current (IO) PCB 0.5 A
    Surge Forward Current IFSM 50Hz sine wave, 1 cycle 30 A
    Junction Temperature Tj 150 °C
    Storage Temperature Tstg -40 to +150 °C

    #### Electrical Characteristics

    Parameter Symbol Conditions Min Typ Max Unit
    Forward Voltage VF IF=0.4A 1.05 V
    Reverse Current IR VR: At each VRM 10 μA
    Thermal Resistance (Junction-to-Ambient) Rth(j-a) Cu foil (1mmx1mm) on alumina board 76 °C/W
    Thermal Resistance (Junction-to-Ambient) Rth(j-a) PCB 134 °C/W

    Ordering Information

    · Ordering number: EN2772C

    Package Information

    · Device: DBB08G-TM-E
    · Package: DIP4
    · Shipping: 750 pcs/reel
    · Lead finish: Pb-Free

    # DBB08

    ## 0.8A Single-Phase Bridge Rectifier

    Features

    · Plastic molded structure for compact designs
    · Glass passivation for high reliability

    Specifications

    #### Absolute Maximum Ratings

    Parameter Symbol Conditions Value Unit
    Peak Reverse Voltage VRM 600 V
    Average Rectified Current (IO) Alumina board 0.8 A
    Average Rectified Current (IO) PCB 0.5 A
    Surge Forward Current IFSM 50Hz sine wave, 1 cycle 30 A
    Junction Temperature Tj 150 °C
    Storage Temperature Tstg -40 to +150 °C

    #### Electrical Characteristics

    Parameter Symbol Conditions Min Typ Max Unit
    Forward Voltage VF IF=0.4A 1.05 V
    Reverse Current IR VR: At each VRM 10 μA
    Thermal Resistance (Junction-to-Ambient) Rth(j-a) Cu foil (1mmx1mm) on alumina board 76 °C/W
    Thermal Resistance (Junction-to-Ambient) Rth(j-a) PCB 134 °C/W

    Ordering Information

    · Ordering number: EN2772C

    Package Information

    · Device: DBB08G-TM-E
    · Package: DIP4
    · Shipping: 750 pcs/reel
    · Lead finish: Pb-Free

    Part No.DBB08
    ManufacturerONSEMI
    Size211 Kbytes
    Pages3 pages
    Description0.8A Single-Phase Bridge Rectifi er