Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE331-36 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE331-36 Datasheet

  • # Example questions: ➢ What is the maximum frequency this cable assembly is rated to operate at?
    ➢ What is the minimum bend radius for this cable assembly, and what unit of measurement is used?
    ➢ How does the insertion loss change as the frequency increases from 1 ghz to 18 ghz?

  • Part No.PE331-36
    ManufacturerPASTERNACK
    Size357 Kbytes
    Pages5 pages
    DescriptionSame day shipment of custom lengths
    Datasheet Summary with AI

    # N Male to N Female Low Loss Test Cable - PE331-36

    ## Product Overview

    ️· Low-loss test cable using PE-P300LL coax
    ️· Connector 1: N Male
    ️· Connector 2: N Female
    ️· Length: 36 inches (914.4 mm)
    ️· RoHS Compliant
    ️· Same day shipment available

    ## Electrical Specifications

    ️· Frequency Range: DC to 18 GHz
    ️· Impedance: 50 Ohms
    ️· Maximum VSWR: < 1.35:1 to 18 GHz
    ️· Velocity of Propagation: 83%
    ️· RF Shielding: > 95 dB
    ️· Typical Performance (Insertion Loss & Power Handling):
    - 1 GHz: 0.03 dB/ft, 2.9 kW
    - 1000 MHz: 0.05 dB/ft, 1.8 kW
    - 2 GHz: 0.07 dB/ft, 1.2 kW
    - 3 GHz: 0.08 dB/ft, 1.05 kW
    - 5 GHz: 0.11 dB/ft, 850 Watts
    - 10 GHz: 0.16 dB/ft, 600 Watts
    - 18 GHz: 0.22 dB/ft, 400 Watts

    ## Mechanical Specifications

    ️· Cable Type: PE-P300LL
    ️· Operating Temperature: -55 to +125 °C
    ️· Diameter: 0.875 inches (22.23 mm)
    ️· Weight: 0.1 lbs (45.36 g)
    ️· Cable Color: Green
    ️· Minimum Bend Radius: 1 inch (25.4 mm)
    ️· Jacket Diameter: 0.3 inches (7.62 mm)

    ## Connector Details

    ️· N Male:
    - Inner Conductor: Beryllium Copper, Gold Plated
    - Outer Conductor: Passivated Stainless Steel
    - Coupling Nut: Passivated Stainless Steel
    - Torque: 14 in-lbs (1.58 Nm)
    - Body: Passivated Stainless Steel
    ️· N Female:
    - Inner Conductor: Beryllium Copper, Gold Plated
    - Outer Conductor: Passivated Stainless Steel
    - Body: Passivated Stainless Steel
    - Dielectric: PTFE

    ## Material Composition

    ️· Cable Inner Conductor: Copper, Silver
    ️· Cable Outer Conductor: Copper, Silver
    ️· Dielectric: PTFE
    ️· Jacket Material: FEP

    # N Male to N Female Low Loss Test Cable - PE331-36

    ## Product Overview

    ️· Low-loss test cable using PE-P300LL coax
    ️· Connector 1: N Male
    ️· Connector 2: N Female
    ️· Length: 36 inches (914.4 mm)
    ️· RoHS Compliant
    ️· Same day shipment available

    ## Electrical Specifications

    ️· Frequency Range: DC to 18 GHz
    ️· Impedance: 50 Ohms
    ️· Maximum VSWR: < 1.35:1 to 18 GHz
    ️· Velocity of Propagation: 83%
    ️· RF Shielding: > 95 dB
    ️· Typical Performance (Insertion Loss & Power Handling):
    - 1 GHz: 0.03 dB/ft, 2.9 kW
    - 1000 MHz: 0.05 dB/ft, 1.8 kW
    - 2 GHz: 0.07 dB/ft, 1.2 kW
    - 3 GHz: 0.08 dB/ft, 1.05 kW
    - 5 GHz: 0.11 dB/ft, 850 Watts
    - 10 GHz: 0.16 dB/ft, 600 Watts
    - 18 GHz: 0.22 dB/ft, 400 Watts

    ## Mechanical Specifications

    ️· Cable Type: PE-P300LL
    ️· Operating Temperature: -55 to +125 °C
    ️· Diameter: 0.875 inches (22.23 mm)
    ️· Weight: 0.1 lbs (45.36 g)
    ️· Cable Color: Green
    ️· Minimum Bend Radius: 1 inch (25.4 mm)
    ️· Jacket Diameter: 0.3 inches (7.62 mm)

    ## Connector Details

    ️· N Male:
    - Inner Conductor: Beryllium Copper, Gold Plated
    - Outer Conductor: Passivated Stainless Steel
    - Coupling Nut: Passivated Stainless Steel
    - Torque: 14 in-lbs (1.58 Nm)
    - Body: Passivated Stainless Steel
    ️· N Female:
    - Inner Conductor: Beryllium Copper, Gold Plated
    - Outer Conductor: Passivated Stainless Steel
    - Body: Passivated Stainless Steel
    - Dielectric: PTFE

    ## Material Composition

    ️· Cable Inner Conductor: Copper, Silver
    ️· Cable Outer Conductor: Copper, Silver
    ️· Dielectric: PTFE
    ️· Jacket Material: FEP

    Part No.PE331-36
    ManufacturerPASTERNACK
    Size357 Kbytes
    Pages5 pages
    DescriptionSame day shipment of custom lengths