| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE91227 Datasheet
# Example questions:
➢ What material is used for the inner conductor plating of both connectors?
➢ How does the operating temperature range affect the usability of this adapter?
➢ What is the impedance of both connector 1 and connector 2?
# 7/16 DIN Male to 7/16 DIN Male Adapter (PE91227)
## Technical Specifications
Electrical
· Impedance: 50 Ohms
· Frequency Range: DC to 6 GHz
· Maximum VSWR: 1.25:1
Mechanical
· Connector 1: 7/16 DIN Male (IEC 169-4)
· Connector 2: 7/16 DIN Male (IEC 169-4)
· Body Style: Straight
· Dimensions: 1.827 in x 1.25 in [46.41 mm x 31.75 mm]
· Hex Size: 32 mm
· Torque: 18.333 ft-lbs [24.86 Nm]
· Inner Conductor Material: Beryllium Copper with Silver Plating
· Coupling Nut Material: Brass with Tri-Metal Plating
· Body Material: Brass with Tri-Metal Plating
· Dielectric Type: PTFE
## Environmental Specifications
· Operating Temperature: -45 to +120 deg C
· Ingress Protection: IP67 (Unmated)
## Compliance
· RoHS Compliant
· REACH Compliant (06/16/2014)
## Additional Information
· Part Number: PE91227
· Availability: 99%
· Website: [http://www.pasternack.com/7-16-male-7-16-male-straight-adapter-pe91227-p.aspx](http://www.pasternack.com/7-16-male-7-16-male-straight-adapter-pe91227-p.aspx)
# 7/16 DIN Male to 7/16 DIN Male Adapter (PE91227)
## Technical Specifications
Electrical
· Impedance: 50 Ohms
· Frequency Range: DC to 6 GHz
· Maximum VSWR: 1.25:1
Mechanical
· Connector 1: 7/16 DIN Male (IEC 169-4)
· Connector 2: 7/16 DIN Male (IEC 169-4)
· Body Style: Straight
· Dimensions: 1.827 in x 1.25 in [46.41 mm x 31.75 mm]
· Hex Size: 32 mm
· Torque: 18.333 ft-lbs [24.86 Nm]
· Inner Conductor Material: Beryllium Copper with Silver Plating
· Coupling Nut Material: Brass with Tri-Metal Plating
· Body Material: Brass with Tri-Metal Plating
· Dielectric Type: PTFE
## Environmental Specifications
· Operating Temperature: -45 to +120 deg C
· Ingress Protection: IP67 (Unmated)
## Compliance
· RoHS Compliant
· REACH Compliant (06/16/2014)
## Additional Information
· Part Number: PE91227
· Availability: 99%
· Website: [http://www.pasternack.com/7-16-male-7-16-male-straight-adapter-pe91227-p.aspx](http://www.pasternack.com/7-16-male-7-16-male-straight-adapter-pe91227-p.aspx)
| Part No. | PE91227 |
| Manufacturer | PASTERNACK |
| Size | 373 Kbytes |
| Pages | 3 pages |
| Description | 7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated |