| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FSW-2218 Datasheet
# Example questions:
➢ What is the maximum power consumption of the fsw-2218 switch?
➢ What type of cable is required for 10base-t connections, and what is the maximum supported length?
➢ How many mac addresses can the fsw-2218 switch learn and store in its mac address table?
# SohoCon FSW-2218 8-port Fast Ethernet Switch
## Key Features
· 8 x 10/100Mbps Ethernet ports
· Internal power supply
· Compact design
· Wire-speed, non-blocking forwarding
· Supports backplane up to 1.6 Gbps
· Store-and-forward switching for error-free transmission
· Auto MDI/MDIX on all ports
· N-way Auto-negotiation on all ports
· Full-duplex IEEE802.1x flow control
· Half-duplex back pressure flow control
· Plug-and-Play configuration
· Front panel LEDs for status monitoring
## Technical Specifications
· Standards: IEEE 802.3, IEEE 802.3u, IEEE 802.3x
· Protocol: CSMA/CD
· Architecture: Store-and-Forward
· MAC Address Table: 1K
· Packet Buffer: 768KBits
· Transfer Rates: 14,800 packets/sec (10Mbps), 148,800 packets/sec (100Mbps)
· Backplane: 1.6 Gbps
· Flow Control: Half-duplex (backpressure), Full-duplex (pause frame)
· Network Cables:
- 10Base-T: Cat.3/4/5 UTP/STP (up to 100m)
- 100Base-TX: Cat. 5 UTP/STP (up to 100m)
· LEDs: System Power (device), Link/Activity (ports)
· Power Supply: Internal, 100~240VAC, 50/60Hz
· Power Consumption: 7.5 Watts (max)
· Operating Temperature: 0°C ~ 45°C (32°F ~ 113°F)
· Operating Humidity: 10% ~ 90% (non-condensing)
· Dimensions: 165mm x 32.5mm x 100mm
· EMI: FCC Class A, CE
· Safety: UL, cUL, CE/EN60950
## Ordering Information
· FSW-2218: 8-port 10/100Mbps Fast Ethernet Switch w/ Internal Power Supply
# SohoCon FSW-2218 8-port Fast Ethernet Switch
## Key Features
· 8 x 10/100Mbps Ethernet ports
· Internal power supply
· Compact design
· Wire-speed, non-blocking forwarding
· Supports backplane up to 1.6 Gbps
· Store-and-forward switching for error-free transmission
· Auto MDI/MDIX on all ports
· N-way Auto-negotiation on all ports
· Full-duplex IEEE802.1x flow control
· Half-duplex back pressure flow control
· Plug-and-Play configuration
· Front panel LEDs for status monitoring
## Technical Specifications
· Standards: IEEE 802.3, IEEE 802.3u, IEEE 802.3x
· Protocol: CSMA/CD
· Architecture: Store-and-Forward
· MAC Address Table: 1K
· Packet Buffer: 768KBits
· Transfer Rates: 14,800 packets/sec (10Mbps), 148,800 packets/sec (100Mbps)
· Backplane: 1.6 Gbps
· Flow Control: Half-duplex (backpressure), Full-duplex (pause frame)
· Network Cables:
- 10Base-T: Cat.3/4/5 UTP/STP (up to 100m)
- 100Base-TX: Cat. 5 UTP/STP (up to 100m)
· LEDs: System Power (device), Link/Activity (ports)
· Power Supply: Internal, 100~240VAC, 50/60Hz
· Power Consumption: 7.5 Watts (max)
· Operating Temperature: 0°C ~ 45°C (32°F ~ 113°F)
· Operating Humidity: 10% ~ 90% (non-condensing)
· Dimensions: 165mm x 32.5mm x 100mm
· EMI: FCC Class A, CE
· Safety: UL, cUL, CE/EN60950
## Ordering Information
· FSW-2218: 8-port 10/100Mbps Fast Ethernet Switch w/ Internal Power Supply
| Part No. | FSW-2218 |
| Manufacturer | LVL1 |
| Size | 117 Kbytes |
| Pages | 2 pages |
| Description | 8-port 10/100Mbps Fast Etherent Switch w/ Internal Power |