| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MAS1206 Datasheet
# Example questions:
➢ What safety standards does this mas-series noise filter comply with?
➢ What is the maximum allowable leakage current for the noise filter when operating at 125v, 60hz?
➢ What are the different rated current options available for the mas-1206-33, mas-1210-33, mas-1215-33, and mas-1220-33 models?
# MAS -SERIES Noise Filter
## Features
️· Conforms to EMI regulations (VCCI, CISPR, FCC, VDE)
️· Attenuation of high voltage pulse noise
️· Attenuates conductive emission from power supply
️· Leakage current: 1mA max. (250V, 60Hz)
️· High shielded effect
️· Compact and lightweight
## Safety Standards
️· UL1283
️· CSA Std. C22. 2 No. 8
️· VDE0565 Teil. 3 (will transfer to EN133200 on/after July 23, 2003)
## Specifications (per Model)
| Item | MAS-1206-33 | MAS-1210-33 | MAS-1215-33 | MAS-1220-33 |
| ---------------------- | ----------- | ----------- | ----------- | ----------- |
| Rated Voltage (AC/DC) | 250V | 250V | 250V | 250V |
| Rated Current (AC/DC) | 6A | 10A | 15A | 20A |
| Test Voltage (AC 1 min) | 2500V | 2500V | 2500V | 2500V |
| Isolation Resistance | 100MΩ min. | 100MΩ min. | 100MΩ min. | 100MΩ min. |
| Leakage Current (125V/60Hz) | 0.5mA max. | 0.5mA max. | 0.5mA max. | 0.5mA max. |
| Leakage Current (250V/60Hz) | 1mA max. | 1mA max. | 1mA max. | 1mA max. |
| DC Resistance | 0.10Ω max. | 0.05Ω max. | 0.03Ω max. | 0.02Ω max. |
| Temperature Rise | 30°C max. | 30°C max. | 30°C max. | 30°C max. |
| Operating Temp. Range | –25 ~ +85°C | –25 ~ +85°C | –25 ~ +85°C | –25 ~ +85°C |
| Weight (Typ) | 310g | 310g | 310g | 310g |
*Note: Specifications are valid at Ta = 55°C. Refer to derating curve for Ta > 55°C.*
## Other
️· Case: Metal
️· Contact for delivery information before ordering.
️· R: Breeder resistance
# MAS -SERIES Noise Filter
## Features
️· Conforms to EMI regulations (VCCI, CISPR, FCC, VDE)
️· Attenuation of high voltage pulse noise
️· Attenuates conductive emission from power supply
️· Leakage current: 1mA max. (250V, 60Hz)
️· High shielded effect
️· Compact and lightweight
## Safety Standards
️· UL1283
️· CSA Std. C22. 2 No. 8
️· VDE0565 Teil. 3 (will transfer to EN133200 on/after July 23, 2003)
## Specifications (per Model)
| Item | MAS-1206-33 | MAS-1210-33 | MAS-1215-33 | MAS-1220-33 |
|---|---|---|---|---|
| Rated Voltage (AC/DC) | 250V | 250V | 250V | 250V |
| Rated Current (AC/DC) | 6A | 10A | 15A | 20A |
| Test Voltage (AC 1 min) | 2500V | 2500V | 2500V | 2500V |
| Isolation Resistance | 100MΩ min. | 100MΩ min. | 100MΩ min. | 100MΩ min. |
| Leakage Current (125V/60Hz) | 0.5mA max. | 0.5mA max. | 0.5mA max. | 0.5mA max. |
| Leakage Current (250V/60Hz) | 1mA max. | 1mA max. | 1mA max. | 1mA max. |
| DC Resistance | 0.10Ω max. | 0.05Ω max. | 0.03Ω max. | 0.02Ω max. |
| Temperature Rise | 30°C max. | 30°C max. | 30°C max. | 30°C max. |
| Operating Temp. Range | –25 ~ +85°C | –25 ~ +85°C | –25 ~ +85°C | –25 ~ +85°C |
| Weight (Typ) | 310g | 310g | 310g | 310g |
| Part No. | MAS1206 |
| Manufacturer | LAMBDA |
| Size | 139 Kbytes |
| Pages | 2 pages |
| Description | Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc? |