Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PJ-032B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PJ-032B Datasheet

  • # Example questions: ➢ What is the specified operating temperature range for reliable performance of this power jack?
    ➢ What is the maximum allowable current this dc power jack can handle?
    ➢ What is the minimum insertion/withdrawal force required to properly connect or disconnect a mating plug?

  • Part No.PJ-032B
    ManufacturerCUI
    Size317 Kbytes
    Pages3 pages
    DescriptionDC POWER JACK
    Datasheet Summary with AI

    # PJ-032B DC Power Jack

    ## Features

    · 2.5 mm center pin
    · 2.5 A rating
    · Vertical orientation
    · Through-hole

    ## Specifications

    · Rated Input Voltage: 24 Vdc
    · Rated Input Current: 2.5 A
    · Contact Resistance:
    - Between Terminal and Mating Plug: 50 mΩ
    - Between Terminal in Closed Circuit: 30 mΩ
    · Insulation Resistance: 100 MΩ at 500 Vdc
    · Voltage Withstand: 500 Vac for 1 minute
    · Insertion/Withdrawal Force: 0.3 - 3 kg
    · Terminal Strength: 500 g for 10 seconds
    · Operating Temperature: -25°C to 85°C
    · Life: 5,000 cycles
    · Flammability Rating: UL94V-0
    · RoHS Compliant: 2011/65/EU

    ## Solderability

    · Wave Soldering: 255°C to 265°C

    ## Mechanical Details

    · Center Pin: Ø2.5 mm
    · Mating Plug Insertion Depth: 9 mm
    · Material/Plating:
    - Center Pin: Copper/Nickel
    - Terminal 1: Brass/Tin
    - Terminal 2: Copper Alloy/Tin
    - Terminal 2: Brass/Tin
    - Plastic: PBT

    ## Revision History

    · 1.0 (07/30/2007): Initial Release
    · 1.01 (11/13/2009): Changed Terminal 1 Dimension
    · 1.02 (10/21/2013): Applied New Specification Template
    · 1.03 (04/08/2016): Increased Voltage Rating

    ## Warranty and Disclaimer

    · One (1) year limited warranty.
    · CUI reserves the right to make changes without notice.
    · Not authorized for use in critical life support systems.

    # PJ-032B DC Power Jack

    ## Features

    · 2.5 mm center pin
    · 2.5 A rating
    · Vertical orientation
    · Through-hole

    ## Specifications

    · Rated Input Voltage: 24 Vdc
    · Rated Input Current: 2.5 A
    · Contact Resistance:
    - Between Terminal and Mating Plug: 50 mΩ
    - Between Terminal in Closed Circuit: 30 mΩ
    · Insulation Resistance: 100 MΩ at 500 Vdc
    · Voltage Withstand: 500 Vac for 1 minute
    · Insertion/Withdrawal Force: 0.3 - 3 kg
    · Terminal Strength: 500 g for 10 seconds
    · Operating Temperature: -25°C to 85°C
    · Life: 5,000 cycles
    · Flammability Rating: UL94V-0
    · RoHS Compliant: 2011/65/EU

    ## Solderability

    · Wave Soldering: 255°C to 265°C

    ## Mechanical Details

    · Center Pin: Ø2.5 mm
    · Mating Plug Insertion Depth: 9 mm
    · Material/Plating:
    - Center Pin: Copper/Nickel
    - Terminal 1: Brass/Tin
    - Terminal 2: Copper Alloy/Tin
    - Terminal 2: Brass/Tin
    - Plastic: PBT

    ## Revision History

    · 1.0 (07/30/2007): Initial Release
    · 1.01 (11/13/2009): Changed Terminal 1 Dimension
    · 1.02 (10/21/2013): Applied New Specification Template
    · 1.03 (04/08/2016): Increased Voltage Rating

    ## Warranty and Disclaimer

    · One (1) year limited warranty.
    · CUI reserves the right to make changes without notice.
    · Not authorized for use in critical life support systems.

    Part No.PJ-032B
    ManufacturerCUI
    Size317 Kbytes
    Pages3 pages
    DescriptionDC POWER JACK