| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LLC520UYC-B90 Datasheet
# Example questions:
➢ What is the typical forward voltage when a current of 20ma is applied?
➢ What is the maximum forward current this led lamp can handle?
➢ Within what temperature range can this led lamp be safely operated?
# 5mm Cylindrical Yellow LED Lamp
## Features
️· Single color (yellow)
️· High brightness output
️· Low power consumption
️· High reliability and long life
## Description
️· Dice Material: AIGaInP
️· Emitting Color: Ultra bright yellow
️· Device Outline: 5mm cylindrical type with water clear lens
️· Package: LLC520UYC-B90
## Absolute Maximum Ratings (Ta=25°C)
️· Reverse Voltage (VR): 5V
️· Forward Current (IF): 30mA
️· Power Dissipation (Pd): 75mW
️· Pulse Current (Ipeak): 100mA (Duty=0.1ms, 1kHz)
️· Operating Temperature (Topr): -40°C to +85°C
️· Storage Temperature (Tstr): -40°C to +100°C
## Electrical and Optical Characteristics (Ta=25°C)
️· Forward Voltage (VF): 2.25V - 2.6V (IF=20mA)
️· Reverse Current (IR): ≤ 30µA (VR=5V)
️· Dominate Wavelength: 589nm (IF=20mA)
️· Peak Wavelength: 590nm (IF=20mA)
️· Spectral Line Half-Width: 20nm (IF=20mA)
️· Luminous Intensity (IV): 800-1000 mcd (IF=20mA)
## Notes
️· All dimensions are in millimeters (mm).
️· Tolerance is ±0.20mm unless otherwise noted.
# 5mm Cylindrical Yellow LED Lamp
## Features
️· Single color (yellow)
️· High brightness output
️· Low power consumption
️· High reliability and long life
## Description
️· Dice Material: AIGaInP
️· Emitting Color: Ultra bright yellow
️· Device Outline: 5mm cylindrical type with water clear lens
️· Package: LLC520UYC-B90
## Absolute Maximum Ratings (Ta=25°C)
️· Reverse Voltage (VR): 5V
️· Forward Current (IF): 30mA
️· Power Dissipation (Pd): 75mW
️· Pulse Current (Ipeak): 100mA (Duty=0.1ms, 1kHz)
️· Operating Temperature (Topr): -40°C to +85°C
️· Storage Temperature (Tstr): -40°C to +100°C
## Electrical and Optical Characteristics (Ta=25°C)
️· Forward Voltage (VF): 2.25V - 2.6V (IF=20mA)
️· Reverse Current (IR): ≤ 30µA (VR=5V)
️· Dominate Wavelength: 589nm (IF=20mA)
️· Peak Wavelength: 590nm (IF=20mA)
️· Spectral Line Half-Width: 20nm (IF=20mA)
️· Luminous Intensity (IV): 800-1000 mcd (IF=20mA)
## Notes
️· All dimensions are in millimeters (mm).
️· Tolerance is ±0.20mm unless otherwise noted.
| Part No. | LLC520UYC-B90 |
| Manufacturer | LIGHTKEY |
| Size | 76 Kbytes |
| Pages | 2 pages |
| Description | 5mm Cylindrical Yellow LED Lamp |