| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DAC7741 Datasheet
# Example questions:
➢ What is the primary function of the refout pin on the dac7741, and how is it enabled?
➢ What is the minimum cs low time (trcs) required for a read operation with the dac7741y?
➢ The pin description lists multiple 'no connection' (nc) pins. what is the best practice regarding these pins to ensure optimal device performance?
1. General Information & Grades
️· Device: DAC7741
️· Grades Listed: DAC7741Y (likely a commercial grade), with some timings and characteristics defined for 'DAC7741Y' in the timings section. A 'DAC7741' is referenced elsewhere, potentially indicating different temperature or performance specs.
️· Datasheet Reference: SBAS248A
️· Summary: It's a digital-to-analog converter (DAC)
2. Pinout & Description:
️· 48-Pin DIP/SOIC Package (Implied from the number of pins)
️· Power Supply Pins: VSS (Negative Analog Supply), VCC (Positive Analog Supply), VDD (Digital Supply)
️· Reference Voltage: VREF (Buffered output from REFIN, used to drive external devices)
️· Offset and Feedback Resistors: ROFFSET, RFB1, RFB2 (Used to configure the DAC output range)
️· Analog Ground (AGND): Requires a connection to a dedicated analog ground plane.
️· Digital Interface:
- DB0-DB7: Data input/output pins (LSB to MSB)
- CS: Chip Select (Active Low)
- R/W: Read/Write Control
- LDAC: Load DAC Register (Rising Edge Triggered)
- DGND: Digital Ground
- RST: Reset (Active Low, with reset select function)
- RSTSEL: Reset Select (Determines the action of the Reset signal)
- REFEN: Enables the internal reference voltage (Active Low)
- REFIN: Reference Input
- REFOUT: Internal Reference Output
- REFA DJ: Internal Reference Trim
️· TEST: Reserved pin, to be connected to DGND
️· NC: No Connection pins – many throughout the pinout.
3. Timing Characteristics
️· Access Times: A table of timing parameters (tRCS, tRDS, tRDH, tDZ, tCSD, tWCS, tWS, tWH, tLS, tLH, tLX, tDS, tDH, tLWD, tSS, tSH, tRSS, tS).
️· Units: Nanoseconds (ns) and microseconds (µs).
️· Summary: Provides timing information for the various control signals and data transfer.
4. Electrical Characteristics
️· Specific numerical values: (Not directly listed here, as the extract doesn's include those, but would be present in the full datasheet.) Parameters like supply voltage requirements, output voltage range, reference voltage accuracy, and settling time would be defined.
5. Functional Overview/Operation (Implied)
️· Serial Interface: The DAC uses a serial interface for data input and control.
️· Register Architecture: It appears to have a register architecture, where data is loaded into a register (LDAC) and then applied to the DAC.
️· Reset Functionality: A reset function (RST) is provided, with selectable actions based on the RSTSEL pin.
️· Reference Voltage: An internal reference voltage is provided (REFEN) and can be trimmed (REFA DJ).
1. General Information & Grades
️· Device: DAC7741
️· Grades Listed: DAC7741Y (likely a commercial grade), with some timings and characteristics defined for 'DAC7741Y' in the timings section. A 'DAC7741' is referenced elsewhere, potentially indicating different temperature or performance specs.
️· Datasheet Reference: SBAS248A
️· Summary: It's a digital-to-analog converter (DAC)
2. Pinout & Description:
️· 48-Pin DIP/SOIC Package (Implied from the number of pins)
️· Power Supply Pins: VSS (Negative Analog Supply), VCC (Positive Analog Supply), VDD (Digital Supply)
️· Reference Voltage: VREF (Buffered output from REFIN, used to drive external devices)
️· Offset and Feedback Resistors: ROFFSET, RFB1, RFB2 (Used to configure the DAC output range)
️· Analog Ground (AGND): Requires a connection to a dedicated analog ground plane.
️· Digital Interface:
- DB0-DB7: Data input/output pins (LSB to MSB)
- CS: Chip Select (Active Low)
- R/W: Read/Write Control
- LDAC: Load DAC Register (Rising Edge Triggered)
- DGND: Digital Ground
- RST: Reset (Active Low, with reset select function)
- RSTSEL: Reset Select (Determines the action of the Reset signal)
- REFEN: Enables the internal reference voltage (Active Low)
- REFIN: Reference Input
- REFOUT: Internal Reference Output
- REFA DJ: Internal Reference Trim
️· TEST: Reserved pin, to be connected to DGND
️· NC: No Connection pins – many throughout the pinout.
3. Timing Characteristics
️· Access Times: A table of timing parameters (tRCS, tRDS, tRDH, tDZ, tCSD, tWCS, tWS, tWH, tLS, tLH, tLX, tDS, tDH, tLWD, tSS, tSH, tRSS, tS).
️· Units: Nanoseconds (ns) and microseconds (µs).
️· Summary: Provides timing information for the various control signals and data transfer.
4. Electrical Characteristics
️· Specific numerical values: (Not directly listed here, as the extract doesn's include those, but would be present in the full datasheet.) Parameters like supply voltage requirements, output voltage range, reference voltage accuracy, and settling time would be defined.
5. Functional Overview/Operation (Implied)
️· Serial Interface: The DAC uses a serial interface for data input and control.
️· Register Architecture: It appears to have a register architecture, where data is loaded into a register (LDAC) and then applied to the DAC.
️· Reset Functionality: A reset function (RST) is provided, with selectable actions based on the RSTSEL pin.
️· Reference Voltage: An internal reference voltage is provided (REFEN) and can be trimmed (REFA DJ).
| Part No. | DAC7741 |
| Manufacturer | BURR-BROWN |
| Size | 421 Kbytes |
| Pages | 10 pages |
| Description | 16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface |