# ALPHA WIRE 5292C Cable Specification
## Cable Construction & Components
️· Cable Type: Shielded, twisted pair cable
️· Conductor: 20 AWG TC (7/28 stranded)
️· Insulation: PVC, 0.016" wall thickness
️· Pair Configuration: Two twisted pairs
️· Shielding: A/P/A tape with drain wire and braided shield (70% coverage)
️· Jacket: PVC, 0.032" wall thickness, includes rip cord and print
️· Color Options: Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
## Industry Approvals & Compliance
️· UL: AWM/STYLE 1569 (105°C/300V), AWM/STYLE 2464 (80°C/300V)
️· CSA: CMG 105°C
️· RoHS Compliant: Complies with EU Directive 2002/95/EC
️· California Proposition 65: Compliant
️· CE Marking: LVD 73/23/EEC Amendment 93/68/EEC
## Physical & Mechanical Properties
️· Temperature Range: -20°C to 105°C
️· Bend Radius: 10X cable diameter
️· Pull Tension: 49 Lbs (maximum)
️· Sunlight Resistance: Yes
## Electrical Properties (Engineering Use)
️· Voltage Rating: 300 VRMS
️· Mutual Capacitance: 39 pf/ft @ 1 kHz
️· Ground Capacitance: 70 pf/ft @ 1 kHz
️· Characteristic Impedance: 55 Ω
️· Inductance: 0.19 µH/ft
️· Conductor DCR: 10.4 Ω/1000ft @ 20°C
️· OA Shield DCR: 2.49 Ω/1000ft @ 20°C
## Packaging Options
️· 1000 FT reels
️· 500 FT reels
️· 100 FT reels
️· Bulk (made-to-order)