| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PCM1717E-3G4 Datasheet
# Example questions:
➢ Describe the function of register 0 in software mode, and explain how the attenuation level is determined based on its data.
➢ What are the two modes of operation for the pcm1717, and which pin selection determines the active mode?
➢ In hardware mode, how are the de-emphasis settings controlled, and what are the possible de-emphasis frequencies?
# PCM1717 Stereo Audio Digital-to-Analog Converter
## Features
️· Input: Accepts 16- or 18-bit data
️· Complete DAC: Includes digital filter, delta-sigma DAC, analog filter, and output amplifier.
️· Performance: -90dB THD+N, 96dB Dynamic Range, 100dB SNR
️· Clock: Supports 256fs or 384fs system clock.
️· Functions: Selectable soft mute, digital attenuation (256 steps), de-emphasis, and output mode (L, R, Mono, Mute).
️· Package: Small SSOP-20 package.
## Specifications
️· Resolution: 16/18 bits
️· Sampling Frequency: 32kHz, 44.1kHz, 48kHz
️· THD+N: -90dB (at 0dB)
️· Dynamic Range: 96dB (A-weighted)
️· SNR: 100dB (A-weighted)
️· Supply Voltage: +2.7V to +5.5V
️· Power Dissipation: 90mW (at +5V) / 45mW (at +3V)
## Operational Modes
️· Software Mode: Controlled by a 16-bit serial register.
️· Hardware Mode: Controlled by logic levels on pins. Enables de-emphasis & mute.
## Control Functions (Software Mode)
️· Digital Attenuation: 256 steps
️· De-emphasis: Selectable for 32kHz, 44.1kHz, and 48kHz.
️· Output Mode: Stereo, Mono, L, R, Mute.
## Pin Configuration
️· Data Input: LRCIN, DIN, BCKIN
️· Control: XTI, MODE, MD/DM0, MC/DM1, ML/MUTE, RSTB
️· Analog Output: D/C_R, VOUT R, VOUT L, D/C_L
️· Power: AGND, VCC, DGND, VDD
## Package Information
️· Package Type: SSOP-20
️· Temperature Range: -25°C to +85°C (Operating) / -55°C to +100°C (Storage)
# PCM1717 Stereo Audio Digital-to-Analog Converter
## Features
️· Input: Accepts 16- or 18-bit data
️· Complete DAC: Includes digital filter, delta-sigma DAC, analog filter, and output amplifier.
️· Performance: -90dB THD+N, 96dB Dynamic Range, 100dB SNR
️· Clock: Supports 256fs or 384fs system clock.
️· Functions: Selectable soft mute, digital attenuation (256 steps), de-emphasis, and output mode (L, R, Mono, Mute).
️· Package: Small SSOP-20 package.
## Specifications
️· Resolution: 16/18 bits
️· Sampling Frequency: 32kHz, 44.1kHz, 48kHz
️· THD+N: -90dB (at 0dB)
️· Dynamic Range: 96dB (A-weighted)
️· SNR: 100dB (A-weighted)
️· Supply Voltage: +2.7V to +5.5V
️· Power Dissipation: 90mW (at +5V) / 45mW (at +3V)
## Operational Modes
️· Software Mode: Controlled by a 16-bit serial register.
️· Hardware Mode: Controlled by logic levels on pins. Enables de-emphasis & mute.
## Control Functions (Software Mode)
️· Digital Attenuation: 256 steps
️· De-emphasis: Selectable for 32kHz, 44.1kHz, and 48kHz.
️· Output Mode: Stereo, Mono, L, R, Mute.
## Pin Configuration
️· Data Input: LRCIN, DIN, BCKIN
️· Control: XTI, MODE, MD/DM0, MC/DM1, ML/MUTE, RSTB
️· Analog Output: D/C_R, VOUT R, VOUT L, D/C_L
️· Power: AGND, VCC, DGND, VDD
## Package Information
️· Package Type: SSOP-20
️· Temperature Range: -25°C to +85°C (Operating) / -55°C to +100°C (Storage)
| Part No. | PCM1717E-3G4 |
| Manufacturer | TI1 |
| Size | 204 Kbytes |
| Pages | 17 pages |
| Description | DIGITAL-TO-ANALOG CONVERTER |