Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HV256 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HV256_13 Datasheet

  • # Example questions: ➢ What is the approximate width of the chip in microns?
    ➢ Identify three pad names related to power supply and ground, and state their corresponding function.
    ➢ What is the likely purpose of these instructions in the manufacturing process?

  • Part No.HV256_13
    ManufacturerSUTEX
    Size1Mb
    Pages13 pages
    Description32-Channel High Voltage Amplifier Array
    Datasheet Summary with AI

    HV256 Datasheet Summary:

    ️· Device Type: High-Voltage Integrated Circuit (likely a driver or amplifier for high-voltage applications – specifics are not detailed in this excerpt).
    ️· Key Features (based on pad names):
    - Multiple High-Voltage Output Channels (HVOUT0-31 – 32 outputs).
    - Multiple High-Voltage Input Channels (VIN0-31 – 32 inputs).
    - Power Supply Connections: VDD, VNN, GND.
    - Bypass Capacitors Connections: BYP-VDD, BYP-VNN, BYP-VPP.
    - Additional Connections: VPP, RSINK, RSOURCE, CATHODE, ANODE.
    ️· Package & Dimensions:
    - Chip Size: 17160μm x 5830μm
    - Die center is (0,0)
    ️· Pad Coordinates: A detailed table provides the X and Y coordinates (in microns) for all the pads on the chip. This is crucial for PCB layout and wire bonding.
    ️· Manufacturer: Supertex Inc. (www.supertex.com).

    In essence, this datasheet provides the physical layout information and pin assignments necessary to integrate the HV256 chip into a circuit board. It does *not* include electrical characteristics, application information, or functional details. It’s a *physical* datasheet focusing on the mechanical aspects of connecting to the chip.

    HV256 Datasheet Summary:

    ️· Device Type: High-Voltage Integrated Circuit (likely a driver or amplifier for high-voltage applications – specifics are not detailed in this excerpt).
    ️· Key Features (based on pad names):
    - Multiple High-Voltage Output Channels (HVOUT0-31 – 32 outputs).
    - Multiple High-Voltage Input Channels (VIN0-31 – 32 inputs).
    - Power Supply Connections: VDD, VNN, GND.
    - Bypass Capacitors Connections: BYP-VDD, BYP-VNN, BYP-VPP.
    - Additional Connections: VPP, RSINK, RSOURCE, CATHODE, ANODE.
    ️· Package & Dimensions:
    - Chip Size: 17160μm x 5830μm
    - Die center is (0,0)
    ️· Pad Coordinates: A detailed table provides the X and Y coordinates (in microns) for all the pads on the chip. This is crucial for PCB layout and wire bonding.
    ️· Manufacturer: Supertex Inc. (www.supertex.com).

    In essence, this datasheet provides the physical layout information and pin assignments necessary to integrate the HV256 chip into a circuit board. It does *not* include electrical characteristics, application information, or functional details. It’s a *physical* datasheet focusing on the mechanical aspects of connecting to the chip.

    Part No.HV256_13
    ManufacturerSUTEX
    Size1Mb
    Pages13 pages
    Description32-Channel High Voltage Amplifier Array