Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TUSB1002IRGET Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TUSB1002IRGET Datasheet

  • # Example questions: ➢ What is the range of internal pull-up resistance for the en and slp_s0# input pins?
    ➢ What is the function of the slp_s0# input pin, and how does it affect power consumption?
    ➢ What is the typical power consumption of the tusb1002 when in u2/u3 mode?

  • Part No.TUSB1002IRGET
    ManufacturerTI1
    Size1Mb
    Pages28 pages
    DescriptionUSB3.1 10 Gbps Dual-Channel Linear Redriver
    Datasheet Summary with AI

    # TUSB1002 USB3.1 10 Gbps Dual-Channel Linear Redriver

    ## Features
    ️· Supports USB3.1 SuperSpeed (5 Gbps) and SuperSpeedPlus (10 Gbps)
    ️· Ultra Low-Power Architecture: Active <340 mW, U2/U3 <8 mW, Disconnected <2mW
    ️· Adjustable Voltage Output Swing: up to 1200 mVpp
    ️· 14 Settings for up to 15 dB at 10 Gbps of Linear Equalization
    ️· Adjustable DC Equalization Gain
    ️· Hot-Plug Capable
    ️· Pin-to-Pin Compatible with LVPE502A/LVPE512 USB 3.0 Redriver
    ️· Temperature Range: 0°C to 70°C (Commercial) or -40°C to 85°C (Industrial)
    ️· ESD Protection: ±6 kV HBM
    ️· Available in 3.3V Supply
    ️· Package Options: 4mm x 4mm VQFN or 3mm x 3mm WQFN

    ## Applications
    ️· Notebook and Desktop PC
    ️· TVs
    ️· Tablets
    ️· Cell Phones
    ️· Active Cable
    ️· Docking Stations

    ## Description
    The TUSB1002 is a dual-channel USB 3.1 SuperSpeedPlus (SSP) redriver and signal conditioner with low power consumption. It supports USB3.1 low power modes and implements a linear equalizer supporting up to 15dB loss compensation.

    ## Device Information

    Part Number Package Body Size (Nom)
    TUSB1002 VQFN (24) 4.00 mm x 4.00 mm
    TUSB1002I VQFN (24) 4.00 mm x 4.00 mm
    TUSB1002 WQFN (24) 3.00 mm x 3.00 mm
    TUSB1002I WQFN (24) 3.00 mm x 3.00 mm

    ## Electrical Characteristics (Summary)

    ️· Power Consumption: Varies depending on mode (see Features)
    ️· Supply Voltage: 3.3V ±10%
    ️· ESD Protection: ±6 kV HBM

    # TUSB1002 USB3.1 10 Gbps Dual-Channel Linear Redriver

    ## Features
    ️· Supports USB3.1 SuperSpeed (5 Gbps) and SuperSpeedPlus (10 Gbps)
    ️· Ultra Low-Power Architecture: Active <340 mW, U2/U3 <8 mW, Disconnected <2mW
    ️· Adjustable Voltage Output Swing: up to 1200 mVpp
    ️· 14 Settings for up to 15 dB at 10 Gbps of Linear Equalization
    ️· Adjustable DC Equalization Gain
    ️· Hot-Plug Capable
    ️· Pin-to-Pin Compatible with LVPE502A/LVPE512 USB 3.0 Redriver
    ️· Temperature Range: 0°C to 70°C (Commercial) or -40°C to 85°C (Industrial)
    ️· ESD Protection: ±6 kV HBM
    ️· Available in 3.3V Supply
    ️· Package Options: 4mm x 4mm VQFN or 3mm x 3mm WQFN

    ## Applications
    ️· Notebook and Desktop PC
    ️· TVs
    ️· Tablets
    ️· Cell Phones
    ️· Active Cable
    ️· Docking Stations

    ## Description
    The TUSB1002 is a dual-channel USB 3.1 SuperSpeedPlus (SSP) redriver and signal conditioner with low power consumption. It supports USB3.1 low power modes and implements a linear equalizer supporting up to 15dB loss compensation.

    ## Device Information

    Part Number Package Body Size (Nom)
    TUSB1002 VQFN (24) 4.00 mm x 4.00 mm
    TUSB1002I VQFN (24) 4.00 mm x 4.00 mm
    TUSB1002 WQFN (24) 3.00 mm x 3.00 mm
    TUSB1002I WQFN (24) 3.00 mm x 3.00 mm

    ## Electrical Characteristics (Summary)

    ️· Power Consumption: Varies depending on mode (see Features)
    ️· Supply Voltage: 3.3V ±10%
    ️· ESD Protection: ±6 kV HBM

    Part No.TUSB1002IRGET
    ManufacturerTI1
    Size1Mb
    Pages28 pages
    DescriptionUSB3.1 10 Gbps Dual-Channel Linear Redriver