| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2N6449 Datasheet
# Example questions:
➢ What is the maximum reverse gate source voltage for the 2n6450 transistor?
➢ What are the pin configurations for the toð39 package, specifically identifying the function of pin 1, 2, and 3?
➢ How does the continuous device power dissipation change with temperature for both the 2n6449 and 2n6450?
# 2N6449, 2N6450 - N-Channel Silicon Junction Field-Effect Transistor
## Features
· N-Channel Junction FET
· TOÐ39 Package
· NJ42 Process
## Absolute Maximum Ratings (TA = 25°C)
· Reverse Gate Source Voltage: 2N6449 - 300V, 2N6450 - 200V
· Reverse Gate Drain Voltage: 2N6449 - 300V, 2N6450 - 200V
· Continuous Forward Gate Current: 10 mA
· Continuous Device Power Dissipation: 800 mW
· Power Derating: 6.4 mW/°C
## Electrical Characteristics
Static
· Gate Source Breakdown Voltage (V(BR)GSS): 2N6449 - 300V, 2N6450 - 200V
· Gate Reverse Current (IGSS): Ranges specified, see datasheet table.
· Gate Source Cutoff Voltage (VGS(OFF)): 2N6449 -2 to -15V, 2N6450 -2 to -15V
· Drain Saturation Current (Pulsed) (IDSS): 2N6449 - 2 to 10mA, 2N6450 - 2 to 10mA
Dynamic
· Common Source Forward Transfer Admittance (Yfs): 0.5 to 3 mS
· Common Source Output Conductance (Yos): 100 µS
· Common Source Input Capacitance (Ciss): 20 pF
· Common Source Reverse Transfer Capacitance (Crss): 2.5 pF
## Pin Configuration
· 1: Source
· 2: Drain
· 3: Gate & Case
# 2N6449, 2N6450 - N-Channel Silicon Junction Field-Effect Transistor
## Features
· N-Channel Junction FET
· TOÐ39 Package
· NJ42 Process
## Absolute Maximum Ratings (TA = 25°C)
· Reverse Gate Source Voltage: 2N6449 - 300V, 2N6450 - 200V
· Reverse Gate Drain Voltage: 2N6449 - 300V, 2N6450 - 200V
· Continuous Forward Gate Current: 10 mA
· Continuous Device Power Dissipation: 800 mW
· Power Derating: 6.4 mW/°C
## Electrical Characteristics
Static
· Gate Source Breakdown Voltage (V(BR)GSS): 2N6449 - 300V, 2N6450 - 200V
· Gate Reverse Current (IGSS): Ranges specified, see datasheet table.
· Gate Source Cutoff Voltage (VGS(OFF)): 2N6449 -2 to -15V, 2N6450 -2 to -15V
· Drain Saturation Current (Pulsed) (IDSS): 2N6449 - 2 to 10mA, 2N6450 - 2 to 10mA
Dynamic
· Common Source Forward Transfer Admittance (Yfs): 0.5 to 3 mS
· Common Source Output Conductance (Yos): 100 µS
· Common Source Input Capacitance (Ciss): 20 pF
· Common Source Reverse Transfer Capacitance (Crss): 2.5 pF
## Pin Configuration
· 1: Source
· 2: Drain
· 3: Gate & Case
| Part No. | 2N6449 |
| Manufacturer | INTERFET |
| Size | 91 Kbytes |
| Pages | 1 page |
| Description | N-Channel Silicon Junction Field-Effect Transistor |