| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MVKV2 Datasheet
# Example questions:
➢ How does the supply voltage requirement change across the different supported voltage levels (+5vdc, +3vdc, +5.0vdc) for the lvds configuration?
➢ What is the maximum allowable aging drift, expressed in parts per million per year, for these devices?
➢ What is the function of pin 1, pin 2 and pin 3 and how are they connected?
# MVKP, MVKL, and MVKV Series Oscillators
## General Features
️· Industry Standard Package
️· Wide Frequency Range: 70.000MHz to 800.000MHz
️· RoHS Compliant options available
️· Low Jitter: Less than 1 pSec
️· Frequency Stability: (See Part Number Guide)
️· Operating Temperature Range: (See Part Number Guide)
️· Storage Temperature: -55°C to +125°C
️· Aging: ±5 ppm / yr max
## Electrical Specifications
Voltage & Current
️· Supply Voltages: +2.5VDC, +3.3VDC, +5.0VDC (specific values and maximum currents vary per output type – LVDS, LVPECL, PECL)
️· Logic “0” (LVDS): 1.43V typ
️· Logic “1” (LVDS): 1.10V typ
️· Tri-State Operation: Enabled with Vih = 70% of Vdd min; Disabled with Vil = 30% max or grounded.
Timing & Waveform
️· Rise / Fall Time: 2nSec max (into 50 Ohms into Vdd-2.00 VDC load)
️· Start Time: 10mSec max
️· Phase Jitter (12kHz to 20MHz): Less than 1 pSec
## Mechanical Dimensions
️· Multiple pin connections specified for voltage control, N/C or tri-state functionality, and grounding.
️· Dimensions: (various dimensions in inches and metric, detailed in datasheet)
️· External Bypass Capacitor Recommended.
## Part Number Guide Options
️· Output Type:
- P = PECL
- L = LVPECL
- V = LVDS
️· Symmetry:
- Blank = 40%/60%
- A = 45%/55%
️· Linearity:
- Blank = ±20% max
- X = ±5% max
- Z = ±15% max
- Y = ±10% max
️· Operating Temperature:
- Blank = 0°C to +70°C
- 27 = -20°C to +70°C
- 48 = -40°C to +85°C
️· Pullability:
- A = ±200 ppm min
- C = ±100 ppm min
- D = ±50 ppm min
- P = ±25 ppm min
️· Packaging:
- Blank = Bulk
- T = Tape and Reel
️· Frequency Stability:
- 020 = ±20 ppm
- 025 = ±25 ppm
- 050 = ±50 ppm
- 100 = ±100 ppm
# MVKP, MVKL, and MVKV Series Oscillators
## General Features
️· Industry Standard Package
️· Wide Frequency Range: 70.000MHz to 800.000MHz
️· RoHS Compliant options available
️· Low Jitter: Less than 1 pSec
️· Frequency Stability: (See Part Number Guide)
️· Operating Temperature Range: (See Part Number Guide)
️· Storage Temperature: -55°C to +125°C
️· Aging: ±5 ppm / yr max
## Electrical Specifications
Voltage & Current
️· Supply Voltages: +2.5VDC, +3.3VDC, +5.0VDC (specific values and maximum currents vary per output type – LVDS, LVPECL, PECL)
️· Logic “0” (LVDS): 1.43V typ
️· Logic “1” (LVDS): 1.10V typ
️· Tri-State Operation: Enabled with Vih = 70% of Vdd min; Disabled with Vil = 30% max or grounded.
Timing & Waveform
️· Rise / Fall Time: 2nSec max (into 50 Ohms into Vdd-2.00 VDC load)
️· Start Time: 10mSec max
️· Phase Jitter (12kHz to 20MHz): Less than 1 pSec
## Mechanical Dimensions
️· Multiple pin connections specified for voltage control, N/C or tri-state functionality, and grounding.
️· Dimensions: (various dimensions in inches and metric, detailed in datasheet)
️· External Bypass Capacitor Recommended.
## Part Number Guide Options
️· Output Type:
- P = PECL
- L = LVPECL
- V = LVDS
️· Symmetry:
- Blank = 40%/60%
- A = 45%/55%
️· Linearity:
- Blank = ±20% max
- X = ±5% max
- Z = ±15% max
- Y = ±10% max
️· Operating Temperature:
- Blank = 0°C to +70°C
- 27 = -20°C to +70°C
- 48 = -40°C to +85°C
️· Pullability:
- A = ±200 ppm min
- C = ±100 ppm min
- D = ±50 ppm min
- P = ±25 ppm min
️· Packaging:
- Blank = Bulk
- T = Tape and Reel
️· Frequency Stability:
- 020 = ±20 ppm
- 025 = ±25 ppm
- 050 = ±50 ppm
- 100 = ±100 ppm
| Part No. | MVKV2 |
| Manufacturer | MMD |
| Size | 85 Kbytes |
| Pages | 1 page |
| Description | Industry Standard Package |