| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about UTF0040 Datasheet
# Example questions:
➢ What are the specified dimensional tolerances for features defined with 'xx' and 'xxx' dimensions in both the to-8f and tc-1 case drawings?
➢ What are the screening options available for the utfc-025 model, and what publication provides more detail on the 'r' series screening?
➢ For the tc-1 case, what type of connector is used for both input and output, and why is the r-series screening not available for this case?
# UTF-040 Voltage-Controlled RF Attenuator
## Features
️· Attenuation Range: 40 dB
️· Negative Control Voltage
️· Frequency Range: 10 to 1000 MHz
️· Available in TO-8 hermetic case or connectorized TC-1 package (SMA female connectors)
## Maximum Ratings
️· DC Voltage: +17 Volts
️· Continuous RF Input Power: +23.0 dBm
️· Operating Case Temperature: -55 to +125°C
️· Storage Temperature: -62 to +150°C
## Electrical Specifications (50Ω system @ +15VDC)
️· Attenuation (VC = -10V): 30-250 MHz: 40dB, 10-500 MHz: 35dB, 10-1000 MHz: 30dB
️· Insertion Loss (VC = 0V): 10-500 MHz: 2.2dB, 10-1000 MHz: 2.5dB
️· VSWR: 2.0:1 (10-500 MHz), 2.5:1 (10-1000 MHz)
️· Flatness (to 20dB): ±0.5dB
️· Max Small Signal Input Level: 0 dBm (10-50 MHz), +6.0 dBm (50-1000 MHz)
️· Switching Speed: 0.4 ms (10% to 90%)
## Typical Performance
️· Control Voltage: 0 to -12 VDC
️· Control Current: 0 to 75 mA
## Case Options
️· TO-8: Hermetic
️· TC-1: Non-hermetic, SMA female connectors
## Screening Options
️· No Screening
️· R-Series Screening
## Weight
️· 2.1 grams (TO-8)
️· 21.5 grams (TC-1 with connectors)
# UTF-040 Voltage-Controlled RF Attenuator
## Features
️· Attenuation Range: 40 dB
️· Negative Control Voltage
️· Frequency Range: 10 to 1000 MHz
️· Available in TO-8 hermetic case or connectorized TC-1 package (SMA female connectors)
## Maximum Ratings
️· DC Voltage: +17 Volts
️· Continuous RF Input Power: +23.0 dBm
️· Operating Case Temperature: -55 to +125°C
️· Storage Temperature: -62 to +150°C
## Electrical Specifications (50Ω system @ +15VDC)
️· Attenuation (VC = -10V): 30-250 MHz: 40dB, 10-500 MHz: 35dB, 10-1000 MHz: 30dB
️· Insertion Loss (VC = 0V): 10-500 MHz: 2.2dB, 10-1000 MHz: 2.5dB
️· VSWR: 2.0:1 (10-500 MHz), 2.5:1 (10-1000 MHz)
️· Flatness (to 20dB): ±0.5dB
️· Max Small Signal Input Level: 0 dBm (10-50 MHz), +6.0 dBm (50-1000 MHz)
️· Switching Speed: 0.4 ms (10% to 90%)
## Typical Performance
️· Control Voltage: 0 to -12 VDC
️· Control Current: 0 to 75 mA
## Case Options
️· TO-8: Hermetic
️· TC-1: Non-hermetic, SMA female connectors
## Screening Options
️· No Screening
️· R-Series Screening
## Weight
️· 2.1 grams (TO-8)
️· 21.5 grams (TC-1 with connectors)
| Part No. | UTF0040 |
| Manufacturer | TELEDYNE |
| Size | 151 Kbytes |
| Pages | 6 pages |
| Description | Attenuator 10 to 1000 MHz |