Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC14422 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SC14422 Datasheet

  • # Example questions: ➢ What is the function of pin 69, and how does its behavior change depending on the operating mode?
    ➢ Several pins are described as having a fixed pull-up resistor. what is the purpose of a pull-up resistor and how does it affect the pin's default state?
    ➢ Explain the difference between these two types of pins and how their functionality contributes to the operation of the sc1442

  • Part No.SC14422
    ManufacturerNSC
    Size82 Kbytes
    Pages7 pages
    DescriptionComplete Baseband Processor for DECT Base Stations
    Datasheet Summary with AI

    1. General Overview

    ️· The SC14422 is a mixed-signal, single-chip processor designed for DECT (Digital Enhanced Cordless Telecommunications) applications.
    ️· It combines a CR16A processor core with peripheral functions, analog codec, and memory interface.
    ️· It supports flexible configuration and can be controlled externally.
    ️· The datasheet extract highlights many pins with configurable functions, allowing versatility in system design.

    2. Pin Descriptions (Categorized for Clarity)


    ️· Power & Ground:
    - VDD (Positive Supply Voltage)
    - VSS (Digital Ground)
    - Analog Supply (not specifically named, but for analog circuits)
    - Analog Ground
    ️· Reset & Control:
    - RSTN (Active Low Reset)
    - HOLDn (Hold Mode Select/MI Input/HOLDACKn) - Very versatile pin
    - DEBUG_REG (Software Reset) - Not fully described but related to reset
    ️· Memory Interface:
    - Address Pins (AD[17:0]): Address bits for memory access.
    - Data Bus (D[7:0]): Data bus for reading and writing to memory.
    - CS0, CS1, CS2: Chip Select outputs for memory access.
    - RDN: Active Low Read signal.
    - WRN: Active Low Write signal.
    ️· Clock & Timing:
    - Bit Clock Output (1.152 MHz): Synchronized to DECT bit clock.
    - TONE Input (to Capture Timer)
    - External Clock Input (crystal connection)
    ️· Analog Codec and Audio:
    - Microphone Inputs (positive and negative)
    - Loudspeaker Outputs (positive and negative)
    - DAC Output (Digital-to-Analog Converter for frequency control)
    - ADC Inputs (Analog-to-Digital Converter inputs)
    ️· General Purpose I/O (GPIO):
    - Many pins are configurable as digital inputs or outputs.
    - Some are configurable with open-drain capabilities for things like buzzer control.
    ️· Specialized Functions:
    - P10_INT (Level-Sensitive Interrupt Source)
    - ISE (Interrupt Source Enable)

    3. Key Features & Important Notes

    ️· Configurable Pins: Many pins have multiple functions, offering flexibility in design. This is a defining characteristic of the chip.
    ️· External Control: The chip can be controlled externally, allowing for integration into larger systems.
    ️· HOLD Mode: The HOLDn pin is crucial, enabling external processor control.
    ️· Versatility: Suitable for a wide variety of DECT-related applications.
    ️· Open Drain: Some pins support open-drain configuration with high-current sink capabilities.

    1. General Overview

    ️· The SC14422 is a mixed-signal, single-chip processor designed for DECT (Digital Enhanced Cordless Telecommunications) applications.
    ️· It combines a CR16A processor core with peripheral functions, analog codec, and memory interface.
    ️· It supports flexible configuration and can be controlled externally.
    ️· The datasheet extract highlights many pins with configurable functions, allowing versatility in system design.

    2. Pin Descriptions (Categorized for Clarity)


    ️· Power & Ground:
    - VDD (Positive Supply Voltage)
    - VSS (Digital Ground)
    - Analog Supply (not specifically named, but for analog circuits)
    - Analog Ground
    ️· Reset & Control:
    - RSTN (Active Low Reset)
    - HOLDn (Hold Mode Select/MI Input/HOLDACKn) - Very versatile pin
    - DEBUG_REG (Software Reset) - Not fully described but related to reset
    ️· Memory Interface:
    - Address Pins (AD[17:0]): Address bits for memory access.
    - Data Bus (D[7:0]): Data bus for reading and writing to memory.
    - CS0, CS1, CS2: Chip Select outputs for memory access.
    - RDN: Active Low Read signal.
    - WRN: Active Low Write signal.
    ️· Clock & Timing:
    - Bit Clock Output (1.152 MHz): Synchronized to DECT bit clock.
    - TONE Input (to Capture Timer)
    - External Clock Input (crystal connection)
    ️· Analog Codec and Audio:
    - Microphone Inputs (positive and negative)
    - Loudspeaker Outputs (positive and negative)
    - DAC Output (Digital-to-Analog Converter for frequency control)
    - ADC Inputs (Analog-to-Digital Converter inputs)
    ️· General Purpose I/O (GPIO):
    - Many pins are configurable as digital inputs or outputs.
    - Some are configurable with open-drain capabilities for things like buzzer control.
    ️· Specialized Functions:
    - P10_INT (Level-Sensitive Interrupt Source)
    - ISE (Interrupt Source Enable)

    3. Key Features & Important Notes

    ️· Configurable Pins: Many pins have multiple functions, offering flexibility in design. This is a defining characteristic of the chip.
    ️· External Control: The chip can be controlled externally, allowing for integration into larger systems.
    ️· HOLD Mode: The HOLDn pin is crucial, enabling external processor control.
    ️· Versatility: Suitable for a wide variety of DECT-related applications.
    ️· Open Drain: Some pins support open-drain configuration with high-current sink capabilities.

    Part No.SC14422
    ManufacturerNSC
    Size82 Kbytes
    Pages7 pages
    DescriptionComplete Baseband Processor for DECT Base Stations