Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BR8N60 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BR8N60 Datasheet

  • # Example questions: ➢ What is the maximum drain current (id) the brn60 can handle at a case temperature of 25°c?
    ➢ What is the typical gate threshold voltage (vgs(th)) of the brn60?
    ➢ Describe the temperature profile requirements for wave soldering the brn60, specifically the preheating temperature and duration.

  • Part No.BR8N60
    ManufacturerFOSHAN
    Size954 Kbytes
    Pages6 pages
    DescriptionN-CHANNEL MOSFET in a TO-220 Plastic Package
    Datasheet Summary with AI

    BR8N60 MOSFET Datasheet Summary


    1. General Description:

    ️· Type: N-Channel MOSFET
    ️· Package: TO-220
    ️· Application: Designed for high-efficiency DC/DC converters and power switching applications.

    2. Features:

    ️· Low gate charge (Qg)
    ️· Low reverse transfer capacitance (Crss)
    ️· Fast switching speed

    3. Key Electrical Characteristics (at 25°C unless noted):

    ️· Drain-Source Voltage (Vdss): 600V
    ️· Drain Current (Id at 25°C): 8A
    ️· Drain Current (Id at 100°C): 4.6A
    ️· Gate-Source Voltage (Vgs): ±30V
    ️· Gate Threshold Voltage (Vgs(th)): 2.0 - 4.0V
    ️· Drain-Source On-Resistance (Rds(on)): 1.0 - 1.2 Ohms (at Vgs=10V, Id=3.75A)
    ️· Input Capacitance (Ciss): 965 - 1255 pF
    ️· Output Capacitance (Coss): 105 - 135 pF
    ️· Reverse Transfer Capacitance (Crss): 12 - 16 pF

    4. Marking Information:

    ️· Includes company code (BR), part number (8N60), and a production batch code.

    5. Soldering Information:

    ️· Provides guidelines for peak reflow temperature and duration.

    6. Packaging:

    ️· Available in both Bulk and Tube packaging options, with specified quantities per package.

    7. Important Notes:

    ️· Datasheet emphasizes the importance of proper operating conditions and adherence to the provided specifications for reliable performance.

    BR8N60 MOSFET Datasheet Summary


    1. General Description:

    ️· Type: N-Channel MOSFET
    ️· Package: TO-220
    ️· Application: Designed for high-efficiency DC/DC converters and power switching applications.

    2. Features:

    ️· Low gate charge (Qg)
    ️· Low reverse transfer capacitance (Crss)
    ️· Fast switching speed

    3. Key Electrical Characteristics (at 25°C unless noted):

    ️· Drain-Source Voltage (Vdss): 600V
    ️· Drain Current (Id at 25°C): 8A
    ️· Drain Current (Id at 100°C): 4.6A
    ️· Gate-Source Voltage (Vgs): ±30V
    ️· Gate Threshold Voltage (Vgs(th)): 2.0 - 4.0V
    ️· Drain-Source On-Resistance (Rds(on)): 1.0 - 1.2 Ohms (at Vgs=10V, Id=3.75A)
    ️· Input Capacitance (Ciss): 965 - 1255 pF
    ️· Output Capacitance (Coss): 105 - 135 pF
    ️· Reverse Transfer Capacitance (Crss): 12 - 16 pF

    4. Marking Information:

    ️· Includes company code (BR), part number (8N60), and a production batch code.

    5. Soldering Information:

    ️· Provides guidelines for peak reflow temperature and duration.

    6. Packaging:

    ️· Available in both Bulk and Tube packaging options, with specified quantities per package.

    7. Important Notes:

    ️· Datasheet emphasizes the importance of proper operating conditions and adherence to the provided specifications for reliable performance.

    Part No.BR8N60
    ManufacturerFOSHAN
    Size954 Kbytes
    Pages6 pages
    DescriptionN-CHANNEL MOSFET in a TO-220 Plastic Package