Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSCD104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MSCD104 Datasheet

  • # Example questions: ➢ What is the typical thermal resistance from junction to ambient (rθja) for these diodes?
    ➢ What are the typical and maximum forward voltages for the mscd106 diode at a current of 1a?
    ➢ What pad size is recommended for mounting these diodes on a pcb to ensure optimal thermal performance?

  • Part No.MSCD104
    ManufacturerSECOS
    Size177 Kbytes
    Pages3 pages
    DescriptionVoltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
    Datasheet Summary with AI

    ## Summary of Datasheet Information for MSCD102/104/106 Schottky Barrier Rectifiers


    1. General Characteristics:

    ️· Voltage: 20V - 60V
    ️· Current: 1.0A
    ️· Package: Surface Mount
    ️· Datasheet Revision: 23-May-2012, Rev. B

    2. Absolute Maximum Ratings:

    ️· VRRM (Repetitive Peak Reverse Voltage):
    - MSCD102: 20V
    - MSCD104: 40V
    - MSCD106: 60V
    ️· IF(AV) (Average Forward Current): 1.0A (all models)
    ️· IFSM (Surge Forward Current): 10A (all models)
    ️· TJ (Junction Temperature):
    - MSCD102/104: -55°C to +125°C
    - MSCD106: -55°C to +150°C
    ️· TSTG (Storage Temperature): -55°C to +150°C (all models)

    3. Electrical Characteristics (TA = 25°C):

    Parameter MSCD102 MSCD104 MSCD106 Unit
    VF (Forward Voltage) @ IF=0.5A 0.39 0.40 0.50 V
    VF (Forward Voltage) @ IF=1A 0.42-0.45 0.47-0.50 0.62-0.65 V
    IRRM (Reverse Leakage Current) @ VR=Max VRRM - - 0.028-0.2 mA
    CJ (Junction Capacitance) @ VR=4V, f=1MHz - - 115 pF
    RθJA (Thermal Resistance J-A) - - 120 °C/W
    RθJL (Thermal Resistance J-L) - - 28 °C/W

    4. Test Conditions & Notes:

    ️· Pulse test width (PW): 300µs
    ️· Duty cycle: 1%
    ️· Mounted on PCB with: 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.

    ## Summary of Datasheet Information for MSCD102/104/106 Schottky Barrier Rectifiers


    1. General Characteristics:

    ️· Voltage: 20V - 60V
    ️· Current: 1.0A
    ️· Package: Surface Mount
    ️· Datasheet Revision: 23-May-2012, Rev. B

    2. Absolute Maximum Ratings:

    ️· VRRM (Repetitive Peak Reverse Voltage):
    - MSCD102: 20V
    - MSCD104: 40V
    - MSCD106: 60V
    ️· IF(AV) (Average Forward Current): 1.0A (all models)
    ️· IFSM (Surge Forward Current): 10A (all models)
    ️· TJ (Junction Temperature):
    - MSCD102/104: -55°C to +125°C
    - MSCD106: -55°C to +150°C
    ️· TSTG (Storage Temperature): -55°C to +150°C (all models)

    3. Electrical Characteristics (TA = 25°C):

    Parameter MSCD102 MSCD104 MSCD106 Unit
    VF (Forward Voltage) @ IF=0.5A 0.39 0.40 0.50 V
    VF (Forward Voltage) @ IF=1A 0.42-0.45 0.47-0.50 0.62-0.65 V
    IRRM (Reverse Leakage Current) @ VR=Max VRRM - - 0.028-0.2 mA
    CJ (Junction Capacitance) @ VR=4V, f=1MHz - - 115 pF
    RθJA (Thermal Resistance J-A) - - 120 °C/W
    RθJL (Thermal Resistance J-L) - - 28 °C/W

    4. Test Conditions & Notes:

    ️· Pulse test width (PW): 300µs
    ️· Duty cycle: 1%
    ️· Mounted on PCB with: 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.

    Part No.MSCD104
    ManufacturerSECOS
    Size177 Kbytes
    Pages3 pages
    DescriptionVoltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers