Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AWG3017 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AWG3017_17 Datasheet

  • # Example questions: ➢ How does increasing the output power of the two tones used to measure oip3 affect the reported oip3 value? give examples from different sections.
    ➢ Considering the different bias conditions (voltage and current) presented in the document, describe a trade-off that might exist when optimizing the amplifier for gain versus linearity.
    ➢ Compare the noise figure performance of the awg3017 at 100 mhz versus 4700 mhz. what does this suggest about the amplifier’s performance across different frequencies?

  • Part No.AWG3017_17
    ManufacturerASB
    Size973 Kbytes
    Pages21 pages
    Description50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
    Datasheet Summary with AI

    Important Note: These specs *vary significantly* depending on the bias conditions (Vd and Id), which in turn affects the operating frequency range.

    1. Application: 500 ~ 3000 MHz (Vd = +4.2 V, Id = 104 mA)

    ️· Frequency Range: 500 - 3000 MHz
    ️· Bias: Vd = 4.2V, Id = 104 mA
    ️· Gain: ~17.5 - 17.0 dB (at 500-2000MHz)
    ️· S11: ~ -9 to -14 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 1.9 to 2.3 dB
    ️· Output IP3: ~ 37.0 dBm (measured with +4 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 20.0 dBm

    2. Application: 500 ~ 3000 MHz (Vd = +4.6 V, Id = 140 mA)

    ️· Frequency Range: 500 - 3000 MHz
    ️· Bias: Vd = 4.6V, Id = 140 mA
    ️· Gain: ~18.0 - 17.2 dB (at 500-2000MHz)
    ️· S11: ~ -9 to -18 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 2.0 to 2.8 dB
    ️· Output IP3: ~ 42.0 dBm (measured with +7 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 21.5 dBm

    3. Application: 100 ~ 4700 MHz (Vd = +4.2 V, Id = 104 mA)

    ️· Frequency Range: 100 - 4700 MHz
    ️· Bias: Vd = 4.2V, Id = 104 mA
    ️· Gain: ~17.5 - 17.6 dB (across the frequency range)
    ️· S11: ~ -9 to -18 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 1.9 to 4.4 dB
    ️· Output IP3: ~ 37.0 dBm (measured with +4 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 20.0 dBm

    Key Observations & General Trends:

    ️· Bias Impact: The bias conditions (Vd and Id) have a significant effect on all performance parameters. Higher Id tends to give better IP3 and P1dB but might increase power consumption and impact noise figure.
    ️· IP3 & Tone Separation: The IP3 values are highly dependent on the power level of the input tones used during measurement. Lower tone separation will result in a higher IP3 value
    ️· Frequency Range and Gain: The amplifier's gain is not constant across its entire frequency range and can vary with frequency and the specific application circuit.
    ️· Noise Figure: The noise figure tends to increase at higher frequencies.

    Important Note: These specs *vary significantly* depending on the bias conditions (Vd and Id), which in turn affects the operating frequency range.

    1. Application: 500 ~ 3000 MHz (Vd = +4.2 V, Id = 104 mA)

    ️· Frequency Range: 500 - 3000 MHz
    ️· Bias: Vd = 4.2V, Id = 104 mA
    ️· Gain: ~17.5 - 17.0 dB (at 500-2000MHz)
    ️· S11: ~ -9 to -14 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 1.9 to 2.3 dB
    ️· Output IP3: ~ 37.0 dBm (measured with +4 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 20.0 dBm

    2. Application: 500 ~ 3000 MHz (Vd = +4.6 V, Id = 140 mA)

    ️· Frequency Range: 500 - 3000 MHz
    ️· Bias: Vd = 4.6V, Id = 140 mA
    ️· Gain: ~18.0 - 17.2 dB (at 500-2000MHz)
    ️· S11: ~ -9 to -18 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 2.0 to 2.8 dB
    ️· Output IP3: ~ 42.0 dBm (measured with +7 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 21.5 dBm

    3. Application: 100 ~ 4700 MHz (Vd = +4.2 V, Id = 104 mA)

    ️· Frequency Range: 100 - 4700 MHz
    ️· Bias: Vd = 4.2V, Id = 104 mA
    ️· Gain: ~17.5 - 17.6 dB (across the frequency range)
    ️· S11: ~ -9 to -18 dB
    ️· S22: ~ -10 to -20 dB
    ️· Noise Figure: ~ 1.9 to 4.4 dB
    ️· Output IP3: ~ 37.0 dBm (measured with +4 dBm/tone, 1 MHz separation)
    ️· Output P1dB: ~ 20.0 dBm

    Key Observations & General Trends:

    ️· Bias Impact: The bias conditions (Vd and Id) have a significant effect on all performance parameters. Higher Id tends to give better IP3 and P1dB but might increase power consumption and impact noise figure.
    ️· IP3 & Tone Separation: The IP3 values are highly dependent on the power level of the input tones used during measurement. Lower tone separation will result in a higher IP3 value
    ️· Frequency Range and Gain: The amplifier's gain is not constant across its entire frequency range and can vary with frequency and the specific application circuit.
    ️· Noise Figure: The noise figure tends to increase at higher frequencies.

    Part No.AWG3017_17
    ManufacturerASB
    Size973 Kbytes
    Pages21 pages
    Description50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC