Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16F818-E/SO Arkusz danych (PDF) - Microchip Technology

PIC16F818-E/SO Datasheet PDF - Microchip Technology
Numer części PIC16F818-E/SO
Pobierz  PIC16F818-E/SO Pobierz
Rozmiar pliku   3124.59 Kbytes
Page   176 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology

PIC16F818-E/SO Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PIC16F818-E/SO Datasheet PDF - Microchip Technology

Numer części PIC16F818-E/SO
Pobierz  PIC16F818-E/SO Click to download

Rozmiar pliku   3124.59 Kbytes
Page   176 Pages
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Szczegółowy opis 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology

PIC16F818-E/SO Arkusz danych (HTML) - Microchip Technology


PIC16F818-E/SO Szczegóły Produktu

DEVICE OVERVIEW

This document contains device specific information for the operation of the PIC16F818/819 devices. Additional information may be found in the “PICmicro® Mid-Range MCU Family Reference Manual” (DS33023) which may be downloaded from the Microchip web site. The Reference Manual should be considered a complementary document to this data sheet and is highly recommended reading for a better understanding of the device architecture and operation of the peripheral modules



Low-Power Features:

• Power-Managed modes:

   - Primary Run: XT, RC oscillator, 87 µA, 1 MHz, 2V

   - INTRC: 7 µA, 31.25 kHz, 2V

   - Sleep: 0.2 µA, 2V

• Timer1 oscillator: 1.8 µA, 32 kHz, 2V

• Watchdog Timer: 0.7 µA, 2V

• Wide operating voltage range:

   - Industrial: 2.0V to 5.5V



Oscillators:

• Three Crystal modes:

   - LP, XT, HS: up to 20 MHz

• Two External RC modes

• One External Clock mode:

   - ECIO: up to 20 MHz

• Internal oscillator block:

   - 8 user selectable frequencies: 31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz

  

Peripheral Features:

• 16 I/O pins with individual direction control

• High sink/source current: 25 mA

• Timer0: 8-bit timer/counter with 8-bit prescaler

• Timer1: 16-bit timer/counter with prescaler, can be incremented during Sleep via external crystal/clock

• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler

• Capture, Compare, PWM (CCP) module:

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10-bit

• 10-bit, 5-channel Analog-to-Digital converter

• Synchronous Serial Port (SSP) with SPI™ (Master/Slave) and I2C™ (Slave)



Special Microcontroller Features:

• 100,000 erase/write cycles Enhanced Flash program memory typical

• 1,000,000 typical erase/write cycles EEPROM data memory typical

• EEPROM Data Retention: > 40 years

• In-Circuit Serial ProgrammingTM (ICSPTM) via two pins

• Processor read/write access to program memory

• Low-Voltage Programming

• In-Circuit Debugging via two pins



 




Podobny numer części - PIC16F818-E/SO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SYC Electronica
PIC16F818-9 SYC-PIC16F818-9 Datasheet
2Mb / 175P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
logo
Microchip Technology
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818-ISO MICROCHIP-PIC16F818-ISO Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results


Podobny opis - PIC16F818-E/SO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F818 MICROCHIP-PIC16F818_13 Datasheet
2Mb / 178P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F819-IP MICROCHIP-PIC16F819-IP Datasheet
3Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F819-I MICROCHIP-PIC16F819-I Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F819T-E MICROCHIP-PIC16F819T-E Datasheet
1Mb / 176P
18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16LF819-I MICROCHIP-PIC16LF819-I Datasheet
1Mb / 176P
Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
More results




O Microchip Technology


Microchip Technology to amerykańska firma półprzewodników, która została założona w 1989 roku.
Firma zapewnia szeroką gamę produktów mikrokontrolerów, analogowych, pamięci i bezpieczeństwa dla różnych aplikacji na rynkach motoryzacyjnych, przemysłowych i konsumenckich.
Microchip jest jednym z największych dostawców mikrokontrolerów na świecie i jest znany ze swojej wiedzy w zakresie projektowania o niskiej mocy i skupienia się na technologiach oszczędzania energii.
Firma zapewnia również narzędzia programistyczne i oprogramowanie, które pomagają klientom projektować i prototypować ich produkty.
Microchip ma działalność w ponad 70 krajach, a jego produkty są wykorzystywane w szerokiej gamie zastosowań.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.