Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE858M Arkusz danych (PDF) - NTE Electronics

NTE858M Datasheet PDF - NTE Electronics
Numer części NTE858M
Pobierz  NTE858M Pobierz

Rozmiar pliku   28.16 Kbytes
Page   3 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier

NTE858M Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NTE858M Datasheet PDF - NTE Electronics

Numer części NTE858M
Pobierz  NTE858M Click to download

Rozmiar pliku   28.16 Kbytes
Page   3 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier

NTE858M Arkusz danych (HTML) - NTE Electronics

NTE858M Datasheet HTML 1Page - NTE Electronics NTE858M Datasheet HTML 2Page - NTE Electronics NTE858M Datasheet HTML 3Page - NTE Electronics

NTE858M Szczegóły Produktu



Description:

The NTE858M and NTE858SM are dual, low–noise JFET input operational amplifiers combining two state–of–the–art linear technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input devices for low input offset voltage. The BIFET technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents. Moreover, these devices exhibit low–noise and low harmonic distortion making them ideal for use in high–fidelity audio amplifier applications.



Features:

Available in Two Different Package Types:

   8–Lead Mini DIP (NTE858M)

   SOIC–8 Surface Mount (NTE858SM)

Low Input Noise Voltage: 18nV√HzTyp

Low Harmonic Distortion: 0.01% Typ

Low Input Bias and Offset Currents

High Input Impedance: 1012Ω Typ

High Slew Rate: 13V/µs Typ

Wide Gain Bandwidth: 4MHz Typ

Low Supply Current: 1.4mA per Amp




Podobny numer części - NTE858M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE8542 NTE-NTE8542 Datasheet
82Kb / 4P
   Integrated Circuit Tri−State Quad I/O Register
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
More results


Podobny opis - NTE858M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE937 NTE-NTE937 Datasheet
34Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
NTE Electronics
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com