Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4105CUR Arkusz danych (PDF) - Microsemi Corporation

1N4105CUR Datasheet PDF - Microsemi Corporation
Numer części 1N4105CUR
Pobierz  1N4105CUR Pobierz

Rozmiar pliku   189.46 Kbytes
Page   3 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4105CUR Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1N4105CUR Datasheet PDF - Microsemi Corporation

Numer części 1N4105CUR
Pobierz  1N4105CUR Click to download

Rozmiar pliku   189.46 Kbytes
Page   3 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4105CUR Arkusz danych (HTML) - Microsemi Corporation

1N4105CUR Datasheet HTML 1Page - Microsemi Corporation 1N4105CUR Datasheet HTML 2Page - Microsemi Corporation 1N4105CUR Datasheet HTML 3Page - Microsemi Corporation

1N4105CUR Szczegóły Produktu

DESCRIPTION

The 1N4099UR thru 1N4135UR and 1N4614UR thru 1N4627UR series of 0.5 watt glass surface mount DO-213AA Zener voltage regulators provides a selection from 1.8 to 100 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These are also available with an internal-metallurgical-bond option by adding a “-1” suffix (see separate data sheet) including JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.



FEATURES

• Surface mount equivalent to JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series

• Internal metallurgical bond option available by adding a “-1” suffix that also includes JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/435 (see separate data sheet for same part numbers with “-1” suffix)

• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 1.8 to 100 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Hermetically sealed surface mount package

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Minimal capacitance (see Figure 3)

• Inherently radiation hard as described in Microsemi MicroNote 050



 




Podobny numer części - 1N4105CUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4105CUR-1 MICROSEMI-1N4105CUR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results


Podobny opis - 1N4105CUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results




O Microsemi Corporation


Microsemi Corporation była amerykańską firmą specjalizującą się w projektowaniu i produkcji rozwiązań półprzewodników i systemów.
Firma została założona w 1960 roku i miała siedzibę w Aliso Viejo w Kalifornii.
Microsemi dostarczyło szeroką gamę produktów, w tym analogowe i mieszane obwody zintegrowane, produkowane tablice bram (FPGA), produkty zarządzania energią i kontrolą oraz inne roztwory półprzewodników.
Produkty firmy były wykorzystywane w różnych zastosowaniach, takich jak obrona i bezpieczeństwo, lotnictwo i lotnictwo, przemysł i komunikacja.
Microsemi było znane ze swojej wiedzy specjalistycznej w dziedzinie technologii półprzewodników i zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
W 2018 r. Microsemi zostało przejęte przez MicroChip Technology, wiodącego dostawcę produktów mikrokontrolerów, mieszanych, analogowych i bezpieczeństwa.
Marka Microsemi nie jest już używana, ale jej technologia i produkty są nadal częścią portfolio Microchip.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com