Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVXZ161284 Arkusz danych (PDF) - Fairchild Semiconductor

74LVXZ161284 Datasheet PDF - Fairchild Semiconductor
Numer części 74LVXZ161284
Pobierz  74LVXZ161284 Pobierz

Rozmiar pliku   340.17 Kbytes
Page   11 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection

74LVXZ161284 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74LVXZ161284 Datasheet PDF - Fairchild Semiconductor

Numer części 74LVXZ161284
Pobierz  74LVXZ161284 Click to download

Rozmiar pliku   340.17 Kbytes
Page   11 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection

74LVXZ161284 Arkusz danych (HTML) - Fairchild Semiconductor

Back Button 74LVXZ161284 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 9Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LVXZ161284 Szczegóły Produktu

General Description
The LVXZ161284 contains eight bidirectional data buffers and eleven control/status buffers to implement a full IEEE 1284 compliant interface. The device supports the IEEE 1284 standard and is intended to be used in an Extended Capabilities Port mode (ECP). The pinout allows for easy connection from the Peripheral (A-side) to the Host (cable side).

Features
■ Supports IEEE 1284 Level 1 and Level 2 signaling standards for bidirectional parallel communications between personal computers and printing peripherals
■ Translation capability allows outputs on the cable side to interface with 5V signals
■ All inputs have hysteresis to provide noise margin
■ B and Y output resistance optimized to drive external cable
■ B and Y outputs in high impedance mode during power down
■ C inputs and B, Y outputs on cable side have internal 1.4 kΩ pull-up resistors
■ Flow-through pin configuration allows easy interface between the “Peripheral and Host”
■ Replaces the function of two (2) 74ACT1284 devices
■ Power-up protection prevents errors when the printer is powered on but no valid signal is at the input pins (A9 - A13).




Podobny numer części - 74LVXZ161284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results


Podobny opis - 74LVXZ161284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com